Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SXX08VS3 Datasheet(PDF) 9 Page - Littelfuse

Part # SXX08VS3
Description  Excellent unidirectional switches for phase control applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SXX08VS3 Datasheet(HTML) 9 Page - Littelfuse

Back Button SXX08VS3 Datasheet HTML 3Page - Littelfuse SXX08VS3 Datasheet HTML 4Page - Littelfuse SXX08VS3 Datasheet HTML 5Page - Littelfuse SXX08VS3 Datasheet HTML 6Page - Littelfuse SXX08VS3 Datasheet HTML 7Page - Littelfuse SXX08VS3 Datasheet HTML 8Page - Littelfuse SXX08VS3 Datasheet HTML 9Page - Littelfuse SXX08VS3 Datasheet HTML 10Page - Littelfuse SXX08VS3 Datasheet HTML 11Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
237
©2010 Littelfuse, Inc
Revised: July 29, 2010 09:54 AM
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Sxx08xSx & Sxx08x Series
8 Amp Sensitive & Standard SCRs
Dimensions — TO-251AA (V/I-Package) — V/I-PAK Through Hole
Dimension
Inches
Millimeters
Min
Typ
Max
Min
Typ
Max
A
0.040
0.044
0.050
1.02
1.11
1.27
B
0.235
0.242
0.245
5.97
6.15
6.22
C
0.350
0.361
0.375
8.89
9.18
9.53
D
0.205
0.208
0.213
5.21
5.29
5.41
E
0.255
0.262
0.265
6.48
6.66
6.73
F
0.027
0.031
0.033
0.69
0.80
0.84
0.087
0.090
0.093
2.21
2.28
2.36
0.085
0.092
0.095
2.16
2.34
2.41
I
0.176
0.180
0.184
4.47
4.57
4.67
J
0.018
0.020
0.023
0.46
0.51
0.58
0.038
0.040
0.044
0.97
1.01
1.12
L
0.018
0.020
0.023
0.46
0.52
0.58
P
0.042
0.047
0.052
1.06
1.20
1.32
Q
0.034
0.039
0.044
0.86
1.00
1.11
R
0.034
0.039
0.044
0.86
1.00
1.11
S
0.074
0.079
0.084
1.86
2.00
2.11
AREA: 0.040 IN2
T
C MEASURING POINT
GATE
G
I
E
D
A
B
C
F
J
H
K
L
5.28
.208
5.34
.210
Anode
Cathode
Anode
P
Q
R
S
Dimensions — TO-252AA (D-Package) — D-PAK Surface Mount
Dimension
Inches
Millimeters
Min
Typ
Max
Min
Typ
Max
A
0.040
0.043
0.050
1.02
1.09
1.27
B
0.235
0.243
0.245
5.97
6.16
6.22
C
0.106
0.108
0.113
2.69
2.74
2.87
D
0.205
0.208
0.213
5.21
5.29
5.41
E
0.255
0.262
0.265
6.48
6.65
6.73
F
0.027
0.031
0.033
0.69
0.80
0.84
0.087
0.090
0.093
2.21
2.28
2.36
0.085
0.092
0.095
2.16
2.33
2.41
I
0.176
0.179
0.184
4.47
4.55
4.67
J
0.018
0.020
0.023
0.46
0.51
0.58
0.038
0.040
0.044
0.97
1.02
1.12
L
0.018
0.020
0.023
0.46
0.51
0.58
M
0.000
0.000
0.004
0.00
0.00
0.10
N
0.021
0.026
0.027
0.53
0.67
0.69
O
0°0°5°0°0°5°
P
0.042
0.047
0.052
1.06
1.20
1.32
Q
0.034
0.039
0.044
0.86
1.00
1.11
M
O
N
H
J
L
K
.118
3
.063
1.60
.071
1.80
.264
6.71
.264
6.71
.181
4.60
GATE
Anode
Cathode
Anode
T
C MEASURING POINT
G
I
D
E
A
B
C
F
5.28
.208
5.34
.210
: 0.040 IN2
AREA
P
Q


Similar Part No. - SXX08VS3

ManufacturerPart #DatasheetDescription
logo
Littelfuse
Sxx08VS3 LITTELFUSE-Sxx08VS3 Datasheet
793Kb / 11P
   Excellent unidirectional switches for phase control
More results

Similar Description - SXX08VS3

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SXX15L LITTELFUSE-SXX15L Datasheet
988Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX04DS1 LITTELFUSE-SXX04DS1 Datasheet
329Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX20L LITTELFUSE-SXX20L Datasheet
1,003Kb / 9P
   Excellent unidirectional switches for phase control applications
SXX35K LITTELFUSE-SXX35K Datasheet
195Kb / 7P
   Excellent unidirectional switches for phase control applications
SXX55R LITTELFUSE-SXX55R Datasheet
257Kb / 9P
   Excellent unidirectional switches for phase control applications
SXX65K LITTELFUSE-SXX65K Datasheet
207Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX06RS2 LITTELFUSE-SXX06RS2 Datasheet
417Kb / 11P
   Excellent unidirectional switches for phase control applications
SXX12R LITTELFUSE-SXX12R Datasheet
351Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX40R LITTELFUSE-SXX40R Datasheet
906Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX08XSX LITTELFUSE-SXX08XSX Datasheet
793Kb / 11P
   Excellent unidirectional switches for phase control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com