Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SXX06D Datasheet(PDF) 10 Page - Littelfuse

Part # SXX06D
Description  Excellent unidirectional switches for phase control applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SXX06D Datasheet(HTML) 10 Page - Littelfuse

Back Button SXX06D Datasheet HTML 3Page - Littelfuse SXX06D Datasheet HTML 4Page - Littelfuse SXX06D Datasheet HTML 5Page - Littelfuse SXX06D Datasheet HTML 6Page - Littelfuse SXX06D Datasheet HTML 7Page - Littelfuse SXX06D Datasheet HTML 8Page - Littelfuse SXX06D Datasheet HTML 9Page - Littelfuse SXX06D Datasheet HTML 10Page - Littelfuse SXX06D Datasheet HTML 11Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
226
Revised: July 29, 2010 09:54 AM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
6 Amp Sensitive & Standard SCRs
Sxx06xSx & Sxx06x Series
Dimensions — TO-220AB (R-Package) — Non-Isolated Mounting Tab Common with Center Lead
Dimension
Inches
Millimeters
Min
Max
Min
Max
A
0.380
0.420
9.65
10.67
B
0.105
0.115
2.67
2.92
C
0.230
0.250
5.84
6.35
D
0.590
0.620
14.99
15.75
E
0.142
0.147
3.61
3.73
F
0.110
0.130
2.79
3.30
0.540
0.575
13.72
14.61
0.025
0.035
0.64
0.89
J
0.195
0.205
4.95
5.21
0.095
0.105
2.41
2.67
L
0.060
0.075
1.52
1.91
M
0.085
0.095
2.16
2.41
N
0.018
0.024
0.46
0.61
O
0.178
0.188
4.52
4.78
P
0.045
0.060
1.14
1.52
R
0.038
0.048
0.97
1.22
K
J
A
H
G
B
F
E
C
D
L
R
T
C MEASURING POINT
ANODE
O
P
N
M
.276
7.01
.526
13.36
.320
8.13
AREA (REF.) 0.17 IN2
NOTCH IN
GATE LEAD
TO ID.
NON-ISOLATED
TAB
GATE
CATHODE
ANODE
Dimensions — TO-220AB (L-Package) — Isolated Mounting Tab
Dimension
Inches
Millimeters
Min
Max
Min
Max
A
0.380
0.420
9.65
10.67
B
0.105
0.115
2.67
2.92
C
0.230
0.250
5.84
6.35
D
0.590
0.620
14.99
15.75
E
0.142
0.147
3.61
3.73
F
0.110
0.130
2.79
3.30
0.540
0.575
13.72
14.61
0.025
0.035
0.64
0.89
J
0.195
0.205
4.95
5.21
0.095
0.105
2.41
2.67
L
0.060
0.075
1.52
1.91
M
0.085
0.095
2.16
2.41
N
0.018
0.024
0.46
0.61
O
0.178
0.188
4.52
4.78
P
0.045
0.060
1.14
1.52
R
0.038
0.048
0.97
1.22
A
H
G
B
F
E
C
D
L
R
T
C MEASURING POINT
AREA (REF.) 0.17 IN2
O
P
N
M
.320
8.13
.526
13.36
.276
7.01
K
J
GATE
CATHODE
ANODE
Note: Maximum torque to
be applied to mounting tab
is 8 in-lbs. (0.904 Nm).
Note: Maximum torque to
be applied to mounting tab
is 8 in-lbs. (0.904 Nm).


Similar Part No. - SXX06D

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SXX06XSX LITTELFUSE-SXX06XSX Datasheet
774Kb / 11P
   Excellent unidirectional switches for phase
More results

Similar Description - SXX06D

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SXX15L LITTELFUSE-SXX15L Datasheet
988Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX04DS1 LITTELFUSE-SXX04DS1 Datasheet
329Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX08RS2 LITTELFUSE-SXX08RS2 Datasheet
411Kb / 11P
   Excellent unidirectional switches for phase control applications
SXX20L LITTELFUSE-SXX20L Datasheet
1,003Kb / 9P
   Excellent unidirectional switches for phase control applications
SXX35K LITTELFUSE-SXX35K Datasheet
195Kb / 7P
   Excellent unidirectional switches for phase control applications
SXX55R LITTELFUSE-SXX55R Datasheet
257Kb / 9P
   Excellent unidirectional switches for phase control applications
SXX65K LITTELFUSE-SXX65K Datasheet
207Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX12R LITTELFUSE-SXX12R Datasheet
351Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX40R LITTELFUSE-SXX40R Datasheet
906Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX08XSX LITTELFUSE-SXX08XSX Datasheet
793Kb / 11P
   Excellent unidirectional switches for phase control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com