Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QXX25LH5TP Datasheet(PDF) 10 Page - Littelfuse

Part # QXX25LH5TP
Description  25 Amp bi-directional solid state switch series is designed for AC switching
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

QXX25LH5TP Datasheet(HTML) 10 Page - Littelfuse

Back Button QXX25LH5TP Datasheet HTML 3Page - Littelfuse QXX25LH5TP Datasheet HTML 4Page - Littelfuse QXX25LH5TP Datasheet HTML 5Page - Littelfuse QXX25LH5TP Datasheet HTML 6Page - Littelfuse QXX25LH5TP Datasheet HTML 7Page - Littelfuse QXX25LH5TP Datasheet HTML 8Page - Littelfuse QXX25LH5TP Datasheet HTML 9Page - Littelfuse QXX25LH5TP Datasheet HTML 10Page - Littelfuse QXX25LH5TP Datasheet HTML 11Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
126
Revised: May 10, 2010 09:33 PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
25 Amp Standard & Alternistor (High Commutation) Triacs
Qxx25xx & Qxx25xHx Series
Product Selector
Packing Options
Part Number
Voltage
Gate Sensitivity Quadrants
Package
400V
600V
800V
1000V
I - II - III
IV
Qxx25R5
XXXX
50 mA
120 mA (TYP)
TO-220R
Qxx25N5
XXXX
50 mA
120 mA (TYP)
TO-263 D2-Pak
Qxx25P5
X
X
50 mA
120 mA (TYP)
Fastpak
Qxx25RH5
X
X
X
50 mA
TO-220R
Qxx25LH5
X
X
X
50 mA
TO-220L
Qxx25NH5
X
X
X
50 mA
TO-263 D2-Pak
Qxx25R6
XXXX
80 mA
TO-220R
Qxx25L6
XXXX
80 mA
TO-220L
Qxx25NH6
XXXX
80 mA
TO-263 D2-Pak
Qxx25J6
X
X
X
80 mA
TO-218X
Qxx25K6
XXXX
80 mA
TO-218AC
Part Number
Marking
Weight
Packing Mode
Base Quantity
Qxx25R5
Qxx25R5
2.20g
Bulk
500
Qxx25R5TP
Qxx25R5
2.20g
Tube
500 (50 per tube)
Qxx25N5TP
Qxx25N5
1.60g
Tube
500 (50 per tube)
Qxx25N5RP
Qxx25N5
1.60g
Embossed Carrier
500
Qxx25RH5
Qxx25RH5
2.20g
Bulk
500
Qxx25RH5TP
Qxx25RH5
2.20g
Tube
500 (50 per tube)
Qxx25LH5
Qxx25LH5
2.20g
Bulk
500
Qxx25LH5TP
Qxx25LH5
2.20g
Tube
500 (50 per tube)
Qxx25NH5TP
Qxx25NH5
1.60g
Tube
500 (50 per tube)
Qxx25NH5RP
Qxx25NH5
1.60g
Embossed Carrier
500
Qxx25P5
Qxx25P5
21.4g
Bulk
200
Qxx25R6
Qxx25R6
2.20g
Bulk
500
Qxx25R6TP
Qxx25R6
2.20g
Tube
500 (50 per tube)
Qxx25L6
Qxx25L6
2.20g
Bulk
500
Qxx25L6TP
Qxx25L6
2.20g
Tube
500 (50 per tube)
Qxx25NH6TP
Qxx25NH6
1.60g
Tube
500 (50 per tube)
Qxx25NH6RP
Qxx25NH6
1.60g
Embossed Carrier
500
Qxx25J6TP
Qxx25J6
5.23g
Tube
250 (25 per tube)
Qxx25K6TP
Qxx25K6
4.40g
Tube
250 (25 per tube)


Similar Part No. - QXX25LH5TP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
QXX25LH5TP LITTELFUSE-QXX25LH5TP Datasheet
278Kb / 11P
   Teccor brand Thyristors
QXX25LH5TP LITTELFUSE-QXX25LH5TP Datasheet
278Kb / 11P
   25 Amp Standard Alternistor (High Commutation) Triacs
More results

Similar Description - QXX25LH5TP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LXX8E3 LITTELFUSE-LXX8E3 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
QXX12LH2 LITTELFUSE-QXX12LH2 Datasheet
923Kb / 8P
   12 Amp bi-directional solid state switch series is designed for AC switching
Q6006LH456 LITTELFUSE-Q6006LH456 Datasheet
1Mb / 14P
   6 Amp bi-directional solid state switch series is designed for AC switching
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
Q6004L4 LITTELFUSE-Q6004L4 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX10L4 LITTELFUSE-QXX10L4 Datasheet
967Kb / 9P
   10 Amp bi-directional solid state switch series is designed for AC switching
QXX40KH6 LITTELFUSE-QXX40KH6 Datasheet
216Kb / 7P
   40 Amp bi-directional solid state switch series is designed for AC switching
QXX35P5 LITTELFUSE-QXX35P5 Datasheet
925Kb / 9P
   30 Amp / 35 Amp bi-directional solid state switch series is designed for AC switching
LX08L6 LITTELFUSE-LX08L6 Datasheet
435Kb / 14P
   8 Amp bi-directional solid state switch series is designed for AC switching and phase
Q6016LH456 LITTELFUSE-Q6016LH456 Datasheet
974Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com