Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QXX35NH5RP Datasheet(PDF) 5 Page - Littelfuse

Part # QXX35NH5RP
Description  30 Amp / 35 Amp bi-directional solid state switch series is designed for AC switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

QXX35NH5RP Datasheet(HTML) 5 Page - Littelfuse

  QXX35NH5RP Datasheet HTML 1Page - Littelfuse QXX35NH5RP Datasheet HTML 2Page - Littelfuse QXX35NH5RP Datasheet HTML 3Page - Littelfuse QXX35NH5RP Datasheet HTML 4Page - Littelfuse QXX35NH5RP Datasheet HTML 5Page - Littelfuse QXX35NH5RP Datasheet HTML 6Page - Littelfuse QXX35NH5RP Datasheet HTML 7Page - Littelfuse QXX35NH5RP Datasheet HTML 8Page - Littelfuse QXX35NH5RP Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
141
Revised: November 1, 2010 05:04 PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
35 Amp Standard & 30 / 35 Amp Alternistor (High Commutation) Triacs
Qxx30xHx & Qxx35xx & Qxx35xHx Series
110
100
1000
10
Surge Current Duration – Full Cycles
1
100
1000
Qxx35RH5
Qxx35NH5
Qxx35P5
Qxx30LH5
Figure 8: Surge Peak On-State Current vs. Number of Cycles
Supply Frequency: 60Hz Sinusoidal
Load: Resistive
RMS On-State [I
T(RMS)]: Max Rated Value at
Specific Case Temperature
Notes:
1) Gate control may be lost during and
immediately following surge current interval.
2) Overload may not be repeated until junction
temperature has returned to steady-state
rated value.
Soldering Parameters
Reflow Condition
Pb – Free assembly
Pre Heat
-Temperature Min (T
s(min))
150°C
-Temperature Max (T
s(max))
200°C
-Time (min to max) (t
s)
60 – 180 secs
Average ramp up rate (LiquidusTemp)
(T
L) to peak
5°C/second max
T
S(max) to TL - Ramp-up Rate
5°C/second max
Reflow
-Temperature (T
L) (Liquidus)
217°C
-Time (min to max) (t
s)
60 – 150 seconds
PeakTemperature (T
P)
260+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
20 – 40 seconds
Ramp-down Rate
5°C/second max
Time 25°C to peakTemperature (T
P)
8 minutes Max.
Do not exceed
280°C
Note: xx = voltage
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
Preheat
Preheat
Ramp-up
Ramp-up
Ramp-down
Ramp-do


Similar Part No. - QXX35NH5RP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
QXX3 LITTELFUSE-QXX3 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
More results

Similar Description - QXX35NH5RP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LXX8E3 LITTELFUSE-LXX8E3 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
QXX12LH2 LITTELFUSE-QXX12LH2 Datasheet
923Kb / 8P
   12 Amp bi-directional solid state switch series is designed for AC switching
Q6006LH456 LITTELFUSE-Q6006LH456 Datasheet
1Mb / 14P
   6 Amp bi-directional solid state switch series is designed for AC switching
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX10L4 LITTELFUSE-QXX10L4 Datasheet
967Kb / 9P
   10 Amp bi-directional solid state switch series is designed for AC switching
QXX40KH6 LITTELFUSE-QXX40KH6 Datasheet
216Kb / 7P
   40 Amp bi-directional solid state switch series is designed for AC switching
QXX25R5 LITTELFUSE-QXX25R5 Datasheet
278Kb / 11P
   25 Amp bi-directional solid state switch series is designed for AC switching
Q6004L4 LITTELFUSE-Q6004L4 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
Q6016LH456 LITTELFUSE-Q6016LH456 Datasheet
974Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
QXX15L5 LITTELFUSE-QXX15L5 Datasheet
1,006Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com