Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXFA230N075T2 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXFA230N075T2
Description  TrenchT2 HiperFET Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFA230N075T2 Datasheet(HTML) 4 Page - IXYS Corporation

  IXFA230N075T2 Datasheet HTML 1Page - IXYS Corporation IXFA230N075T2 Datasheet HTML 2Page - IXYS Corporation IXFA230N075T2 Datasheet HTML 3Page - IXYS Corporation IXFA230N075T2 Datasheet HTML 4Page - IXYS Corporation IXFA230N075T2 Datasheet HTML 5Page - IXYS Corporation IXFA230N075T2 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IXFA230N075T2
IXFP230N075T2
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
Fig. 7. Input Admittance
0
20
40
60
80
100
120
140
160
3.5
4.0
4.5
5.0
5.5
6.0
6.5
VGS - Volts
TJ = 150ºC
25ºC
- 40ºC
Fig. 8. Transconductance
0
20
40
60
80
100
120
140
0
20406080
100
120
140
160
ID - Amperes
TJ = - 40ºC
150ºC
25ºC
Fig. 9. Forward Voltage Drop of Intrinsic Diode
0
30
60
90
120
150
180
210
240
270
300
0.40.5
0.60.7
0.80.9
1.01.1
1.21.3
VSD - Volts
TJ = 150ºC
TJ = 25ºC
Fig. 10. Gate Charge
0
1
2
3
4
5
6
7
8
9
10
0
20
40
60
80
100
120
140
160
180
QG - NanoCoulombs
VDS = 38V
I D = 115A
I G = 10mA
Fig. 11. Capacitance
100
1,000
10,000
100,000
0
5
10
15
20
25
30
35
40
VDS - Volts
f = 1 MHz
Ciss
Crss
Coss
Fig. 12. Forward-Bias Safe Operating Area
1
10
100
1000
110
100
VDS - Volts
External Lead Current Limit
25µs
100µs
1ms
10ms
100ms
DC
RDS(on) Limit


Similar Part No. - IXFA230N075T2

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXFA230N075T2 ISC-IXFA230N075T2 Datasheet
299Kb / 2P
   isc N-Channel MOSFET Transistor
logo
IXYS Corporation
IXFA230N075T2-7 IXYS-IXFA230N075T2-7 Datasheet
179Kb / 6P
   TrenchT2 HiperFET Power MOSFET
More results

Similar Description - IXFA230N075T2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH150N17T2 IXYS-IXFH150N17T2 Datasheet
186Kb / 6P
   TrenchT2 HiperFET Power MOSFET
IXFH340N075T2 IXYS-IXFH340N075T2 Datasheet
187Kb / 6P
   TrenchT2 HiPerFET Power MOSFET
IXFH160N15T2 IXYS-IXFH160N15T2 Datasheet
200Kb / 6P
   TrenchT2 HiperFET Power MOSFET
IXFH400N075T2 IXYS-IXFH400N075T2 Datasheet
194Kb / 6P
   TrenchT2 HiperFET Power MOSFET
IXFA76N15T2 IXYS-IXFA76N15T2 Datasheet
186Kb / 6P
   TrenchT2 HiperFET Power MOSFET
IXFA180N10T2 IXYS-IXFA180N10T2 Datasheet
213Kb / 6P
   TrenchT2 HiperFET Power MOSFET
IXFA230N075T2-7 IXYS-IXFA230N075T2-7 Datasheet
179Kb / 6P
   TrenchT2 HiperFET Power MOSFET
IXFH230N075T2 IXYS-IXFH230N075T2 Datasheet
169Kb / 6P
   TrenchT2 HiperFET Power MOSFET
IXFA110N15T2 IXYS-IXFA110N15T2 Datasheet
210Kb / 6P
   TrenchT2 HiperFET Power MOSFET
IXFA130N10T2 IXYS-IXFA130N10T2 Datasheet
188Kb / 6P
   TrenchT2 HiperFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com