Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P0080Q12ALRP Datasheet(PDF) 2 Page - Littelfuse

Part # P0080Q12ALRP
Description  Q2L Series 3x3 QFN are low capacitance SIDACtor짰 devices designed to protect
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P0080Q12ALRP Datasheet(HTML) 2 Page - Littelfuse

  P0080Q12ALRP Datasheet HTML 1Page - Littelfuse P0080Q12ALRP Datasheet HTML 2Page - Littelfuse P0080Q12ALRP Datasheet HTML 3Page - Littelfuse P0080Q12ALRP Datasheet HTML 4Page - Littelfuse P0080Q12ALRP Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SIDACtor® ProtectionThyristors
59
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Broadband OptimizedProtection
Surge Ratings
Electrical Characteristics (continued)
Package
Symbol
Parameter
Value
Unit
3x3 QFN
T
J
Operating Junction Temperature Range
°C
T
S
Storage Temperature Range
°C
R
0JA
Thermal Resistance: Junction to Ambient
120
°C/W
Thermal Considerations
Series
I
pp
I
TSM
di/dt
2x10μs
1.2x50μs/8x20μs
10x160μs
10x560μs
10x1000μs
50 / 60 Hz
A min
A min
A min
A min
A min
A min
A/μs max
A150
150
90
50
45
20
500
B
250
250
150
100
80
25
500
Part Number
Marking
V
DRM
@l
DRM=5μA
V
S
@100V/μs
I
H
I
S
I
T
V
T@ IT =
2.2Amps
Capacitance
@1MHz, 2V bias
V min
V max
mA min mA max
A max
V max
pF min pF max
P0080Q12BLRP
P-8B
6
25
50
800
2.2
5
25
55
P0300Q12BLRP
P03B
25
40
50
800
2.2
5
15
35
P0640Q12BLRP
P06B
58
77
150
800
2.2
5
40
60
P0720Q12BLRP
P07B
65
88
150
800
2.2
5
40
60
P0900Q12BLRP
P09B
75
98
150
800
2.2
5
35
55
P1100Q12BLRP
P11B
90
130
150
800
2.2
5
30
50
P1300Q12BLRP
P13B
120
160
150
800
2.2
5
25
45
P1500Q12BLRP
P15B
140
180
150
800
2.2
5
25
40
P1800Q12BLRP
P18B
170
220
150
800
2.2
5
25
35
P2300Q12BLRP
P23B
190
260
150
800
2.2
5
25
35
P2600Q12BLRP
P26B
220
300
150
800
2.2
5
25
35
P3100Q12BLRP
P31B
275
350
150
800
2.2
5
20
35
P3500Q12BLRP
P35B
320
400
150
800
2.2
5
20
30
Notes:
- Absolute maximum ratings measured at T
A= 25ºC (unless otherwise noted).
- Devices are bi-directional (unless otherwise noted).
Notes:
- Peak pulse current rating (I
PP) is repetitive and guaranteed for the life of the product.
- I
PP
- The device must initially be in thermal equilibrium with -40°C < T
J <


Similar Part No. - P0080Q12ALRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0080Q12ALRP LITTELFUSE-P0080Q12ALRP Datasheet
421Kb / 4P
   Q2L Series SIDACtor Device
More results

Similar Description - P0080Q12ALRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0080Q22CLRP LITTELFUSE-P0080Q22CLRP_11 Datasheet
135Kb / 4P
   Q2L Series 3.3x3.3 QFN are low capacitance SIDACtor짰 devices designed to protect
P0080ECMCLXXX LITTELFUSE-P0080ECMCLXXX Datasheet
147Kb / 4P
   MC Series TO-92 are low capacitance SIDACtor짰 devices designed to protect
P0080SAMCLRP LITTELFUSE-P0080SAMCLRP Datasheet
135Kb / 4P
   MC Series DO-214 are low capacitance SIDACtor짰 devices designed to protect
T10A060BXX LITTELFUSE-T10A060BXX Datasheet
129Kb / 4P
   T10A Series are SIDACtor짰 devices designed protect baseband
T10B080BXX LITTELFUSE-T10B080BXX Datasheet
121Kb / 4P
   T10B Series are SIDACtor짰 devices designed protect baseband equipment
logo
DONGGUAN YOU FENG WEI E...
P0080SA-SMB YFWDIODE-P0080SA-SMB Datasheet
768Kb / 5P
   SIDACtor짰 Series DO-214AA are designed to protect
logo
Littelfuse
P0642SALRP LITTELFUSE-P0642SALRP Datasheet
142Kb / 5P
   TwinChip??Series DO-214 are very low capacitance SIDACtor짰 devices designed
P0084UCMCLXX LITTELFUSE-P0084UCMCLXX Datasheet
152Kb / 5P
   MC Multiport Series MS-013 are low capacitance SIDACtor짰 devices designed
P0080EALXXX LITTELFUSE-P0080EALXXX Datasheet
157Kb / 5P
   SIDACtor짰 Series TO-92 are designed to protect baseband equipment
P0602AALXX LITTELFUSE-P0602AALXX Datasheet
145Kb / 5P
   The SIDACtor짰 Series Modified TO-220 are designed to protect baseband
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com