Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P3500ECMCLXXX Datasheet(PDF) 4 Page - Littelfuse

Part # P3500ECMCLXXX
Description  MC Series TO-92 are low capacitance SIDACtor짰 devices designed to protect
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P3500ECMCLXXX Datasheet(HTML) 4 Page - Littelfuse

  P3500ECMCLXXX Datasheet HTML 1Page - Littelfuse P3500ECMCLXXX Datasheet HTML 2Page - Littelfuse P3500ECMCLXXX Datasheet HTML 3Page - Littelfuse P3500ECMCLXXX Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SIDACtor® ProtectionThyristors
79
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Broadband OptimizedProtection
Package
Type
Description
Packing Options
Quantity
Added Suffix
Lead Spacing
Industry Standard
E
TO-92 Tape and Reel Pack
2000
RP1
0.1 inch (2.54mm)
EIA-481-D
RP2
0.2 inch (5.08mm)
TO-92 Ammo Pack
AP
(Not applicable)
EIA-468-B
TO-92 Bulk Pack
N/A
(Not applicable)
N/A
Packing Options
All leads are insulated from case. Case is electri-
cally non-conductive. (Rated at 1600 V
(AC) RMS for
one minute from leads to case over the operating
temperature range.)
Mold flash shall not exceed 0.13 mm per side.
A
B
Temperature
Measurement Point
MT2/PIN 3
MT1/PIN 1
E
H
G
D
K
J
L
M
N
The TO-92 is designed to meet
mechanical standards as set forth
in JEDEC publication number 95.
Inches
Millimeters
Min
Max
Min
Max
A
0.176
0.196
4.47
4.98
B
0.500
12.70
D
0.095
0.105
2.41
2.67
E
0.150
3.81
G
0.135
0.145
3.43
3.68
H
0.088
0.096
2.23
2.44
J
0.176
0.186
4.47
4.73
K
0.088
0.096
2.23
2.44
L
0.013
0.019
0.33
0.48
M
0.013
0.017
0.33
0.43
N
0.60
1.52
Dimensions — TO-92
Tape and Reel Specification — TO-92
Inches
Millimeters
Min
Max
Min
Max
A
N/A
14.173
N/A
360.0
B
4.016
N/A
102.0
N/A
C
3.386
N/A
86.0
N/A
D
0.795
N/A
20.2
N/A
W1
1.181
1.968
30.0
50.0
P
0.496
0.504
12.60
12.80
P0
0.498
0.502
12.65
12.75
F(for RP1)
0.090
0.110
2.29
2.80
F(for RP2)
0.182
0.244
4.63
6.19
H
N/A
1.673
N/A
42.50
H1
N/A
1.270
N/A
32.26
W
0.674
0.763
17.12
19.38
W2
0.354
0.370
8.25
9.75
W3
0.236
N/A
6.00
N/A
W4
0.020
N/A
0.50
N/A
Ammo Pack Specification — TO-92
Flat down
25 Devices per fold
0.708
(18.0)
1.27
(32.2)
0.125 (3.2) MAX
1.62
(41.2)
MAX
0.50
(12.7)
0.354
(9.0)
0.236
(6.0)
0.02 (0.5)
0.20 (5.08)
0.50
(12.7)
0.25
(6.35)
Direction
of Feed
Dimensions
are in inches
(and millimeters).
1.7
(43)
12.9
(327)
6.9
(175)
1.7
(43)
0.157 DIA
(4.0)
A
B
D
C
W1
FLAT SIDE
OF TO-92
ROUND SIDE
OF TO-92
H
W3
W
W4
H1
W2
P
P0
F
(RP1)
F
(RP2)


Similar Part No. - P3500ECMCLXXX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P3500ECMCL LITTELFUSE-P3500ECMCL Datasheet
101Kb / 3P
   MicroCapacitance SIDACtor Device
logo
HuaXinAn Electronics CO...
P3500ECMCL HUAXINAN-P3500ECMCL Datasheet
332Kb / 6P
   SIDACtor Protection Thyristors
More results

Similar Description - P3500ECMCLXXX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0080SAMCLRP LITTELFUSE-P0080SAMCLRP Datasheet
135Kb / 4P
   MC Series DO-214 are low capacitance SIDACtor짰 devices designed to protect
P0080Q22CLRP LITTELFUSE-P0080Q22CLRP_11 Datasheet
135Kb / 4P
   Q2L Series 3.3x3.3 QFN are low capacitance SIDACtor짰 devices designed to protect
P0080Q12ALRP LITTELFUSE-P0080Q12ALRP_11 Datasheet
143Kb / 5P
   Q2L Series 3x3 QFN are low capacitance SIDACtor짰 devices designed to protect
P0080EALXXX LITTELFUSE-P0080EALXXX Datasheet
157Kb / 5P
   SIDACtor짰 Series TO-92 are designed to protect baseband equipment
P0084UCMCLXX LITTELFUSE-P0084UCMCLXX Datasheet
152Kb / 5P
   MC Multiport Series MS-013 are low capacitance SIDACtor짰 devices designed
P1553ACMCLXX LITTELFUSE-P1553ACMCLXX Datasheet
1Mb / 4P
   Balanced MC Series Modified TO-220 are low capacitance SIDACtor짰 devices
T10A060BXX LITTELFUSE-T10A060BXX Datasheet
129Kb / 4P
   T10A Series are SIDACtor짰 devices designed protect baseband
logo
DONGGUAN YOU FENG WEI E...
P0080SA-SMB YFWDIODE-P0080SA-SMB Datasheet
768Kb / 5P
   SIDACtor짰 Series DO-214AA are designed to protect
logo
Littelfuse
T10B080BXX LITTELFUSE-T10B080BXX Datasheet
121Kb / 4P
   T10B Series are SIDACtor짰 devices designed protect baseband equipment
P0602AALXX LITTELFUSE-P0602AALXX Datasheet
145Kb / 5P
   The SIDACtor짰 Series Modified TO-220 are designed to protect baseband
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com