Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P0304UALXX Datasheet(PDF) 3 Page - Littelfuse

Part # P0304UALXX
Description  SIDACtor짰 Multiport Series MS-013 are designed to protect baseband equipment
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P0304UALXX Datasheet(HTML) 3 Page - Littelfuse

  P0304UALXX Datasheet HTML 1Page - Littelfuse P0304UALXX Datasheet HTML 2Page - Littelfuse P0304UALXX Datasheet HTML 3Page - Littelfuse P0304UALXX Datasheet HTML 4Page - Littelfuse P0304UALXX Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SIDACtor® ProtectionThyristors
145
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Baseband Protection (Voice-DS1)
IH
IT
IS
IDRM
VDRM
VT
+V
-V
+I
-I
VS
50
100
0
tr
td
0
Peak
Value
Half Value
t – Time (μs)
tr = rise time to peak value
td = decay time to half value
Waveform = tr x td
V-I Characteristics
t
r x td Pulse Waveform
25°C
CaseTemperature (T
C) - ºC
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
-40
-20
0
20
40
60
80
100 120 140 160
Normalized V
S Change vs. Junction Temperature
Normalized DC Holding Current vs. Case Temperature
Surge Ratings
I
PP
I
TSM
di/dt
0.2x310 1
0.5x700 2
2x10 1
2x10 2
8x20 1
1.2x50 2
10x160 1
10x160 2
10x560 1
10x560 2
5x320 1
9x720 2
10x360 1
10x360 2
10x1000 1
10x1000 2
5x310 1
10x700 2
50/60 Hz
A min
A min
A min
A min
A min
A min
A min
A min
A min
A min
A/μs max
A
20
150
150
90
507575
45
7520
500
C
50
500
400
200
150
200
175
100
200
30
500
Package
Symbol
Parameter
Value
Unit
Modified MS-013
1
2
3
6
5
4
T
J
Operating Junction Temperature Range
°C
T
S
Storage Temperature Range
°C
R
0JA
Thermal Resistance: Junction to Ambient
60
°C/W
Thermal Considerations
-8
-40 -20
0
20 40 60 80 100 120 140 160
-6
-4
0
2
4
6
8
10
12
14
JunctionTemperature (TJ) – °C
25 °C
Notes:
1 Current waveform in μs
2 Voltage waveform in μs
- Peak pulse current rating (I
PP) is repetitive and guaranteed for the life of the product.
- I
PP
- The device must initially be in thermal equilibrium with -40°C < T
J <


Similar Part No. - P0304UALXX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0304UALxx LITTELFUSE-P0304UALxx Datasheet
155Kb / 5P
   SIDACtor Multiport Series - MS-013
More results

Similar Description - P0304UALXX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P1104UCLRP LITTELFUSE-P1104UCLRP Datasheet
155Kb / 5P
   SIDACtor짰 Multiport Series - MS-013
P0084UCMCLXX LITTELFUSE-P0084UCMCLXX Datasheet
152Kb / 5P
   MC Multiport Series MS-013 are low capacitance SIDACtor짰 devices designed
P0080EALXXX LITTELFUSE-P0080EALXXX Datasheet
157Kb / 5P
   SIDACtor짰 Series TO-92 are designed to protect baseband equipment
A2106UC6LTP LITTELFUSE-A2106UC6LTP Datasheet
156Kb / 5P
   SIDACtor짰 Balanced Multiport Series - MS-013
T10B080BXX LITTELFUSE-T10B080BXX Datasheet
121Kb / 4P
   T10B Series are SIDACtor짰 devices designed protect baseband equipment
T10A060BXX LITTELFUSE-T10A060BXX Datasheet
129Kb / 4P
   T10A Series are SIDACtor짰 devices designed protect baseband
P0602AALXX LITTELFUSE-P0602AALXX Datasheet
145Kb / 5P
   The SIDACtor짰 Series Modified TO-220 are designed to protect baseband
P0084UALRP LITTELFUSE-P0084UALRP Datasheet
155Kb / 5P
   SIDACtor Multiport Series - MS-013
logo
DONGGUAN YOU FENG WEI E...
P0080SA-SMB YFWDIODE-P0080SA-SMB Datasheet
768Kb / 5P
   SIDACtor짰 Series DO-214AA are designed to protect
logo
Littelfuse
P2604UARP LITTELFUSE-P2604UARP Datasheet
155Kb / 5P
   SIDACtor Multiport Series - MS-013
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com