Electronic Components Datasheet Search |
|
P0640ECMCLXXX Datasheet(PDF) 1 Page - Littelfuse |
|
P0640ECMCLXXX Datasheet(HTML) 1 Page - Littelfuse |
1 / 4 page SIDACtor® ProtectionThyristors 76 Revised: February 22, 2011 © 2011 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information. Broadband Optimized™ Protection Description MC Series TO-92 are low capacitance SIDACtor® devices designed to protect broadband CPE equipment such as VoIP and DSL Modems from damaging overvoltage transients. The series provides a through-hole solution that enables CPE equipment to comply with global regulatory standards while limiting the impact to broadband signals. Electrical Characteristics Applicable Global Standards Features and Benefits MC Series - TO-92 Agency Approvals Agency Agency File Number E133083 Schematic Symbol Pinout Designation Part Number Marking V DRM @l DRM=5μA V S @100V/μs I H I S I T V T @I T=2.2 Amps Capacitance @1MHz, 2V bias V min V max mA min mA max A max V max pF min pF max P0080ECMCLxxx P0080ECMC 6 25 50 800 2.2 4 35 75 P0300ECMCLxxx P0300ECMC 25 40 50 800 2.2 4 25 45 P0640ECMCLxxx P0640ECMC 58 77 150 800 2.2 4 55 85 P0720ECMCLxxx P0720ECMC 65 88 150 800 2.2 4 50 75 P0900ECMCLxxx P0900ECMC 75 98 150 800 2.2 4 45 70 P1100ECMCLxxx P1100ECMC 90 130 150 800 2.2 4 45 70 P1300ECMCLxxx P1300ECMC 120 160 150 800 2.2 4 40 60 P1500ECMCLxxx P1500ECMC 140 180 150 800 2.2 4 35 55 P1800ECMCLxxx P1800ECMC 170 220 150 800 2.2 4 35 50 P2300ECMCLxxx P2300ECMC 190 260 150 800 2.2 4 30 50 P2600ECMCLxxx P2600ECMC 220 300 150 800 2.2 4 30 45 P3100ECMCLxxx P3100ECMC 275 350 150 800 2.2 4 30 45 P3500ECMCLxxx P3500ECMC 320 400 150 800 2.2 4 25 40 TIA-968-A TIA-968-B ITU K.20/21 Enhanced Level ITU K.20/21 Basic Level GR 1089 Inter-building GR 1089 Intra-building IEC 61000-4-5 YD/T 1082 YD/T 993 YD/T 950 Pin 1 Pin 3 Low voltage overshoot Low on-state voltage Does not degrade with use Fails short circuit when surged in excess of ratings 40% lower capacitance than our Baseband Protectors, for applications that demand greater signal integrity Notes: - Absolute maximum ratings measured at T A= 25ºC (unless otherwise noted). - Devices are bi-directional (unless otherwise noted). - XXX Part Number Suffix: ‘AP’ (Ammo Pack), or ‘RP1’ or ‘RP2’ (Reel Pack),. |
Similar Part No. - P0640ECMCLXXX |
|
Similar Description - P0640ECMCLXXX |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |