Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPI-238-18 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # SPI-238-18
Description  Ultraminiature photointerrupter (single-transistor type)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SPI-238-18 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  SPI-238-18 Datasheet HTML 1Page - Sanyo Semicon Device SPI-238-18 Datasheet HTML 2Page - Sanyo Semicon Device SPI-238-18 Datasheet HTML 3Page - Sanyo Semicon Device SPI-238-18 Datasheet HTML 4Page - Sanyo Semicon Device SPI-238-18 Datasheet HTML 5Page - Sanyo Semicon Device SPI-238-18 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SPI-238-18
No.6026 4/6
3
1
2
Ph.Tr
LED
0.25
5.9
± 0.3
4.5
± 0.3
3 -- 0.4
3
± 0.3
6
± 0.3
4.5
1.5
1.5
1
1
Optical C /L
Injection gate
2.5
g recommended mounting dimension (S=5/1)
t=1.6mm
5
Tolerance :
±0.2
Unit : mm
0.6,
Max 0.1
Pin connection
1. Ph. Tr Collector
2. Common (Cathode)
3. LED Anode
Pin No.


Similar Part No. - SPI-238-18

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
SPI-230G SPI-SPI-230G Datasheet
443Kb / 2P
   Complied with AT standard
logo
Sanyo Semicon Device
SPI-235-19 SANYO-SPI-235-19 Datasheet
37Kb / 6P
   Ultraminiature photointerrupter (single-transistor type)
SPI-236-17 SANYO-SPI-236-17 Datasheet
37Kb / 6P
   Ultraminiature photointerrupter (single-transistor type)
More results

Similar Description - SPI-238-18

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SPI-235-19 SANYO-SPI-235-19 Datasheet
37Kb / 6P
   Ultraminiature photointerrupter (single-transistor type)
SPI-236-17 SANYO-SPI-236-17 Datasheet
37Kb / 6P
   Ultraminiature photointerrupter (single-transistor type)
logo
Rohm
RPI-125 ROHM-RPI-125 Datasheet
67Kb / 2P
   Photointerrupter, Ultraminiature type
RPI-122 ROHM-RPI-122_05 Datasheet
80Kb / 2P
   Photointerrupter, Ultraminiature type
RP-SMA ROHM-RP-SMA Datasheet
54Kb / 2P
   Photointerrupter, Ultraminiature type
RPI-124 ROHM-RPI-124_05 Datasheet
73Kb / 2P
   Photointerrupter, Ultraminiature type
RPI-124A ROHM-RPI-124A Datasheet
54Kb / 2P
   Photointerrupter, Ultraminiature type
RPI-124F ROHM-RPI-124F Datasheet
54Kb / 2P
   Photointerrupter, Ultraminiature type
RPI-121 ROHM-RPI-121_05 Datasheet
75Kb / 2P
   Photointerrupter, Ultraminiature type
PRI-129B ROHM-PRI-129B Datasheet
96Kb / 3P
   Photointerrupter, Ultraminiature DIP type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com