Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG6741 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # SG6741
Description  Highly Integrated Green-Mode PWM Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SG6741 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button SG6741 Datasheet HTML 4Page - Fairchild Semiconductor SG6741 Datasheet HTML 5Page - Fairchild Semiconductor SG6741 Datasheet HTML 6Page - Fairchild Semiconductor SG6741 Datasheet HTML 7Page - Fairchild Semiconductor SG6741 Datasheet HTML 8Page - Fairchild Semiconductor SG6741 Datasheet HTML 9Page - Fairchild Semiconductor SG6741 Datasheet HTML 10Page - Fairchild Semiconductor SG6741 Datasheet HTML 11Page - Fairchild Semiconductor SG6741 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
SG6741 • Rev. 1.3.3
8
Functional Description
Startup Current
For startup, the HV pin is connected to the line input or
bulk capacitor through an external resistor, RHV, which
is recommended as 100KΩ. Typical startup current
drawn from pin HV is 2mA and it charges the hold-up
capacitor through the resistor RHV. When the VDD
capacitor level reaches VDD-ON, the startup current
switches off. At that moment, the VDD capacitor only
supplies the SG6741 to maintain the VDD before the
auxiliary winding of the main transformer to carry on
provide the operating current.
Operating Current
Operating current is around 4mA. The low operating
current enables better efficiency and reduces the
requirement of VDD hold-up capacitance.
Green-Mode Operation
The patented green-mode function provides an off-time
modulation to reduce switching frequency in light-load
and no-load conditions. The on time is limited for better
abnormal or brownout protection. VFB, which is derived
from the voltage feedback loop, is used as the
reference. Once VFB is lower than the threshold voltage,
switching frequency is continuously decreased to the
minimum
green-mode
frequency,
around
22KHz
(RI=26KΩ).
Oscillator Operation
A resistor connected from the RI pin to the GND pin
generates a constant current source for the controller.
This current is used to determine the center PWM
frequency. Increasing the resistance reduces PWM
frequency. Using a 26KΩ resistor RI results in a
corresponding 65KHz PWM frequency. The relationship
between RI and the switching frequency is:
(KHz)
)
(K
I
R
1690
PWM
f
Ω
=
(1)
The range of the PWM oscillation frequency is designed
as 47kHz ~ 109kHz.
Current Sensing / PWM Current Limiting
Peak-current-mode control is utilized in SG6741 to
regulate output voltage and provide pulse-by-pulse
current limiting. The switch current is detected by a
sense resistor into the SENSE pin. The PWM duty cycle
is determined by this current-sense signal and VFB, the
feedback voltage. When the voltage on the SENSE pin
reaches around VCOMP = (VFB–1.2)/3.2, the switch cycle
is terminated immediately. VCOMP is internally clamped
to a variable voltage around 0.85V for output power
limit.
Leading-Edge Blanking (LEB)
Each time the power MOSFET is switched on, a turn-on
spike occurs on the sense-resistor. To avoid premature
termination of the switching pulse, a leading-edge
blanking time is built in. During this blanking period, the
current-limit comparator is disabled and cannot switch
off the gate driver.
Under-Voltage Lockout (UVLO)
The turn-on and turn-off thresholds are fixed internally
at 16.5V/10.5V. During startup, the hold-up capacitor
must be charged to 16.5V through the startup resistor
so that IC is enabled. The hold-up capacitor continues
to supply VDD before the energy can be delivered from
auxiliary winding of the main transformer. VDD must not
drop below 10.5V during this startup process. This
UVLO hysteresis window ensures that hold-up capacitor
is adequate to supply VDD during startup.
Gate Output / Soft Driving
The SG6741 BiCMOS output stage is a fast totem pole
gate driver. Cross conduction has been avoided to
minimize heat dissipation, increase efficiency, and
enhance reliability. The output driver is clamped by an
internal 18V Zener diode to protect power MOSFET
transistors against undesirable gate over-voltage. A soft
driving waveform is implemented to minimize EMI.
Built-in Slope Compensation
The sensed voltage across the current-sense resistor is
used for peak-current-mode control and pulse-by-pulse
current limiting. Built-in slope compensation improves
stability and prevents sub-harmonic oscillation. SG6741
inserts a synchronized positive-going ramp at every
switching cycle.
Constant Output Power Limit
When the SENSE voltage, across the sense resistor
RS, reaches the threshold voltage around 0.9V, the
output GATE drive is turned off after a small delay, tPD.
This delay introduces an additional current, proportional
to tPD • VIN / LP. The delay is nearly constant, regardless
of the input voltage VIN. Higher input voltage results in a
larger additional current and the output power limit is
also higher than that under low input line voltage. To
compensate this variation for wide AC input range, a
sawtooth power-limiter is designed to solve the unequal
power-limit problem. The power limiter is designed as a
positive ramp signal and is fed to the inverting input of
the OCP comparator. This results in a lower current limit
at high-line inputs than at low-line inputs.


Similar Part No. - SG6741

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
307Kb / 8P
   Flyback Power Supply Control
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6741ASZ FAIRCHILD-SG6741ASZ Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6741SZ FAIRCHILD-SG6741SZ Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
More results

Similar Description - SG6741

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
376Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG5842A FAIRCHILD-SG5842A_09 Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com