Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG6741 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # SG6741
Description  Highly Integrated Green-Mode PWM Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SG6741 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  SG6741_08 Datasheet HTML 1Page - Fairchild Semiconductor SG6741_08 Datasheet HTML 2Page - Fairchild Semiconductor SG6741_08 Datasheet HTML 3Page - Fairchild Semiconductor SG6741_08 Datasheet HTML 4Page - Fairchild Semiconductor SG6741_08 Datasheet HTML 5Page - Fairchild Semiconductor SG6741_08 Datasheet HTML 6Page - Fairchild Semiconductor SG6741_08 Datasheet HTML 7Page - Fairchild Semiconductor SG6741_08 Datasheet HTML 8Page - Fairchild Semiconductor SG6741_08 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
SG6741 • Rev. 1.3.3
5
Electrical Characteristics
VDD=15V, TA=25°C, unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VDD Section
VOP
Continuously Operating Voltage
22
V
VDD-ON
Start Threshold Voltage
15.5
16.5
17.5
V
VDD-OFF
Minimum Operating Voltage
9.5
10.5
11.5
V
IDD-ST
Startup Current
VDD-ON – 0.16V
30
µA
IDD-OP
Operating Supply Current
VDD=15V, GATE Open
4
5
mA
IDD-OLP
Internal Sink Current
VDD-OLP +0.1V
50
70
90
µA
VTH-OLP
IDD-OLP off Voltage
6.5
7.5
8.0
V
VDD-OVP
VDD Over-Voltage Protection
25
26
27
V
tD-VDDOVP
VDD Over-Voltage Protection
Debounce Time
100
180
260
µs
HV Section
IHV
Supply Current from HV Pin
VAC=90V (VDC=120V),
VDD=10µF
2.0
mA
IHV-LC
Leakage Current After Startup
HV=500V, VDD=VDD-
OFF+1V
1
20
µ
A
Oscillator Section
Center Frequency
62
65
68
fOSC
Frequency in Nominal Mode
Hopping Range
±3.7
±4.2
±4.7
KHz
tHOP
Hopping Period
4.4
ms
fOSC-G
Green-Mode Frequency
16
18
21
KHz
fDV
Frequency Variation vs. VDD
Deviation
VDD=11V to 22V
5
%
fDT
Frequency Variation vs.
Temperature Deviation
TA=-40 to 105°C
5
%
Continued on the following page…
Figure 5. VFB vs. PWM Frequency
PWM Frequency
fOSC
fOSC-G
VFB-N
VFB-G
VFB-ZDC
VFB


Similar Part No. - SG6741_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6741ASZ FAIRCHILD-SG6741ASZ Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6741SZ FAIRCHILD-SG6741SZ Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
More results

Similar Description - SG6741_08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
376Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG5842A FAIRCHILD-SG5842A_09 Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com