Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG5842A Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # SG5842A
Description  Highly Integrated Green-Mode PWM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SG5842A Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button SG5842A Datasheet HTML 3Page - Fairchild Semiconductor SG5842A Datasheet HTML 4Page - Fairchild Semiconductor SG5842A Datasheet HTML 5Page - Fairchild Semiconductor SG5842A Datasheet HTML 6Page - Fairchild Semiconductor SG5842A Datasheet HTML 7Page - Fairchild Semiconductor SG5842A Datasheet HTML 8Page - Fairchild Semiconductor SG5842A Datasheet HTML 9Page - Fairchild Semiconductor SG5842A Datasheet HTML 10Page - Fairchild Semiconductor SG5842A Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
SG5842A/SG582JA • Rev. 1.4.3
7
Electrical Characteristics (Continued)
VDD= 15V and TJ=TA= -40~125°C, unless otherwise noted.
Figure 5. VFB vs. PWM Frequency
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Current Sense Section
ZSENSE
Input Impedance
12
KΩ
VSTHFL
Current Limit Flatten Threshold
Voltage
0.85
0.90
0.95
V
VSTHVA
Current Limit Valley Threshold
Voltage
VSTHFL–VSTHVA
0.22
V
DCYSAW
Duty Cycle of SAW Limit
Maximum Duty Cycle
45
%
tPD
Propagation Delay to GATE Output
RI=26KΩ
150
200
ns
tLEB
Leading-Edge Blanking Time
RI=26KΩ
200
270
350
ns
GATE Section
DCYMAX
Maximum Duty Cycle
60
65
70
%
VGATE-L
Output Voltage Low
VDD=15V, IO=50mA
1.5
V
VGATE-H
Output Voltage High
VDD=12.5V, IO=-50mA
7.5
V
tr
Rising Time
VDD=15V, CL=1nF
150
250
350
ns
tf
Falling Time
VDD=15V, CL=1nF
30
50
90
ns
IO
Peak Output Current
VDD=15V, GATE=6V
230
mA
VGATE-
CLAMP
Gate Output Clamping Voltage
VDD=20V
18
19
V
RT Section
IRT
Output Current of RT Pin
RI=26KΩ
67
70
73
µA
VRTTH
Over-Temperature Protection
Threshold Voltage
1.015
1.050
1.085
V
tD-OTP
Over-Temperature Debounce
RI=26KΩ
60
100
140
µs


Similar Part No. - SG5842A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG5842A FAIRCHILD-SG5842A Datasheet
476Kb / 14P
   Highly Integrated Green-Mode PWM Controller
SG5842ADZ FAIRCHILD-SG5842ADZ Datasheet
476Kb / 14P
   Highly Integrated Green-Mode PWM Controller
SG5842ASZ FAIRCHILD-SG5842ASZ Datasheet
476Kb / 14P
   Highly Integrated Green-Mode PWM Controller
More results

Similar Description - SG5842A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
376Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com