Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC78M15CT Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # MC78M15CT
Description  3-Terminal 0.5A Positive Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MC78M15CT Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button MC78M15CT Datasheet HTML 6Page - Fairchild Semiconductor MC78M15CT Datasheet HTML 7Page - Fairchild Semiconductor MC78M15CT Datasheet HTML 8Page - Fairchild Semiconductor MC78M15CT Datasheet HTML 9Page - Fairchild Semiconductor MC78M15CT Datasheet HTML 10Page - Fairchild Semiconductor MC78M15CT Datasheet HTML 11Page - Fairchild Semiconductor MC78M15CT Datasheet HTML 12Page - Fairchild Semiconductor MC78M15CT Datasheet HTML 13Page - Fairchild Semiconductor MC78M15CT Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MC78MXX/LM78MXX
10
Figure 4. Adjustable Output Regulator (7 to 30V)
Figure 5. 0.5 to 10V Regulator
0.1
μF
CO
CI
0.33
μF
VO
VI
MC78M05
LM78M05
1
3
2
10k
Ω
3
2
4
7
6
LM741
0.1
μF
C2
C1
0.33
μF
VO
VI
MC78M05
LM78M05
1
3
2
10k
Ω
3
2
4
7
6
LM741
R3
R1
VXX
R4
R5
910
Ω
9.1k
Ω
13V < VI < 25V
-7 < -VI < 17V
_
+
VO = Vxx
R1
R4


Similar Part No. - MC78M15CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC78M15CT MOTOROLA-MC78M15CT Datasheet
189Kb / 12P
   THREE-TERMINAL MEDIUM CURRENT POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC78M15CT ONSEMI-MC78M15CT Datasheet
153Kb / 16P
   500 mA Positive Voltage Regulators
November, 2005 ??Rev. 16
logo
Fairchild Semiconductor
MC78M15CT FAIRCHILD-MC78M15CT Datasheet
88Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
logo
ON Semiconductor
MC78M15CTG ONSEMI-MC78M15CTG Datasheet
153Kb / 16P
   500 mA Positive Voltage Regulators
November, 2005 ??Rev. 16
MC78M15CTG ONSEMI-MC78M15CTG Datasheet
230Kb / 15P
   500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
More results

Similar Description - MC78M15CT

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
78MXX UTC-78MXX_09 Datasheet
284Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78M05RTF FAIRCHILD-KA78M05RTF Datasheet
94Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
logo
Unisonic Technologies
78MXX UTC-78MXX_V01 Datasheet
357Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
78MXX UTC-78MXX_11 Datasheet
336Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
78MXX ETL-78MXX Datasheet
344Kb / 9P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78MXX FAIRCHILD-KA78MXX_02 Datasheet
91Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
KA78MXX FAIRCHILD-KA78MXX Datasheet
81Kb / 16P
   3-terminal 0.5A positive voltage regulator
MC78MXX FAIRCHILD-MC78MXX Datasheet
88Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
logo
KODENSHI_AUK CORP.
SN78M05D KODENSHI-SN78M05D Datasheet
599Kb / 18P
   3 Terminal 0.5A Positive Voltage Regulator
logo
Fairchild Semiconductor
MC78MXX FAIRCHILD-MC78MXX Datasheet
419Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com