Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA7809AE Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KA7809AE
Description  3-Terminal 1A Positive Voltage Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA7809AE Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KA7809AE Datasheet HTML 1Page - Fairchild Semiconductor KA7809AE Datasheet HTML 2Page - Fairchild Semiconductor KA7809AE Datasheet HTML 3Page - Fairchild Semiconductor KA7809AE Datasheet HTML 4Page - Fairchild Semiconductor KA7809AE Datasheet HTML 5Page - Fairchild Semiconductor KA7809AE Datasheet HTML 6Page - Fairchild Semiconductor KA7809AE Datasheet HTML 7Page - Fairchild Semiconductor KA7809AE Datasheet HTML 8Page - Fairchild Semiconductor KA7809AE Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
©200
9 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
KA78XXE/KA78XXAE Rev. 1.0.
2
Sep 2009
KA78XXE/KA78XXAE
3-Terminal 1A Positive Voltage Regulator
Features
Output Current up to 1A
Output Voltages of 5, 6, 8, 9, 10, 12, 15, 18, 24V
Thermal Overload Protection
Short Circuit Protection
Output Transistor Safe Operating Area Protection
Description
The KA78XXE/KA78XXAE series of three-terminal posi-
tive regulator are available in the TO-220/D-PAK package
and with several fixed output voltages, making them use-
ful in a wide range of applications. Each type employs
internal current limiting, thermal shut down and safe
operating area protection, making it essentially inde-
structible. If adequate heat sinking is provided, they can
deliver over 1A output current. Although designed pri-
marily as fixed voltage regulators, these devices can be
used with external components to obtain adjustable volt-
ages and currents.
Ordering Information
Part Number
Output Voltage Tolerance
Package
Operating Temperature
KA7805E / KA7806E
±4%
TO-220
0 to +125
°C
KA7808E / KA7809E
KA7810E
KA7812E / KA7815E
KA7818E / KA7824E
KA7805AE / KA7806AE
±2%
KA7808AE / KA7809AE
KA7810AE
KA7812AE/KA7815AE
KA7818AE/KA7824AE
KA7805ER / KA7806ER
±4%
D-PAK
KA7808ER / KA7809ER
KA7812ER


Similar Part No. - KA7809AE

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7809AE FAIRCHILD-KA7809AE Datasheet
254Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
KA7809AE FAIRCHILD-KA7809AE Datasheet
568Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
KA7809AETU FAIRCHILD-KA7809AETU Datasheet
2Mb / 26P
   3-Terminal 1A Positive Voltage Regulator
KA7809AETU FAIRCHILD-KA7809AETU Datasheet
413Kb / 27P
   3-Terminal 1 A Positive Voltage Regulator
logo
ON Semiconductor
KA7809AETU ONSEMI-KA7809AETU Datasheet
534Kb / 29P
   3-Terminal 1 A Positive Voltage Regulator
April 2015 Rev. 1.9
More results

Similar Description - KA7809AE

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com