Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA3842BD Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # KA3842BD
Description  SMPS Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3842BD Datasheet(HTML) 4 Page - Fairchild Semiconductor

  KA3842BD Datasheet HTML 1Page - Fairchild Semiconductor KA3842BD Datasheet HTML 2Page - Fairchild Semiconductor KA3842BD Datasheet HTML 3Page - Fairchild Semiconductor KA3842BD Datasheet HTML 4Page - Fairchild Semiconductor KA3842BD Datasheet HTML 5Page - Fairchild Semiconductor KA3842BD Datasheet HTML 6Page - Fairchild Semiconductor KA3842BD Datasheet HTML 7Page - Fairchild Semiconductor KA3842BD Datasheet HTML 8Page - Fairchild Semiconductor KA3842BD Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
KA3842B/KA3843B/KA3844B/KA3845B
4
Electrical Characteristics (Continued)
(VCC=15V, RT=10K
Ω, CT=3.3nF, TA= 0°C to +70°C unless otherwise specified)
Adjust VCC above the start threshould before setting at 15V
Note:
1. Parameter measured at trip point of latch
2. Gain defined as:
3. These parameters, although guaranteed, are not 100 tested in production.
Figure 1. Open Loop Test Circuit
High peak currents associated with capacitive loads necessitate careful grounding techniques Timing and bypass capacitors
should be connected close to pin 5 in a single point ground. The transistor and 5K
Ω potentiometer are used to sample the
oscillator waveform and apply an adjustable ramp to pin 3.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
PWM SECTION
Max. Duty Cycle
D(Max)
KA3842B/KA3843B
95
97
100
%
D(MAX)
KA3844B/KA3845B
47
48
50
%
Min. Duty Cycle
D(MIN)
-
--
0
%
TOTAL STANDBY CURRENT
Start-Up Current
IST
-
-0.45
1
mA
Operating Supply Current
ICC(OPR)
Vpin3=Vpin2=ON
-
14
17
mA
Zener Voltage
VZ
ICC = 25mA
30
38
-
V
A
∆V
pin1
∆V
pin3
------------------
=
,0
≤ Vpin3 ≤ 0.8V


Similar Part No. - KA3842BD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA3842BD FAIRCHILD-KA3842BD Datasheet
91Kb / 12P
   SMPS Controller
logo
ON Semiconductor
KA3842BD ONSEMI-KA3842BD Datasheet
243Kb / 12P
   SMPS Controller
Rev. 1.0.2
More results

Similar Description - KA3842BD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7511 FAIRCHILD-KA7511 Datasheet
56Kb / 8P
   SMPS Controller
KA3843AC FAIRCHILD-KA3843AC Datasheet
47Kb / 6P
   SMPS Controller
UC3842A FAIRCHILD-UC3842A Datasheet
42Kb / 8P
   SMPS Controller
logo
ARTSCHIP ELECTRONICS CO...
MC34063A ARTSCHIP-MC34063A Datasheet
334Kb / 10P
   SMPS Controller
logo
Fairchild Semiconductor
UC3842 FAIRCHILD-UC3842 Datasheet
127Kb / 12P
   SMPS Controller
UC3846 FAIRCHILD-UC3846 Datasheet
67Kb / 10P
   SMPS Controller
KA3525A FAIRCHILD-KA3525A Datasheet
78Kb / 5P
   SMPS CONTROLLER
KA7515 FAIRCHILD-KA7515 Datasheet
36Kb / 6P
   SMPS Controller
logo
ON Semiconductor
KA3525A ONSEMI-KA3525A Datasheet
207Kb / 8P
   SMPS Controller
Rev. 1.0.1
KA3843B ONSEMI-KA3843B Datasheet
243Kb / 12P
   SMPS Controller
Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com