Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSCM0565R Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FSCM0565R
Description  Green-Mode Fairchild Power Switch
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSCM0565R Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FSCM0565R Datasheet HTML 1Page - Fairchild Semiconductor FSCM0565R Datasheet HTML 2Page - Fairchild Semiconductor FSCM0565R Datasheet HTML 3Page - Fairchild Semiconductor FSCM0565R Datasheet HTML 4Page - Fairchild Semiconductor FSCM0565R Datasheet HTML 5Page - Fairchild Semiconductor FSCM0565R Datasheet HTML 6Page - Fairchild Semiconductor FSCM0565R Datasheet HTML 7Page - Fairchild Semiconductor FSCM0565R Datasheet HTML 8Page - Fairchild Semiconductor FSCM0565R Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSQ0565RS/RQ Rev. 1.0.3
5
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. TA = 25°C, unless otherwise specified.
Notes:
6. Repetitive rating: pulse-width limited by maximum junction temperature.
7. L=14mH, starting TJ=25°C.
Thermal Impedance
TA = 25°C unless otherwise specified.
Notes:
8. Free standing with no heat-sink under natural convection.
9. Infinite cooling condition - refer to the SEMI G30-88.
Symbol
Parameter
Min.
Max.
Unit
Vstr
Vstr Pin Voltage
500
V
VDS
Drain Pin Voltage
650
V
VCC
Supply Voltage
20
V
VFB
Feedback Voltage Range
-0.3
13.0
V
VSync
Sync Pin Voltage
-0.3
13.0
V
IDM
Drain Current Pulsed
11
A
ID
Continuous Drain Current(6)
TC = 25°C
2.8
A
TC = 100°C
1.7
EAS
Single Pulsed Avalanche Energy(7)
190
mJ
PD
Total Power Dissipation (TC=25°C)
45
W
TJ
Operating Junction Temperature
Internally limited
°C
TA
Operating Ambient Temperature
-25
+85
°C
TSTG
Storage Temperature
-55
+150
°C
ESD
Electrostatic Discharge Capability, Human Body Model
2.0
kV
Electrostatic Discharge Capability, Charged Device Model
2.0
Symbol
Parameter
Package
Value
Unit
θJA
Junction-to-Ambient Thermal Resistance(8)
TO-220F-6L
50
°C/W
θJC
Junction-to-Case Thermal Resistance(9)
2.8
°C/W


Similar Part No. - FSCM0565R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSCM0565R FAIRCHILD-FSCM0565R Datasheet
346Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSCM0565R FAIRCHILD-FSCM0565R Datasheet
3Mb / 22P
   Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
FSCM0565R FAIRCHILD-FSCM0565R Datasheet
2Mb / 22P
   Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
logo
ON Semiconductor
FSCM0565R ONSEMI-FSCM0565R Datasheet
2Mb / 24P
   Green-Mode Power Switch for Quasi-Resonant Operation - Low EMI and High Efficiency
October-2017, Rev. 3
logo
Fairchild Semiconductor
FSCM0565RC FAIRCHILD-FSCM0565RC Datasheet
495Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
More results

Similar Description - FSCM0565R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSCM0465R FAIRCHILD-FSCM0465R Datasheet
450Kb / 20P
   Green Mode Fairchild Power Switch
FSQ100 FAIRCHILD-FSQ100 Datasheet
741Kb / 12P
   Green Mode Fairchild Power Switch
FSL127H FAIRCHILD-FSL127H Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
FSQ0765RQ FAIRCHILD-FSQ0765RQ Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch
FSDM0465RE FAIRCHILD-FSDM0465RE Datasheet
519Kb / 21P
   Green Mode Fairchild Power Switch
FSDH321 FAIRCHILD-FSDH321_04 Datasheet
510Kb / 20P
   Green Mode Fairchild Power Switch
FSBH0170 FAIRCHILD-FSBH0170_11 Datasheet
944Kb / 16P
   Green Mode Fairchild Power Switch
FSBH0F70A FAIRCHILD-FSBH0F70A_10 Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
FSGM0465RB FAIRCHILD-FSGM0465RB Datasheet
927Kb / 18P
   Green-Mode Fairchild Power Switch
FSGM0765R FAIRCHILD-FSGM0765R Datasheet
823Kb / 18P
   Green-Mode Fairchild Power Switch
FSL137H FAIRCHILD-FSL137H_10 Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com