Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSQ510M Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FSQ510M
Description  Green Mode Fairchild Power Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSQ510M Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FSQ510M Datasheet HTML 6Page - Fairchild Semiconductor FSQ510M Datasheet HTML 7Page - Fairchild Semiconductor FSQ510M Datasheet HTML 8Page - Fairchild Semiconductor FSQ510M Datasheet HTML 9Page - Fairchild Semiconductor FSQ510M Datasheet HTML 10Page - Fairchild Semiconductor FSQ510M Datasheet HTML 11Page - Fairchild Semiconductor FSQ510M Datasheet HTML 12Page - Fairchild Semiconductor FSQ510M Datasheet HTML 13Page - Fairchild Semiconductor FSQ510M Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSQ510, FSQ510H, and FSQ510M • Rev. 1.3.0
10
4. Protection Circuits
: The FSQ510 (H or M) has two
self-protective functions, overload protection (OLP) and
thermal
shutdown
(TSD).
The
protections
are
implemented as auto-restart mode. Once the fault
condition is detected, switching is terminated and the
SenseFET remains off. This causes VCC to fall. When
V
B
CC
B
falls down to the under-voltage lockout (UVLO) stop
voltage of 6.7V, the protection is reset and the startup
circuit charges the VCC capacitor. When VCC reaches
the start voltage of 8.7V, the FSQ510 (H or M) resumes
normal operation. If the fault condition is not removed,
the SenseFET remains off and VCC drops to stop
voltage again. In this manner, the auto-restart can
alternately enable and disable the switching of the
power SenseFET until the fault condition is eliminated.
Because these protection circuits are fully integrated
into the IC without external components, reliability is
improved without increasing cost.
Fault
situation
6.7V
8.7V
VCC
Vds
t
Fault
occurs
Fault
removed
Normal
operation
Normal
operation
Power
on
Figure 16. Auto Restart Protection Waveforms
4.1 Overload Protection (OLP)
: Overload is defined as
the load current exceeding its normal level due to an
unexpected event. In this situation, the protection circuit
should trigger to protect the SMPS. However, even
when the SMPS is in the normal operation, the overload
protection circuit can be triggered during the load
transition. To avoid this undesired operation, the
overload protection circuit is designed to trigger only
after a specified time to determine whether it is a
transient situation or a true overload situation. Because
of the pulse-by-pulse current limit capability, the
maximum peak current through the SenseFET is limited
and, therefore, the maximum input power is restricted
with a given input voltage. If the output consumes more
than this maximum power, the output voltage (Vo)
decreases below the set voltage. This reduces the
current through the opto-coupler LED, which also
reduces the opto-coupler transistor current, increasing
the feedback voltage (VFB). If VFB exceeds 2.8V, D1 is
blocked and the 5µA current source starts to charge CB
slowly up. In this condition, VFB continues increasing
until it reaches 4.7V, when the switching operation is
terminated, as shown in Figure 17. The delay time for
shutdown is the time required to charge CB from 2.8V to
4.7V with 5µA. A 20 ~ 50ms delay time is typical for
most applications. This protection is implemented in
auto-restart mode.
VFB
t
2.8V
4.7V
Overload Protection
t12= CB•(4.7-2.8)/Idelay
t1
t2
Figure 17. Overload Protection
4.2 Thermal Shutdown (TSD)
: The SenseFET and the
control IC on a die in one package make it easy for the
control IC to detect the abnormal over temperature of
the
SenseFET.
If
the
temperature
exceeds
approximately 140
°C, the thermal shutdown triggers
and the FPS stops operation. The FPS operates in
auto-restart mode until the temperature decreases to
around 80
°C, when normal operation resumes.
5. Soft-Start
: The FPS has an internal soft-start circuit
that increases the VS-PWM comparator inverting input
voltage, together with the SenseFET current, slowly
after it starts up. The typical soft-start time is 5ms. The
pulse width to the power switching device is
progressively increased to establish the correct working
conditions for transformers, inductors, and capacitors.
The voltage on the output capacitors is progressively
increased with the intention of smoothly establishing the
required output voltage. This helps prevent transformer
saturation and reduces stress on the secondary diode
during startup.
6.
Burst-Mode
Operation
:
To
minimize
power
dissipation in standby mode, the FPS enters burst-
mode operation. As the load decreases, the feedback
voltage decreases. As shown in Figure 18, the device
automatically enters burst mode when the feedback
voltage drops below VBURL (750mV). At this point,
switching stops and the output voltages start to drop at
a rate dependent on standby current load. This causes
the feedback voltage to rise. Once it passes VBURH
(850mV), switching resumes. The feedback voltage
then falls and the process repeats. Burst mode
alternately enables and disables switching of the
SenseFET, reducing switching loss in standby mode.


Similar Part No. - FSQ510M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ510MX FAIRCHILD-FSQ510MX Datasheet
1Mb / 14P
   Green Mode Fairchild Power Switch (FPS) for Valley Switching Converter - Low EMI and High Efficiency
More results

Similar Description - FSQ510M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSCM0465R FAIRCHILD-FSCM0465R Datasheet
450Kb / 20P
   Green Mode Fairchild Power Switch
FSQ100 FAIRCHILD-FSQ100 Datasheet
741Kb / 12P
   Green Mode Fairchild Power Switch
FSL127H FAIRCHILD-FSL127H Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
FSQ0765RQ FAIRCHILD-FSQ0765RQ Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch
FSDM0465RE FAIRCHILD-FSDM0465RE Datasheet
519Kb / 21P
   Green Mode Fairchild Power Switch
FSDH321 FAIRCHILD-FSDH321_04 Datasheet
510Kb / 20P
   Green Mode Fairchild Power Switch
FSBH0170 FAIRCHILD-FSBH0170_11 Datasheet
944Kb / 16P
   Green Mode Fairchild Power Switch
FSBH0F70A FAIRCHILD-FSBH0F70A_10 Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
FSGM0465RB FAIRCHILD-FSGM0465RB Datasheet
927Kb / 18P
   Green-Mode Fairchild Power Switch
FSGM0765R FAIRCHILD-FSGM0765R Datasheet
823Kb / 18P
   Green-Mode Fairchild Power Switch
FSL137H FAIRCHILD-FSL137H_10 Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com