Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSQ510M Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FSQ510M
Description  Green Mode Fairchild Power Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSQ510M Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSQ510M Datasheet HTML 1Page - Fairchild Semiconductor FSQ510M Datasheet HTML 2Page - Fairchild Semiconductor FSQ510M Datasheet HTML 3Page - Fairchild Semiconductor FSQ510M Datasheet HTML 4Page - Fairchild Semiconductor FSQ510M Datasheet HTML 5Page - Fairchild Semiconductor FSQ510M Datasheet HTML 6Page - Fairchild Semiconductor FSQ510M Datasheet HTML 7Page - Fairchild Semiconductor FSQ510M Datasheet HTML 8Page - Fairchild Semiconductor FSQ510M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
January 2009
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSQ510, FSQ510H, and FSQ510M • Rev. 1.3.0
FSQ510, FSQ510H, and FSQ510M
Green Mode Fairchild Power Switch (FPS™)
for Valley Switching Converter – Low EMI and High Efficiency
Features
Uses an LDMOS Integrated Power Switch
Optimized for Valley Switching Converter (VSC)
Low EMI through Variable Frequency Control and
Inherent Frequency Modulation
High Efficiency through Minimum Drain Voltage
Switching
Extended Valley Switching for Wide Load Ranges
Small Frequency Variation for Wide Load Ranges
Advanced Burst-Mode Operation for Low Standby
Power Consumption
Pulse-by-Pulse Current Limit
Protection Functions: Overload Protection (OLP),
Internal Thermal Shutdown (TSD) with Hysteresis
Under-Voltage Lockout (UVLO) with Hysteresis
Internal Startup Circuit
Internal High-Voltage SenseFET: 700V
Built-in Soft-Start: 5ms
Applications
Auxiliary Power Supplies for LCD TV, LCD Monitor,
Personal Computer, and White Goods
Description
A Valley Switching Converter (VSC) generally shows
lower EMI and higher power conversion efficiency than
a conventional hard-switched converter with a fixed
switching frequency. The FSQ510 (H or M) is an
integrated valley switching pulse width modulation (VS-
PWM) controller and SenseFET specifically designed
for offline switch-mode power supplies (SMPS) for
valley switching with minimal external components. The
VS-PWM controller includes an integrated oscillator,
under-voltage lockout (UVLO), leading-edge blanking
(LEB),
optimized
gate
driver,
internal
soft-start,
temperature-compensated precise current sources for
loop compensation, and self-protection circuitry.
Compared with discrete MOSFET and PWM controller
solutions, the FSQ510 (H or M) can reduce total cost,
component count, size and weight; while simultaneously
increasing efficiency, productivity, and system reliability.
This device provides a platform for cost-effective designs
of a valley switching flyback converters.
Ordering Information
Output Power Table
(1)
230VAC ± 15%
(2)
85-265VAC
Part
Number
Package
Eco
Status
Operating
Junction
Temperature
Current
Limit
RDS(ON)
(MAX)
Adapter
(3)
Open
Frame
(4) Adapter
(3)
Open
Frame
(4)
Replaces
Devices
FSQ510
7-DIP
FSD210B
FSQ510H
8-DIP
FSD210DH
FSQ510M 7-MLSOP
RoHS -40 to +130
°C 320mA
32
Ω
5.5W
9W
4W
6W
FSD210BM
For Fairchild’s definition of “green” Eco Status, please visit: http://www.fairchildsemi.com/company/green/rohs_green.html.
Notes:
1.
The junction temperature can limit the maximum output power.
2.
230VAC or 100/115VAC with voltage doubler.
3.
Typical continuous power with a Fairchild charger evaluation board described in this datasheet in a non-
ventilated, enclosed adapter housing, measured at 50
°C ambient temperature.
4.
Maximum practical continuous power for auxiliary power supplies in an open-frame design at 50
°C ambient temperature.


Similar Part No. - FSQ510M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ510MX FAIRCHILD-FSQ510MX Datasheet
1Mb / 14P
   Green Mode Fairchild Power Switch (FPS) for Valley Switching Converter - Low EMI and High Efficiency
More results

Similar Description - FSQ510M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSCM0465R FAIRCHILD-FSCM0465R Datasheet
450Kb / 20P
   Green Mode Fairchild Power Switch
FSQ100 FAIRCHILD-FSQ100 Datasheet
741Kb / 12P
   Green Mode Fairchild Power Switch
FSL127H FAIRCHILD-FSL127H Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
FSQ0765RQ FAIRCHILD-FSQ0765RQ Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch
FSDM0465RE FAIRCHILD-FSDM0465RE Datasheet
519Kb / 21P
   Green Mode Fairchild Power Switch
FSDH321 FAIRCHILD-FSDH321_04 Datasheet
510Kb / 20P
   Green Mode Fairchild Power Switch
FSBH0170 FAIRCHILD-FSBH0170_11 Datasheet
944Kb / 16P
   Green Mode Fairchild Power Switch
FSBH0F70A FAIRCHILD-FSBH0F70A_10 Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
FSGM0465RB FAIRCHILD-FSGM0465RB Datasheet
927Kb / 18P
   Green-Mode Fairchild Power Switch
FSGM0765R FAIRCHILD-FSGM0765R Datasheet
823Kb / 18P
   Green-Mode Fairchild Power Switch
FSL137H FAIRCHILD-FSL137H_10 Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com