Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSQ510M Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FSQ510M
Description  Green Mode Fairchild Power Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSQ510M Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FSQ510M Datasheet HTML 1Page - Fairchild Semiconductor FSQ510M Datasheet HTML 2Page - Fairchild Semiconductor FSQ510M Datasheet HTML 3Page - Fairchild Semiconductor FSQ510M Datasheet HTML 4Page - Fairchild Semiconductor FSQ510M Datasheet HTML 5Page - Fairchild Semiconductor FSQ510M Datasheet HTML 6Page - Fairchild Semiconductor FSQ510M Datasheet HTML 7Page - Fairchild Semiconductor FSQ510M Datasheet HTML 8Page - Fairchild Semiconductor FSQ510M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSQ510, FSQ510H, and FSQ510M • Rev. 1.3.0
3
Pin Assignments
GND
Vfb
Sync
Vstr
FSQ510H
Vcc
D
GND
GND
Figure 3.
Package Diagrams for FSQ510(M) and FSQ510H
Pin Definitions
7-Pin
8-Pin
Name
Description
1, 2
4, 5, 6
GND
This pin is the control ground and the SenseFET source.
3
2
Vfb
This pin is internally connected to the inverting input of the PWM
comparator. The collector of an opto-coupler is typically tied to this
pin. For stable operation, a capacitor should be placed between this
pin and GND. If the voltage of this pin reaches 4.7V, the overload
protection triggers, which shuts down the FPS.
4
3
Sync
This pin is internally connected to the sync-detect comparator for
valley switching. In normal valley-switching operation, the threshold of
the sync comparator is 0.7V/0.1V.
5
7
VCC
This pin is the positive supply input. This pin provides internal
operating current for both startup and steady-state operation.
7
8
D
High-voltage power SenseFET drain connection.
8
1
Vstr
This pin is connected directly, or through a resistor, to the high-
voltage DC link. At startup, the internal high-voltage current source
supplies internal bias and charges the external capacitor connected
to the VCC pin. Once VCC reaches 8.7V, the internal current source is
disabled.


Similar Part No. - FSQ510M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ510MX FAIRCHILD-FSQ510MX Datasheet
1Mb / 14P
   Green Mode Fairchild Power Switch (FPS) for Valley Switching Converter - Low EMI and High Efficiency
More results

Similar Description - FSQ510M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSCM0465R FAIRCHILD-FSCM0465R Datasheet
450Kb / 20P
   Green Mode Fairchild Power Switch
FSQ100 FAIRCHILD-FSQ100 Datasheet
741Kb / 12P
   Green Mode Fairchild Power Switch
FSL127H FAIRCHILD-FSL127H Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
FSQ0765RQ FAIRCHILD-FSQ0765RQ Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch
FSDM0465RE FAIRCHILD-FSDM0465RE Datasheet
519Kb / 21P
   Green Mode Fairchild Power Switch
FSDH321 FAIRCHILD-FSDH321_04 Datasheet
510Kb / 20P
   Green Mode Fairchild Power Switch
FSBH0170 FAIRCHILD-FSBH0170_11 Datasheet
944Kb / 16P
   Green Mode Fairchild Power Switch
FSBH0F70A FAIRCHILD-FSBH0F70A_10 Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
FSGM0465RB FAIRCHILD-FSGM0465RB Datasheet
927Kb / 18P
   Green-Mode Fairchild Power Switch
FSGM0765R FAIRCHILD-FSGM0765R Datasheet
823Kb / 18P
   Green-Mode Fairchild Power Switch
FSL137H FAIRCHILD-FSL137H_10 Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com