Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSQ0565RSWDTU Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FSQ0565RSWDTU
Description  Green-Mode Fairchild Power Switch
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSQ0565RSWDTU Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSQ0565RSWDTU Datasheet HTML 1Page - Fairchild Semiconductor FSQ0565RSWDTU Datasheet HTML 2Page - Fairchild Semiconductor FSQ0565RSWDTU Datasheet HTML 3Page - Fairchild Semiconductor FSQ0565RSWDTU Datasheet HTML 4Page - Fairchild Semiconductor FSQ0565RSWDTU Datasheet HTML 5Page - Fairchild Semiconductor FSQ0565RSWDTU Datasheet HTML 6Page - Fairchild Semiconductor FSQ0565RSWDTU Datasheet HTML 7Page - Fairchild Semiconductor FSQ0565RSWDTU Datasheet HTML 8Page - Fairchild Semiconductor FSQ0565RSWDTU Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSQ0565RS/RQ Rev. 1.0.3
December 2009
FSQ0565RS/RQ
Green-Mode Fairchild Power Switch (FPS™) for
Quasi-Resonant Operation - Low EMI and High Efficiency
Features
!
Optimized for Quasi-Resonant Converters (QRC)
!
Low EMI through Variable Frequency Control and AVS
(Alternating Valley Switching)
!
High-Efficiency through Minimum Voltage Switching
!
Narrow Frequency Variation Range over Wide Load
and Input Voltage Variation
!
Advanced Burst-Mode Operation for Low Standby
Power Consumption
!
Simple Scheme for Sync Voltage Detection
!
Pulse-by-Pulse Current Limit
!
Various Protection Functions: Overload Protection
(OLP), Over-Voltage Protection (OVP), Internal
Thermal Shutdown (TSD) with Hysteresis,
Output Short Protection (OSP)
!
Under-Voltage Lockout (UVLO) with Hysteresis
!
Internal Startup Circuit
!
Internal High-Voltage Sense FET (650V)
!
Built-in Soft-Start (17.5ms)
Applications
!
Power Supply for LCD TV and Monitor, VCR, SVR,
STB, and DVD & DVD Recorder
!
Adapter
Related Resources
Visit: http://www.fairchildsemi.com/apnotes/ for:
!
AN-4134: Design Guidelines for Offline Forward
Converters Using Fairchild Power Switch (FPS)
!
AN-4137: Design Guidelines for Offline Flyback
Converters Using Fairchild Power Switch (FPS)
!
AN-4140: Transformer Design Consideration for
Offline Flyback Converters Using Fairchild Power
Switch (FPS)
!
AN-4141: Troubleshooting and Design Tips for
Fairchild Power Switch (FPS) Flyback Applications
!
AN-4145: Electromagnetic Compatibility for Power
Converters
!
AN-4147: Design Guidelines for RCD Snubber of
Flyback Converters
!
AN-4148: Audible Noise Reduction Techniques for
Fairchild Power Switch (FPS™) Applications
!
AN-4150: Design Guidelines for Flyback Converters
Using FSQ-Series Fairchild Power Switch (FPS)
Description
A Quasi-Resonant Converter (QRC) generally shows
lower EMI and higher power conversion efficiency than a
conventional hard-switched converter with a fixed
switching frequency. The FSQ-series is an integrated
Pulse-Width
Modulation
(PWM)
controller
and
SenseFET specifically designed for quasi-resonant
operation and Alternating Valley Switching (AVS). The
PWM controller includes an integrated fixed-frequency
oscillator, Under-Voltage Lockout (UVLO), Leading-
Edge Blanking (LEB), optimized gate driver, internal soft-
start, temperature-compensated precise current sources
for a loop compensation, and self-protection circuitry.
Compared with a discrete MOSFET and PWM controller
solution, the FSQ-series can reduce total cost,
component count, size, and weight; while simultaneously
increasing efficiency, productivity, and system reliability.
This device provides a basic platform for cost-effective
designs of quasi-resonant switching flyback converters.


Similar Part No. - FSQ0565RSWDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ0565RSWDTU FAIRCHILD-FSQ0565RSWDTU Datasheet
2Mb / 23P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
logo
ON Semiconductor
FSQ0565RSWDTU ONSEMI-FSQ0565RSWDTU Datasheet
2Mb / 24P
   Green-Mode Power Switch for Quasi-Resonant Operation - Low EMI and High Efficiency
October-2017, Rev. 3
More results

Similar Description - FSQ0565RSWDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSCM0465R FAIRCHILD-FSCM0465R Datasheet
450Kb / 20P
   Green Mode Fairchild Power Switch
FSQ100 FAIRCHILD-FSQ100 Datasheet
741Kb / 12P
   Green Mode Fairchild Power Switch
FSL127H FAIRCHILD-FSL127H Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
FSQ0765RQ FAIRCHILD-FSQ0765RQ Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch
FSDM0465RE FAIRCHILD-FSDM0465RE Datasheet
519Kb / 21P
   Green Mode Fairchild Power Switch
FSDH321 FAIRCHILD-FSDH321_04 Datasheet
510Kb / 20P
   Green Mode Fairchild Power Switch
FSBH0170 FAIRCHILD-FSBH0170_11 Datasheet
944Kb / 16P
   Green Mode Fairchild Power Switch
FSBH0F70A FAIRCHILD-FSBH0F70A_10 Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
FSGM0465RB FAIRCHILD-FSGM0465RB Datasheet
927Kb / 18P
   Green-Mode Fairchild Power Switch
FSGM0765R FAIRCHILD-FSGM0765R Datasheet
823Kb / 18P
   Green-Mode Fairchild Power Switch
FSL137H FAIRCHILD-FSL137H_10 Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com