Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSGM0565RBLDTU Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FSGM0565RBLDTU
Description  Green-Mode Fairchild Power Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSGM0565RBLDTU Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FSGM0565RBLDTU Datasheet HTML 1Page - Fairchild Semiconductor FSGM0565RBLDTU Datasheet HTML 2Page - Fairchild Semiconductor FSGM0565RBLDTU Datasheet HTML 3Page - Fairchild Semiconductor FSGM0565RBLDTU Datasheet HTML 4Page - Fairchild Semiconductor FSGM0565RBLDTU Datasheet HTML 5Page - Fairchild Semiconductor FSGM0565RBLDTU Datasheet HTML 6Page - Fairchild Semiconductor FSGM0565RBLDTU Datasheet HTML 7Page - Fairchild Semiconductor FSGM0565RBLDTU Datasheet HTML 8Page - Fairchild Semiconductor FSGM0565RBLDTU Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSGM0565RB • Rev. 1.0.0
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
reliability. The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VSTR
VSTR Pin Voltage
650
V
VDS
Drain Pin Voltage
650
V
VCC
VCC Pin Voltage
26
V
VFB
Feedback Pin Voltage
-
0.3
12.0
V
IDM
Drain Current Pulsed
11
A
IDS
Continuous Switching Drain Current
(6)
TC=25°C
5.6
A
TC=100°C
3.4
A
EAS
Single Pulsed Avalanche Energy
(7)
295
mJ
PD
Total Power Dissipation (TC=25°C)
(8)
45
W
TJ
Maximum Junction Temperature
150
°C
Operating Junction Temperature
(9)
-
40
+125
°C
TSTG
Storage Temperature
-
55
+150
°C
VISO
Minimum Isolation Voltage
(10)
2.5
kV
ESD
Electrostatic
Discharge Capability
Human Body Model, JESD22-A114
2
kV
Charged Device Model, JESD22-C101
2
Notes:
6.
Repetitive peak switching current when the inductive load is assumed: Limited by maximum duty (DMAX=0.75)
and junction temperature (see Figure 4).
7.
L=45mH, starting TJ=25°C.
8.
Infinite cooling condition (refer to the SEMI G30-88).
9.
Although this parameter guarantees IC operation, it does not guarantee all electrical characteristics.
10. The voltage between the package back side and the lead is guaranteed.
IDS
DMAX
fSW
Figure 4. Repetitive Peak Switching Current
Thermal Impedance
TA=25°C unless otherwise specified.
Symbol
Parameter
Value
Unit
θJA
Junction-to-Ambient Thermal Impedance
(11)
62.5
°C/W
θJC
Junction-to-Case Thermal Impedance
(12)
3
°C/W
Notes:
11. Infinite cooling condition (refer to the SEMI G30-88).
12. Free standing with no heat-sink under natural convection.


Similar Part No. - FSGM0565RBLDTU

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSGM0565RBLDTU ONSEMI-FSGM0565RBLDTU Datasheet
394Kb / 17P
   Green-Mode Power Switch
June, 2019 ??Rev. 2
More results

Similar Description - FSGM0565RBLDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSCM0465R FAIRCHILD-FSCM0465R Datasheet
450Kb / 20P
   Green Mode Fairchild Power Switch
FSQ100 FAIRCHILD-FSQ100 Datasheet
741Kb / 12P
   Green Mode Fairchild Power Switch
FSL127H FAIRCHILD-FSL127H Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
FSQ0765RQ FAIRCHILD-FSQ0765RQ Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch
FSDM0465RE FAIRCHILD-FSDM0465RE Datasheet
519Kb / 21P
   Green Mode Fairchild Power Switch
FSDH321 FAIRCHILD-FSDH321_04 Datasheet
510Kb / 20P
   Green Mode Fairchild Power Switch
FSBH0170 FAIRCHILD-FSBH0170_11 Datasheet
944Kb / 16P
   Green Mode Fairchild Power Switch
FSBH0F70A FAIRCHILD-FSBH0F70A_10 Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
FSGM0465RB FAIRCHILD-FSGM0465RB Datasheet
927Kb / 18P
   Green-Mode Fairchild Power Switch
FSGM0765R FAIRCHILD-FSGM0765R Datasheet
823Kb / 18P
   Green-Mode Fairchild Power Switch
FSL137H FAIRCHILD-FSL137H_10 Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com