Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSGM0465RLDTU Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FSGM0465RLDTU
Description  Green-Mode Fairchild Power Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSGM0465RLDTU Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FSGM0465RLDTU Datasheet HTML 2Page - Fairchild Semiconductor FSGM0465RLDTU Datasheet HTML 3Page - Fairchild Semiconductor FSGM0465RLDTU Datasheet HTML 4Page - Fairchild Semiconductor FSGM0465RLDTU Datasheet HTML 5Page - Fairchild Semiconductor FSGM0465RLDTU Datasheet HTML 6Page - Fairchild Semiconductor FSGM0465RLDTU Datasheet HTML 7Page - Fairchild Semiconductor FSGM0465RLDTU Datasheet HTML 8Page - Fairchild Semiconductor FSGM0465RLDTU Datasheet HTML 9Page - Fairchild Semiconductor FSGM0465RLDTU Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSGM0465R • Rev. 1.0.2
6
Electrical Characteristics (Continued)
TJ = 25°C unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Total Device Section
IOP
Operating Supply Current,
(Control Part in Burst Mode)
VCC = 14V, VFB = 0V
1.2
1.6
2.0
mA
IOPS
Operating Switching Current,
(Control Part and SenseFET Part)
VCC = 14V, VFB = 4V
2.0
2.5
3.0
mA
ISTART
Start Current
VCC = 11V (Before VCC
Reaches VSTART)
0.5
0.6
0.7
mA
ICH
Startup Charging Current
VCC = VFB = 0V, VSTR = 40V
1.00
1.15
1.30
mA
VSTR
Minimum VSTR Supply Voltage
VCC = VFB = 0V, VSTR Sweep
26
V
Notes:
13. Although these parameters are guaranteed, they are not 100% tested in production.
14. tLEB includes gate turn-on time.
Comparison of FSDM0465RE and FSGM0465R
Function
FSDM0465RE
FSGM0465R
Advantages of FSGM0465R
Burst Mode
Advanced Burst
Advanced Soft Burst
Low noise and low standby power
Lightning Surge
Strong
Enhanced SenseFET and controller against
lightning surge
Soft-Start
10ms (Built-in)
15ms (Built-in)
Longer soft-start time
Protections
OLP
OVP
TSD
OLP
OVP
OSP
AOCP
TSD with Hysteresis
Enhanced protections and high reliability
Power Balance
Long TCLD
Very Short TCLD
The difference of input power between the low
and high input voltage is quite small


Similar Part No. - FSGM0465RLDTU

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSGM0465RLDTU ONSEMI-FSGM0465RLDTU Datasheet
468Kb / 18P
   Green-Mode Power Switch
July, 2019 ??Rev. 2
More results

Similar Description - FSGM0465RLDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSCM0465R FAIRCHILD-FSCM0465R Datasheet
450Kb / 20P
   Green Mode Fairchild Power Switch
FSQ100 FAIRCHILD-FSQ100 Datasheet
741Kb / 12P
   Green Mode Fairchild Power Switch
FSL127H FAIRCHILD-FSL127H Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
FSQ0765RQ FAIRCHILD-FSQ0765RQ Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch
FSDM0465RE FAIRCHILD-FSDM0465RE Datasheet
519Kb / 21P
   Green Mode Fairchild Power Switch
FSDH321 FAIRCHILD-FSDH321_04 Datasheet
510Kb / 20P
   Green Mode Fairchild Power Switch
FSBH0170 FAIRCHILD-FSBH0170_11 Datasheet
944Kb / 16P
   Green Mode Fairchild Power Switch
FSBH0F70A FAIRCHILD-FSBH0F70A_10 Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
FSGM0465RB FAIRCHILD-FSGM0465RB Datasheet
927Kb / 18P
   Green-Mode Fairchild Power Switch
FSGM0765R FAIRCHILD-FSGM0765R Datasheet
823Kb / 18P
   Green-Mode Fairchild Power Switch
FSL137H FAIRCHILD-FSL137H_10 Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com