Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P2600THLRP Datasheet(PDF) 1 Page - Littelfuse

Part # P2600THLRP
Description  This DO-41 plastic package provides a through-hole version of the SIDACtor짰 devices.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P2600THLRP Datasheet(HTML) 1 Page - Littelfuse

  P2600THLRP Datasheet HTML 1Page - Littelfuse P2600THLRP Datasheet HTML 2Page - Littelfuse P2600THLRP Datasheet HTML 3Page - Littelfuse P2600THLRP Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Teccor® brand Protection Thyristors
Axial Leaded
www.littelfuse.com
©2006 Littelfuse
DO-41 Series
Specifications are subject to change without notice.
1
Telecom Design Guide
DO-41 Series SIDACtor® Device
This DO-41 plastic package provides a through-hole version
of the SIDACtor® devices.This axial leaded device is ideal for
Customer Premises Equipment (CPE) such as telephones,
answering machines, modems, and fax interfaces.The DO-41
package series can also be used for overvoltage protection
for applications such asT1/E1/J1 trunk cards when the
appropriate overcurrent protection is included.
Electrical Characteristics
Description
Features
Protection solution to meet
• RoHS compliant
• Bidirectional transient voltage protection
• Axial lead through-hole component
• Teccor brand SIDACtor technology
Part Number
Marking
V
DRM
@l
DRM=5µA
V
S
@100V/µs
I
H
I
S
I
T
V
T
@I
T=1 amp
Capacitance
@1MHz, 2V bias
Volts
Volts
mAmps mAmps Amps
Volts
pF
Min
Max
Min
Max
Max
Max
Typical
P1100THLRP
P11H
90
130
150
800
1.0
5
60
P1300THLRP
P13H
120
160
150
800
1.0
5
40
P1500THLRP
P15H
140
180
150
800
1.0
5
40
P1800THLRP
P18H
170
220
150
800
1.0
5
40
P2300THLRP
P23H
190
260
150
800
1.0
5
30
P2600THLRP
P26H
220
300
150
800
1.0
5
30
P3100THLRP
P31H
275
350
150
800
1.0
5
30
P3500THLRP
P35H
320
400
150
800
1.0
5
30
• YD/T 950
• YD/T 993
• YD/T 1082
• GR 1089 Intra-building
• IEC 61000-4-5
• ITU K.20/21 Basic Level
• TIA-968-A Type B Surges
• All measurements are made at an ambient temperature of 25°C.
• Listed SIDACtor devices are bidirectional. All electrical parameters and surge ratings
apply to forward and reverse polarities.
Agency Approvals
Agency
Agency File Number
E133083


Similar Part No. - P2600THLRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P2600THLRP LITTELFUSE-P2600THLRP Datasheet
299Kb / 3P
   POLYFUSE짰 Resettable PTCs
logo
HuaXinAn Electronics CO...
P2600THLRP HUAXINAN-P2600THLRP Datasheet
288Kb / 5P
   SIDACtor Protection Thyristors
More results

Similar Description - P2600THLRP

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N4460 NJSEMI-1N4460 Datasheet
133Kb / 1P
   DO-41 Package
logo
Littelfuse
SDP0640Q38B LITTELFUSE-SDP0640Q38B Datasheet
139Kb / 5P
   This new SIDACtor짰 Series provides overvoltage protection
P0641DF-1E LITTELFUSE-P0641DF-1E Datasheet
206Kb / 4P
   The series provides single port protection using a fixed Series are SIDACtor짰 devices
logo
Jiangsu High diode Semi...
SR1150 HDSEMI-SR1150 Datasheet
2Mb / 4P
   DO-41 Plastic-Encapsulate Diodes
R2000-DO-41 HDSEMI-R2000-DO-41 Datasheet
1Mb / 4P
   DO-41 Plastic-Encapsulate Diodes
1N4001 HDSEMI-1N4001 Datasheet
1Mb / 4P
   DO - 41 Plastic-Encapsulate Diode
SB120 HDSEMI-SB120 Datasheet
1Mb / 4P
   DO-41 Plastic-Encapsulate Diodes
FR101 HDSEMI-FR101 Datasheet
1Mb / 4P
   DO-41 Plastic-Encapsulate Diodes
SF11G-SF18G HDSEMI-SF11G-SF18G Datasheet
1Mb / 4P
   DO - 41 Plastic-Encapsulate Diodes
P4KE HDSEMI-P4KE Datasheet
1Mb / 7P
   DO-41 Plastic-Encapsulate Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com