Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSEZ1317AMY_F116 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FSEZ1317AMY_F116
Description  Primary-Side-Regulation PWM with POWER MOSFET Integrated
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSEZ1317AMY_F116 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FSEZ1317AMY_F116 Datasheet HTML 1Page - Fairchild Semiconductor FSEZ1317AMY_F116 Datasheet HTML 2Page - Fairchild Semiconductor FSEZ1317AMY_F116 Datasheet HTML 3Page - Fairchild Semiconductor FSEZ1317AMY_F116 Datasheet HTML 4Page - Fairchild Semiconductor FSEZ1317AMY_F116 Datasheet HTML 5Page - Fairchild Semiconductor FSEZ1317AMY_F116 Datasheet HTML 6Page - Fairchild Semiconductor FSEZ1317AMY_F116 Datasheet HTML 7Page - Fairchild Semiconductor FSEZ1317AMY_F116 Datasheet HTML 8Page - Fairchild Semiconductor FSEZ1317AMY_F116 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSEZ1317A • Rev. 1.0.1
3
Marking Information
Figure 4. Top Mark
Pin Configuration
Figure 5. Pin Configuration
Pin Definitions
Pin #
Name
Description
1
CS
Current Sense
. This pin connects a current-sense resistor, to detect the MOSFET current for
peak-current-mode control in CV mode, and provides the output-current regulation in CC mode.
2
VDD
Power Supply
. IC operating current and MOSFET driving current are supplied using this pin.
This pin is connected to an external VDD capacitor of typically 10µF. The threshold voltages for
startup and turn-off are 16V and 5V, respectively. The operating current is lower than 5mA.
3
GND
Ground
4
COMR
Cable Compensation
. This pin connects a 1µF capacitor between the COMR and GND pins
for compensation voltage drop due to output cable loss in CV mode.
5
VS
Voltage Sense
. This pin detects the output voltage information and discharge time based on
voltage of auxiliary winding.
7
HV
High Voltage
. This pin connects to bulk capacitor for high-voltage startup.
8
DRAIN
Driver Output
. Power MOSFET drain. This pin is the high-voltage power MOSFET drain.
F
: Fairchild Logo
Z: Plant Code
X: 1-Digit Year Code
Y: 1-Digit Week Code
TT: 2-Digit Die Run Code
T: Package Type (M=SOP)
P: Y=Green Package
M: Manufacture Flow Code


Similar Part No. - FSEZ1317AMY_F116

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSEZ1317AMY FAIRCHILD-FSEZ1317AMY Datasheet
968Kb / 17P
   Primary-Side-Regulation PWM with POWER MOSFET Integrated
More results

Similar Description - FSEZ1317AMY_F116

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSEZ1317AMY FAIRCHILD-FSEZ1317AMY Datasheet
968Kb / 17P
   Primary-Side-Regulation PWM with POWER MOSFET Integrated
FSEZ1307 FAIRCHILD-FSEZ1307 Datasheet
648Kb / 16P
   Primary-Side-Regulation PWM with Power MOSFET Integrated
FSEZ1317 FAIRCHILD-FSEZ1317 Datasheet
963Kb / 17P
   Primary-Side-Regulation PWM with POWER MOSFET Integrated
FSEZ1216 FAIRCHILD-FSEZ1216_09 Datasheet
825Kb / 16P
   Primary-Side-Regulation PWM Integrated Power MOSFET
logo
ON Semiconductor
FSEZ1016A ONSEMI-FSEZ1016A Datasheet
740Kb / 7P
   Primary-Side-Regulation PWM Integrated Power MOSFET
Rev. 1.0.3
logo
Fairchild Semiconductor
FSEZ1016A FAIRCHILD-FSEZ1016A_10 Datasheet
577Kb / 16P
   Primary-Side-Regulation PWM Integrated Power MOSFET
FSEZ1216B FAIRCHILD-FSEZ1216B Datasheet
646Kb / 15P
   Primary-Side-Regulation PWM Integrated Power MOSFET
logo
ON Semiconductor
FSEZ1317WA ONSEMI-FSEZ1317WA Datasheet
673Kb / 17P
   Primary-Side-Regulation PWM POWER MOSFET Integrated
Rev. 1.0.2
logo
Fairchild Semiconductor
FSEZ1016A FAIRCHILD-FSEZ1016A Datasheet
602Kb / 16P
   Primary-Side-Regulation PWM Integrated Power MOSFET
FSEZ1216 FAIRCHILD-FSEZ1216 Datasheet
539Kb / 14P
   Primary-Side-Regulation PWM Integrated Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com