Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSBH0370 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FSBH0370
Description  Green Mode Fairchild Power Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBH0370 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FSBH0370 Datasheet HTML 2Page - Fairchild Semiconductor FSBH0370 Datasheet HTML 3Page - Fairchild Semiconductor FSBH0370 Datasheet HTML 4Page - Fairchild Semiconductor FSBH0370 Datasheet HTML 5Page - Fairchild Semiconductor FSBH0370 Datasheet HTML 6Page - Fairchild Semiconductor FSBH0370 Datasheet HTML 7Page - Fairchild Semiconductor FSBH0370 Datasheet HTML 8Page - Fairchild Semiconductor FSBH0370 Datasheet HTML 9Page - Fairchild Semiconductor FSBH0370 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSBH0F70A, FSBH0170/A, FSBH0270/A, FSBH0370 • Rev. 1.0.3
6
Electrical Characteristics
VDD=15V and TA=25°C unless otherwise specified.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
SenseFET Section
(10)
BVDSS
Drain-Source
Breakdown Voltage
FSBH0x70/A
VDS = 700V, VGS = 0V
700
V
IDSS
Zero-Gate-Voltage
Drain Current
FSBH0x70/A
VDS = 700V, VGS = 0V
50
μA
VDS = 560V, VGS = 0V,
TC = 125°C
200
RDS(ON)
Drain-Source On-
State Resistance
(11)
FSBH0F70A
VGS = 10V, ID = 0.5A
14.00
19.00
FSBH0170/A
8.80
11.00
FSBH0270/A
6.00
7.20
FSBH0370
4.00
4.75
CISS
Input Capacitance
FSBH0F70A
VGS = 0V, VDS = 25V,
f = 1MHz
162
211
pF
FSBH0170/A
250
325
FSBH0270/A
550
715
FSBH0370
315
410
COSS
Output Capacitance
FSBH0F70A
VGS = 0V, VDS = 25V,
f = 1MHz
18
24
pF
FSBH0170/A
25
33
FSBH0270/A
38
50
FSBH0370
47
61
CRSS
Reverse Transfer
Capacitance
FSBH0F70A
VGS = 0V, VDS = 25V,
f = 1MHz
3.8
5.7
pF
FSBH0170/A
10.0
15.0
FSBH0270/A
17.0
26.0
FSBH0370
9.0
24.0
tD(ON)
Turn-On Delay Time
FSBH0F70A
VDS = 350V, ID = 1.0A
9.5
29.0
ns
FSBH0170/A
12.0
34.0
FSBH0270/A
20.0
50.0
FSBH0370
11.2
33.0
tR
Rise Time
FSBH0F70A
VDS = 350V, ID = 1.0A
19
48
ns
FSBH0170/A
4
18
FSBH0270/A
15
40
FSBH0370
34
78
tD(OFF)
Turn-Off Delay Time
FSBH0F70A
VDS = 350V, ID = 1.0A
33.0
76.0
ns
FSBH0170/A
30.0
70.0
FSBH0270/A
55.0
120.0
FSBH0370
28.2
67.0
tF
Fall Time
FSBH0F70A
VDS = 350V, ID = 1.0A
42
94
ns
FSBH0170/A
10
30
FSBH0270/A
25
60
FSBH0370
32
74
Continued on the following page…


Similar Part No. - FSBH0370

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSBH0370 FAIRCHILD-FSBH0370 Datasheet
708Kb / 16P
   Green Mode Fairchild Power Switch (FPS??
FSBH0370 FAIRCHILD-FSBH0370 Datasheet
944Kb / 16P
   Green Mode Fairchild Power Switch
FSBH0370NY FAIRCHILD-FSBH0370NY Datasheet
708Kb / 16P
   Green Mode Fairchild Power Switch (FPS??
FSBH0370NY_F116 FAIRCHILD-FSBH0370NY_F116 Datasheet
944Kb / 16P
   Green Mode Fairchild Power Switch
More results

Similar Description - FSBH0370

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSCM0465R FAIRCHILD-FSCM0465R Datasheet
450Kb / 20P
   Green Mode Fairchild Power Switch
FSQ100 FAIRCHILD-FSQ100 Datasheet
741Kb / 12P
   Green Mode Fairchild Power Switch
FSL127H FAIRCHILD-FSL127H Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
FSQ0765RQ FAIRCHILD-FSQ0765RQ Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch
FSDM0465RE FAIRCHILD-FSDM0465RE Datasheet
519Kb / 21P
   Green Mode Fairchild Power Switch
FSDH321 FAIRCHILD-FSDH321_04 Datasheet
510Kb / 20P
   Green Mode Fairchild Power Switch
FSBH0170 FAIRCHILD-FSBH0170_11 Datasheet
944Kb / 16P
   Green Mode Fairchild Power Switch
FSGM0465RB FAIRCHILD-FSGM0465RB Datasheet
927Kb / 18P
   Green-Mode Fairchild Power Switch
FSGM0765R FAIRCHILD-FSGM0765R Datasheet
823Kb / 18P
   Green-Mode Fairchild Power Switch
FSL137H FAIRCHILD-FSL137H_10 Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com