Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L0107NE Datasheet(PDF) 6 Page - Littelfuse

Part # L0107NE
Description  New 1 Amp bi-directional solid state switch series offering direct interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

L0107NE Datasheet(HTML) 6 Page - Littelfuse

  L0107NE Datasheet HTML 1Page - Littelfuse L0107NE Datasheet HTML 2Page - Littelfuse L0107NE Datasheet HTML 3Page - Littelfuse L0107NE Datasheet HTML 4Page - Littelfuse L0107NE Datasheet HTML 5Page - Littelfuse L0107NE Datasheet HTML 6Page - Littelfuse L0107NE Datasheet HTML 7Page - Littelfuse L0107NE Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
48
Revised: July 9, 2008
©2008 Littelfuse, Inc.
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
EV Series 1 Amp Sensitive Triacs
L01 Series
Dimensions – SOT-223
Dimensions
Inches
Millimeters
Min
Typ
Max
Min
Typ
Max
A
0.248
0.256
0.264
6.30
6.50
6.70
B
0.130
0.138
0.146
3.30
3.50
3.70
C
0.071
1.80
D
0.001
0.004
0.02
0.10
E
0.114
0.118
0.124
2.90
3.00
3.15
F
0.024
0.027
0.034
0.60
0.70
0.85
G
0.090
2.30
H
0.181
4.60
I
0.264
0.276
0.287
6.70
7.00
7.30
J
0.009
0.010
0.014
0.24
0.26
0.35
K
10° MAX
Dimensions in Millimeters (Inches)
1.5
(0.059”)
1.5
(0.059”)
3.3
(0.130”)
6.4
(0.252”)
4.6
(0.181”)
1.2
(0.047”)
2.3
(0.091”)
(3x)
Pad Layout for SOT-223
Product Selector
Part Number
Voltage
Gate Sensitivity Quadrants
Package
I II III
IV
L0103DE
400 V
3 mA
5 mA
TO-92
L0103ME
600 V
3 mA
5 mA
TO-92
L0103NE
800 V
3 mA
5 mA
TO-92
L0103DT
400 V
3 mA
5 mA
SOT-223
L0103MT
600 V
3 mA
5 mA
SOT-223
L0103NT
800 V
3 mA
5 mA
SOT-223
L0107DE
400 V
5 mA
7 mA
TO-92
L0107ME
600 V
5 mA
7 mA
TO-92
L0107NE
800 V
5 mA
7 mA
TO-92
L0107DT
400 V
5 mA
7 mA
SOT-223
L0107MT
600 V
5 mA
7 mA
SOT-233
L0107NT
800 V
5 mA
7 mA
SOT-233
L0109DE
400 V
10 mA
10 mA
TO-92
L0109ME
600 V
10 mA
10 mA
TO-92
L0109NE
800 V
10 mA
10 mA
TO-92
L0109DT
400 V
10 mA
10 mA
SOT-223
L0109MT
600 V
10 mA
10 mA
SOT-223
L0109NT
800 V
10 mA
10 mA
SOT-223


Similar Part No. - L0107NE

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L0107NE LITTELFUSE-L0107NE Datasheet
1Mb / 8P
   Teccor짰 brand Thyristors EV Series 1 Amp Sensitive Triacs
L0107NE LITTELFUSE-L0107NE Datasheet
1Mb / 8P
   Teccor짰 brand Thyristors EV Series 1 Amp Sensitive Triacs
L0107NE LITTELFUSE-L0107NE Datasheet
1Mb / 8P
   Thyristors EV Series 1 Amp Sensitive Triacs
Revised: 05/29/19
L0107NERP LITTELFUSE-L0107NERP Datasheet
1Mb / 8P
   Teccor짰 brand Thyristors EV Series 1 Amp Sensitive Triacs
More results

Similar Description - L0107NE

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LX803DE LITTELFUSE-LX803DE Datasheet
257Kb / 8P
   New 0.8 Amp bi-directional solid state switch series offering direct
logo
AVAGO TECHNOLOGIES LIMI...
ASSR-1510 AVAGO-ASSR-1510 Datasheet
197Kb / 15P
   Compact Solid-State Bi-directional Signal Switch
ASSR-322R AVAGO-ASSR-322R Datasheet
124Kb / 12P
   Compact Solid-State Bi-directional Signal Switch
ASSR-1218 AVAGO-ASSR-1218 Datasheet
356Kb / 12P
   Compact Solid-State Bi-directional Signal Switch
ASSR-301C AVAGO-ASSR-301C Datasheet
110Kb / 7P
   Compact Solid-State Bi-directional Signal Switch
logo
Littelfuse
QXX12LH2 LITTELFUSE-QXX12LH2 Datasheet
923Kb / 8P
   12 Amp bi-directional solid state switch series is designed for AC switching
Q6006LH456 LITTELFUSE-Q6006LH456 Datasheet
1Mb / 14P
   6 Amp bi-directional solid state switch series is designed for AC switching
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
LXX8E3 LITTELFUSE-LXX8E3 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
QXX10L4 LITTELFUSE-QXX10L4 Datasheet
967Kb / 9P
   10 Amp bi-directional solid state switch series is designed for AC switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com