Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U17-215-R6C-AQ1R2B-3T Datasheet(PDF) 8 Page - Everlight Electronics Co., Ltd

Part # U17-215-R6C-AQ1R2B-3T
Description  0805 Package Chip LED (0.8mm Height)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

U17-215-R6C-AQ1R2B-3T Datasheet(HTML) 8 Page - Everlight Electronics Co., Ltd

Back Button U17-215-R6C-AQ1R2B-3T Datasheet HTML 2Page - Everlight Electronics Co., Ltd U17-215-R6C-AQ1R2B-3T Datasheet HTML 3Page - Everlight Electronics Co., Ltd U17-215-R6C-AQ1R2B-3T Datasheet HTML 4Page - Everlight Electronics Co., Ltd U17-215-R6C-AQ1R2B-3T Datasheet HTML 5Page - Everlight Electronics Co., Ltd U17-215-R6C-AQ1R2B-3T Datasheet HTML 6Page - Everlight Electronics Co., Ltd U17-215-R6C-AQ1R2B-3T Datasheet HTML 7Page - Everlight Electronics Co., Ltd U17-215-R6C-AQ1R2B-3T Datasheet HTML 8Page - Everlight Electronics Co., Ltd U17-215-R6C-AQ1R2B-3T Datasheet HTML 9Page - Everlight Electronics Co., Ltd U17-215-R6C-AQ1R2B-3T Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
17-215/R6C-AQ1R2B/3T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.1
Page: 8 of 10
Device No. :SZDSE-175-R05
Prepared date:14-Apr-2006
Prepared by: Gu Zhicheng
Reliability Test Items And Conditions
The reliability of products shall be satisfied with items listed below.
Confidence level:90%
LTPD:10%
No.
Items
Test Condition
Test
Hours/Cycles
Sample
Size
Ac/Re
1
Reflow Soldering
Temp. : 260℃±5℃
Min. 5sec.
6 Min.
22 PCS.
0/1
2
Temperature Cycle
H : +100℃ 15min
∫ 5 min
L : -40℃ 15min
300 Cycles
22 PCS.
0/1
3
Thermal Shock
H : +100℃ 5min
∫ 10 sec
L : -10℃ 5min
300 Cycles
22 PCS.
0/1
4
High Temperature
Storage
Temp. : 100℃
1000 Hrs.
22 PCS.
0/1
5
Low Temperature
Storage
Temp. : -40℃
1000 Hrs.
22 PCS.
0/1
6
DC Operating Life
IF = 20 mA
1000 Hrs.
22 PCS.
0/1
7
High Temperature /
High Humidity
85℃/ 85% RH
1000 Hrs.
22 PCS.
0/1


Similar Part No. - U17-215-R6C-AQ1R2B-3T

ManufacturerPart #DatasheetDescription
logo
C&K Components
U17 CK-COMPONENTS-U17 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
logo
Keysight Technologies
U1700 KEYSIGHT-U1700 Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
U1701B KEYSIGHT-U1701B Datasheet
200Kb / 6P
   U1701B Handheld Capacitance Meter
logo
Agilent(Hewlett-Packard...
U1701B HP-U1701B Datasheet
370Kb / 6P
   Agilent U1701B Handheld Capacitance Meter
logo
Keysight Technologies
U1701B KEYSIGHT-U1701B Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
More results

Similar Description - U17-215-R6C-AQ1R2B-3T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
17-215-BHC-BP2Q2M-3T EVERLIGHT-17-215-BHC-BP2Q2M-3T_11 Datasheet
204Kb / 10P
   0805 Package Chip LED(0.8mm Height)
17-215-BHC-AN1P2-3T EVERLIGHT-17-215-BHC-AN1P2-3T Datasheet
165Kb / 10P
   0805 Package Chip LED(0.8mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
17-215-B6C-YP2R2-3T TO-GRACE-17-215-B6C-YP2R2-3T Datasheet
869Kb / 10P
   0805 Package Chip LED(0.8mm Height)
17-215-BHC-BP2Q2M-3T TO-GRACE-17-215-BHC-BP2Q2M-3T Datasheet
876Kb / 10P
   0805 Package Chip LED(0.8mm Height)
logo
Everlight Electronics C...
17-215-BHC-BP2Q2M-3T EVERLIGHT-17-215-BHC-BP2Q2M-3T Datasheet
121Kb / 10P
   0805 Package Chip LED(0.8mm Height)
17-215-G6C-FN2P2B-3T EVERLIGHT-17-215-G6C-FN2P2B-3T Datasheet
152Kb / 10P
   0805 Package Chip LED (0.8mm Height)
17-215-S2C-AQ1R2B-3T EVERLIGHT-17-215-S2C-AQ1R2B-3T Datasheet
214Kb / 10P
   0805 Package Chip LED (0.8mm Height)
17-215-B6C-YP2R2-3T EVERLIGHT-17-215-B6C-YP2R2-3T_11 Datasheet
203Kb / 10P
   0805 Package Chip LED(0.8mm Height)
17-215-S2C-CP2R1B-3T EVERLIGHT-17-215-S2C-CP2R1B-3T Datasheet
169Kb / 10P
   0805 Package Chip LED (0.8mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
17-215-S2C-AQ1R2B-3T TO-GRACE-17-215-S2C-AQ1R2B-3T Datasheet
990Kb / 10P
   0805 Package Chip LED (0.8mm Height)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com