Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMF6705V Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDMF6705V
Description  Extra-Small, High- Performance, High-Frequency DrMOS Module
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMF6705V Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDMF6705V Datasheet HTML 1Page - Fairchild Semiconductor FDMF6705V Datasheet HTML 2Page - Fairchild Semiconductor FDMF6705V Datasheet HTML 3Page - Fairchild Semiconductor FDMF6705V Datasheet HTML 4Page - Fairchild Semiconductor FDMF6705V Datasheet HTML 5Page - Fairchild Semiconductor FDMF6705V Datasheet HTML 6Page - Fairchild Semiconductor FDMF6705V Datasheet HTML 7Page - Fairchild Semiconductor FDMF6705V Datasheet HTML 8Page - Fairchild Semiconductor FDMF6705V Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
March 2011
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FDMF6705V • Rev. 1.0 1
FDMF6705V – XS™ DrMOS – Extra-Small, High-
Performance, High-Frequency DrMOS Module
Benefits
Single 12V Input Power Supply Operation
Ultra-Compact 6x6mm PQFN, 72% Space-Saving
Compared to Conventional Discrete Solutions
Fully Optimized System Efficiency
Clean Switching Waveforms with Minimal Ringing
High-Current Handling
Features
Over 93% Peak-Efficiency
High-Current Handling of 43A
High-Performance PQFN Copper Clip Package
3-State 5V PWM Input Driver
Shorter Propagation Delays than FDMF6704V
Shorter Dead Times than FDMF6704V
Skip-Mode SMOD# (Low-Side Gate Turn Off) Input
Thermal Warning Flag for Over-Temperature
Condition
Driver Output Disable Function (DISB# Pin)
Internal Pull-Up and Pull-Down for SMOD# and
DISB# Inputs, Respectively
Fairchild PowerTrench® Technology MOSFETs for
Clean Voltage Waveforms and Reduced Ringing
Fairchild SyncFET™ (Integrated Schottky Diode)
Technology in the Low-Side MOSFET
Integrated Bootstrap Schottky Diode
Adaptive Gate Drive Timing for Shoot-through
Protection
Under-Voltage Lockout (UVLO)
Optimized for Switching Frequencies up to 1MHz
Low-Profile SMD Package
Fairchild Green Packaging and RoHS Compliant
Based on the Intel® 4.0 DrMOS Standard
Description
The XS™ DrMOS family is Fairchild’s next-generation,
fully optimized, ultra-compact, integrated MOSFET plus
driver power stage solutions for high-current, high-
frequency, synchronous buck DC-DC applications. The
FDMF6705V
integrates
a
driver
IC,
two
power
MOSFETs, and a bootstrap Schottky diode into a
thermally
enhanced,
ultra-compact
6x6mm
PQFN
package.
With an integrated approach, the complete switching
power stage is optimized with regards to driver and
MOSFET dynamic performance, system inductance,
and Power MOSFET RDS(ON). XS™ DrMOS uses
Fairchild's high-performance PowerTrench® MOSFET
technology, which dramatically reduces switch ringing,
eliminating the need for a snubber circuit in most buck
converter applications.
A new driver IC with reduced dead times and
propagation delays further enhances the performance
of this part. A thermal warning function has been
included to warn of a potential over-temperature
situation. The FDMF6705V also incorporates features,
such as Skip Mode (SMOD), for improved light-load
efficiency
along
with
a
3-state
PWM
input
for
compatibility with a wide range of PWM controllers.
Applications
High-Performance Gaming Motherboards
Compact Blade Servers, V-Core and Non-V-Core
DC-DC Converters
Desktop Computers, V-Core and Non-V-Core
DC-DC Converters
Workstations
High-Current DC-DC Point-of-Load (POL)
Converters
Networking and Telecom Microprocessor Voltage
Regulators
Small Form-Factor Voltage Regulator Modules
Ordering Information
Part
Number
Current
Rating
Input
Voltage
Switching
Frequency
Package
Top Mark
FDMF6705V
40A
12V
1000kHz
40-Lead, Clipbond PQFN DrMOS,
6.0x6.0mm Package
FDMF6705V


Similar Part No. - FDMF6705V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDMF6705V ONSEMI-FDMF6705V Datasheet
962Kb / 19P
   Extra-Small, High-Performance, High-Frequency DrMOS Module
March 2012 Rev. 1.0 2
More results

Similar Description - FDMF6705V

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMF6821B FAIRCHILD-FDMF6821B Datasheet
1Mb / 19P
   Extra-Small, High-Performance, High-Frequency DrMOS Module
logo
ON Semiconductor
FDMF6820A ONSEMI-FDMF6820A Datasheet
923Kb / 21P
   Extra-Small, High-Performance, High-Frequency DrMOS Module
April 2013 Rev. 1.0.3
FDMF3030 ONSEMI-FDMF3030 Datasheet
1Mb / 21P
   Extra-Small, High-Performance, High-Frequency, DrMOS Module
September 2012 Rev. 1.0.0
FDMF6824B ONSEMI-FDMF6824B Datasheet
706Kb / 19P
   Extra-Small, High-Performance, High-Frequency DrMOS Module
November-2017, Rev. 2
FDMF6824C ONSEMI-FDMF6824C Datasheet
1Mb / 21P
   Extra-Small, High-Performance, High-Frequency DrMOS Module
Rev. 1.0.1
FDMF6823C ONSEMI-FDMF6823C Datasheet
931Kb / 21P
   Extra-Small, High-Performance, High-Frequency DrMOS Module
Rev. 1.0.3
FDMF6705 ONSEMI-FDMF6705 Datasheet
1Mb / 21P
   Extra-Small, High-Performance, High-Frequency DrMOS Module
Rev. 1.0.4
FDMF6705V ONSEMI-FDMF6705V Datasheet
962Kb / 19P
   Extra-Small, High-Performance, High-Frequency DrMOS Module
March 2012 Rev. 1.0 2
logo
Fairchild Semiconductor
FDMF6821C FAIRCHILD-FDMF6821C Datasheet
1Mb / 19P
   Extra-Small, High-Performance, High-Frequency DrMOS Module
FDMF6706C FAIRCHILD-FDMF6706C Datasheet
1Mb / 18P
   Extra-Small, High-Performance, High- Frequency DrMOS Module
FDMF6707B FAIRCHILD-FDMF6707B Datasheet
1Mb / 18P
   Extra-Small, High-Performance, High- Frequency DrMOS Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com