Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K0900Y Datasheet(PDF) 3 Page - Littelfuse

Part # K0900Y
Description  SIDACs feature glass-passivated junctions to ensure a rugged and dependable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

K0900Y Datasheet(HTML) 3 Page - Littelfuse

  K0900Y Datasheet HTML 1Page - Littelfuse K0900Y Datasheet HTML 2Page - Littelfuse K0900Y Datasheet HTML 3Page - Littelfuse K0900Y Datasheet HTML 4Page - Littelfuse K0900Y Datasheet HTML 5Page - Littelfuse K0900Y Datasheet HTML 6Page - Littelfuse K0900Y Datasheet HTML 7Page - Littelfuse K0900Y Datasheet HTML 8Page - Littelfuse K0900Y Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
315
Revised:December21,2010 02:40PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Standard Bidirectional SIDACs
Kxxxzy Series
Figure 1: V-I Characteristics
-V
+I
VDRM
+V
VS
IS
IH
RS
IDRM
IBO
VBO
VT
IT
(IS -IBO)
(VBO -VS)
RS =
-I
0
1
2
3
4
5
6
7
8
9
0.6
1.0
1.4
1.8
2.2
2.6
3.0
3.4
3.8
Instantaneous On-state Voltage (v
T) – Volts
Kxxx2G
Kxxx0G
Kxxx0E
Kxxx0S
T
J = 25°C
Figure 2: On-state Current vs. On-state
Voltage (Typical)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE:
See Basic SIDAC Circuit in Figure 12
Kxxx2G
Kxxx0G
Kxxx0E
Kxxx0S
RMS On-State Current [I
T(RMS)] - Amps
Figure 3: Power Dissipation vs. On-state Current
(Typical)
Pulse Base Width (t
O) - us
1
10
100
1000
1.0
10.0
100.0
1000.0
5 Hz
60 Hz
5 kHz
120 Hz
1 kHz
di/dt Limit Line
I
TM
t
O
1/f
Figure 4: Repetitive Peak On-state Current (I
TRM)
vs. Pulse Width at Various Frequencies
1
10
100
1
10
100
1000
Surge Current Duration -- Full Cycles
SUPPLY FREQUENCY: 60 Hz Sinusoidal
LOAD: Resistive
RMS ON-STATE CURRENT: I
T
RMS Maximum Rated
Value at Specified Junction Temperature
Notes:
1) Blocking capability may be lost during
and immediately following surge
current interval.
2) Overload may not be repeated until
junction temperature has returned
to steady-state rated value.
Figure 5: Peak Non-repetitive Surge Current (I
TSM)
vs. Number of Cycles
Figure 6: Normalized V
BO Change vs. Junction
Temperature
-12%
-10%
-8%
-6%
-4%
-2%
0%
2%
4%
-40
-20
0
20
40
60
80
100
120
140
K2xx0E
K2xx0G
K2xx0S
Kxxx2G
K1xx0E
K1xx0G
K1xx0S
Junction Temperature (T
J) -- °C


Similar Part No. - K0900Y

ManufacturerPart #DatasheetDescription
logo
Littelfuse
K0900Y LITTELFUSE-K0900Y Datasheet
431Kb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
K0900yURP LITTELFUSE-K0900yURP Datasheet
840Kb / 9P
   RoHS Compliant
More results

Similar Description - K0900Y

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
1N4933GL LUGUANG-1N4933GL Datasheet
1Mb / 2P
   Glass Passivated Junctions
logo
First Silicon Co., Ltd
MB2M FS-MB2M Datasheet
196Kb / 2P
   Glass passivated chip junctions
logo
Fairchild Semiconductor
SS22-S210 FAIRCHILD-SS22-S210 Datasheet
41Kb / 3P
   Glass passivated junctions
logo
Diode Semiconductor Kor...
1N4933GL DSK-1N4933GL Datasheet
276Kb / 2P
   GLASS PASSIVATED JUNCTIONS
logo
Bruckewell Technology L...
B1S-B10S BWTECH-B1S-B10S Datasheet
418Kb / 4P
   Glass passivated chip junctions.
MB1S BWTECH-MB1S Datasheet
355Kb / 4P
   Glass passivated chip junctions.
logo
Mospec Semiconductor
F10C05 MOSPEC-F10C05 Datasheet
220Kb / 2P
   Glass Passivated chip junctions
logo
Gaomi Xinghe Electronic...
MB1S-10S GXELECTRONICS-MB1S-10S Datasheet
842Kb / 2P
   Glass passivated chip junctions
logo
First Silicon Co., Ltd
MB6S FS-MB6S Datasheet
201Kb / 2P
   Glass passivated chip junctions
logo
EIC discrete Semiconduc...
G105 EIC-G105 Datasheet
26Kb / 1P
   SIDACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com