Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7930CM Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FAN7930CM
Description  Critical Conduction Mode PFC Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7930CM Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FAN7930CM Datasheet HTML 1Page - Fairchild Semiconductor FAN7930CM Datasheet HTML 2Page - Fairchild Semiconductor FAN7930CM Datasheet HTML 3Page - Fairchild Semiconductor FAN7930CM Datasheet HTML 4Page - Fairchild Semiconductor FAN7930CM Datasheet HTML 5Page - Fairchild Semiconductor FAN7930CM Datasheet HTML 6Page - Fairchild Semiconductor FAN7930CM Datasheet HTML 7Page - Fairchild Semiconductor FAN7930CM Datasheet HTML 8Page - Fairchild Semiconductor FAN7930CM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7930C • Rev. 1.0.0
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
VZ
V
IOH, IOL
Peak Drive Output Current
-800
+500
mA
ICLAMP
Driver Output Clamping Diodes VO>VCC or VO<-0.3V
-10
+10
mA
IDET
Detector Clamping Diodes
-10
+10
mA
VIN
Error Amplifier Input, Output, ZCD and RDY Pin
(1)
-0.3
8.0
V
CS Input Voltage
(2)
-10.0
6.0
TJ
Operating Junction Temperature
+150
°C
TA
Operating Temperature Range
-40
+125
°C
TSTG
Storage Temperature Range
-65
+150
°C
ESD
Electrostatic Discharge
Capability
Human Body Model, JESD22-A114
2.5
kV
Charged Device Model, JESD22-C101
2.0
Notes:
1.
When this pin is supplied by external power sources by accident, its maximum allowable current is 50mA.
2.
In case of DC input, acceptable input range is -0.3V~6V: within 100ns -10V~6V is acceptable, but electrical
specifications are not guaranteed during such a short time.
Thermal Impedance
Symbol
Parameter
Min.
Max.
Unit
ΘJA
Thermal Resistance, Junction-to-Ambient
(3)
150
°C/W
Note:
3.
Regarding the test environment and PCB type, please refer to JESD51-2 and JESD51-10.


Similar Part No. - FAN7930CM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN7930CMX-G ONSEMI-FAN7930CMX-G Datasheet
982Kb / 22P
   Critical Conduction Mode PFC Controller
December-2017, Rev. 3
More results

Similar Description - FAN7930CM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
   Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
   Critical Conduction Mode PFC Controller
September-2017, Rev. 2
logo
Alpha & Omega Semicondu...
AOZ7111 AOSMD-AOZ7111 Datasheet
912Kb / 15P
   Critical Conduction Mode PFC Controller
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930C ONSEMI-FAN7930C Datasheet
982Kb / 22P
   Critical Conduction Mode PFC Controller
December-2017, Rev. 3
logo
Fairchild Semiconductor
FAN7930MX FAIRCHILD-FAN7930MX Datasheet
1Mb / 22P
   FAN7930 Critical Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com