Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7601BGX Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FAN7601BGX
Description  Green Current Mode PWM Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7601BGX Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FAN7601BGX Datasheet HTML 1Page - Fairchild Semiconductor FAN7601BGX Datasheet HTML 2Page - Fairchild Semiconductor FAN7601BGX Datasheet HTML 3Page - Fairchild Semiconductor FAN7601BGX Datasheet HTML 4Page - Fairchild Semiconductor FAN7601BGX Datasheet HTML 5Page - Fairchild Semiconductor FAN7601BGX Datasheet HTML 6Page - Fairchild Semiconductor FAN7601BGX Datasheet HTML 7Page - Fairchild Semiconductor FAN7601BGX Datasheet HTML 8Page - Fairchild Semiconductor FAN7601BGX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7601B • Rev.1.0.2
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended. In
addition, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
20
V
VCS/FB
Input Voltage CS/FB
-0.3
20.0
V
TSTG
Storage Temperature
-55
+150
C
TJ
Recommended Operating Junction Temperature
-40
+150
C
IO
Output Current
250
mA
VSTR
VSTR Input Voltage
500
V
ESD
Electrostatic Discharge
Capability
Human Body Model, JESD22-A114
2000
V
Charged Device Model, JESD22-C101
1500
Thermal Impedance
Symbol
Parameter
Value
Unit
JA
Thermal Resistance, Junction-to-Ambient
8-SOP
180
°C/W
10-SSOP
130


Similar Part No. - FAN7601BGX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7601BGX FAIRCHILD-FAN7601BGX Datasheet
527Kb / 11P
   Green Current Mode PWM Controller
FAN7601BGX FAIRCHILD-FAN7601BGX_12 Datasheet
677Kb / 10P
   Green Current Mode PWM Controller
More results

Similar Description - FAN7601BGX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7601B FAIRCHILD-FAN7601B_12 Datasheet
677Kb / 10P
   Green Current Mode PWM Controller
FAN7602C FAIRCHILD-FAN7602C Datasheet
509Kb / 19P
   Green Current Mode PWM Controller
logo
ON Semiconductor
FAN7602C ONSEMI-FAN7602C Datasheet
475Kb / 19P
   Green Current Mode PWM Controller
Rev. 1.0.1
logo
Fairchild Semiconductor
FAN7602_0611 FAIRCHILD-FAN7602_0611 Datasheet
1Mb / 18P
   Green Current Mode PWM Controller
FAN7601 FAIRCHILD-FAN7601 Datasheet
411Kb / 12P
   Green Current Mode PWM Controller
FAN7602B FAIRCHILD-FAN7602B Datasheet
1Mb / 17P
   Green Current-Mode PWM Controller
AN-6014 FAIRCHILD-AN-6014 Datasheet
396Kb / 15P
   Green Current Mode PWM Controller
FAN7601B FAIRCHILD-FAN7601B Datasheet
527Kb / 11P
   Green Current Mode PWM Controller
FAN7602 FAIRCHILD-FAN7602 Datasheet
897Kb / 17P
   Green Current Mode PWM Controller
FAN7601 FAIRCHILD-FAN7601_05 Datasheet
585Kb / 12P
   Green Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com