Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7393AMX Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FAN7393AMX
Description  Half-Bridge Gate Drive IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7393AMX Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN7393AMX Datasheet HTML 1Page - Fairchild Semiconductor FAN7393AMX Datasheet HTML 2Page - Fairchild Semiconductor FAN7393AMX Datasheet HTML 3Page - Fairchild Semiconductor FAN7393AMX Datasheet HTML 4Page - Fairchild Semiconductor FAN7393AMX Datasheet HTML 5Page - Fairchild Semiconductor FAN7393AMX Datasheet HTML 6Page - Fairchild Semiconductor FAN7393AMX Datasheet HTML 7Page - Fairchild Semiconductor FAN7393AMX Datasheet HTML 8Page - Fairchild Semiconductor FAN7393AMX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7393A • Rev. 1.0.0
2
Typical Application Diagrams
Figure 1. Typical Application Circuit
Internal Block Diagram
Figure 2. Functional Block Diagram
+15V
Up to 600V
PWM
Shutdown
PWM IC
Control
RDT
DBOOT
CBOOT
R1
RBOOT
LO
COM
VB
VS
VDD
SD
IN
DT
NC
13
NC
NC
HO
VSS
NC
12
14
11
10
9
8
2
3
1
4
7
5
6
Load
R2
FAN7393A
UVLO
7
5
13
11
IN
VDD
COM
VB
VS
R
R
S
Q
HS(ON/OFF)
LS(ON/OFF)
DT
HO
LO
NOISE
CANCELLER
6
12
VSS
SD
5V
2
1
4
3
Pin 8, 9, 10 and 14 are no connection
RDTINT
250K
DELAY
UVLO
SCHMITT
TRIGGER INPUT
SHOOT-THROUGH
PREVENTION
DEAD-TIME
{ DTMIN=400ns }
VSS/COM
LEVEL
SHIFT
250K


Similar Part No. - FAN7393AMX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN7393AMX ONSEMI-FAN7393AMX Datasheet
2Mb / 17P
   Half-Bridge Gate Drive IC
July 2012 Rev. 1.0.1
logo
Fairchild Semiconductor
FAN7393AMX FAIRCHILD-FAN7393AMX_12 Datasheet
690Kb / 16P
   Half-Bridge Gate Drive IC
More results

Similar Description - FAN7393AMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7384 FAIRCHILD-FAN7384 Datasheet
1Mb / 17P
   Half-Bridge Gate-Drive IC
FAN7384 FAIRCHILD-FAN7384_09 Datasheet
1Mb / 17P
   Half-Bridge Gate-Drive IC
FAN73933 FAIRCHILD-FAN73933 Datasheet
1Mb / 17P
   Half-Bridge Gate Drive IC
FAN73932 FAIRCHILD-FAN73932 Datasheet
1Mb / 14P
   Half-Bridge Gate Drive IC
logo
ON Semiconductor
FAN7383 ONSEMI-FAN7383 Datasheet
1Mb / 18P
   Half-Bridge Gate-Drive IC
February 2007 Rev. 1.0.3
FAN7393A ONSEMI-FAN7393A Datasheet
2Mb / 17P
   Half-Bridge Gate Drive IC
July 2012 Rev. 1.0.1
FAN73832 ONSEMI-FAN73832 Datasheet
1Mb / 18P
   Half-Bridge Gate-Drive IC
February 2007 Rev. 1.0.2
logo
Fairchild Semiconductor
FAN73833 FAIRCHILD-FAN73833 Datasheet
1Mb / 12P
   Half-Bridge Gate-Drive IC
logo
ON Semiconductor
FAN73833 ONSEMI-FAN73833 Datasheet
1Mb / 15P
   Half-Bridge Gate-Drive IC
October 2012 Rev. 1.0.2
FAN73933 ONSEMI-FAN73933 Datasheet
2Mb / 19P
   Half-Bridge Gate Drive IC
Rev. 1.0.0
logo
Fairchild Semiconductor
FAN7393A FAIRCHILD-FAN7393A_12 Datasheet
690Kb / 16P
   Half-Bridge Gate Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com