Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7392N Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FAN7392N
Description  High-Current, High- and Low-Side, Gate-Drive IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7392N Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN7392N Datasheet HTML 2Page - Fairchild Semiconductor FAN7392N Datasheet HTML 3Page - Fairchild Semiconductor FAN7392N Datasheet HTML 4Page - Fairchild Semiconductor FAN7392N Datasheet HTML 5Page - Fairchild Semiconductor FAN7392N Datasheet HTML 6Page - Fairchild Semiconductor FAN7392N Datasheet HTML 7Page - Fairchild Semiconductor FAN7392N Datasheet HTML 8Page - Fairchild Semiconductor FAN7392N Datasheet HTML 9Page - Fairchild Semiconductor FAN7392N Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7392 Rev. 1.0.3
6
Electrical Characteristics
VBIAS(VCC, VBS, VDD)=15.0V, VSS=COM=0V and TA=25°C, unless otherwise specified. The VIH, VIL, and IIN
parameters are referenced to VSS and are applicable to the respective input leads: HIN, LIN, and SD. The VO and IO
parameters are referenced to VS and COM and are applicable to the respective output leads: HO and LO.
Symbol
Characteristics
Test Condition
Min. Typ. Max. Unit
Low-Side Power Supply Section
IQCC
Quiescent VCC Supply Current
VIN=0V or VDD
40
80
μA
IQDD
Quiescent VDD Supply Current
VIN=0V or VDD
10
μA
IPCC
Operating VCC Supply Current
fIN=20kHz, rms, VIN=15VPP
430
μA
IPDD
Operating VDD Supply Current
fIN=20kHz, rms, VIN=15VPP
300
μA
ISD
Shutdown Supply Current
SD=VDD
120
μA
VCCUV+
VCC Supply Under-Voltage
Positive-Going Threshold Voltage
VCC=Sweep
7.7
8.8
9.9
V
VCCUV-
VCC Supply Under-Voltage
Negative-Going Threshold Voltage
VCC=Sweep
7.3
8.4
9.5
V
VCCUVH
VCC Supply Under-Voltage Lockout
Hysteresis Voltage
VCC=Sweep
0.4
V
Bootstrapped Supply Section
IQBS
Quiescent VBS Supply Current
VIN=0V or VDD
60
130
μA
IPBS
Operating VBS Supply Current
fIN=20kHz, rms value
500
μA
VBSUV+
VBS Supply Under-Voltage
Positive-Going Threshold Voltage
VBS=Sweep
7.7
8.8
9.9
V
VBSUV-
VBS Supply Under-Voltage
Negative-Going Threshold Voltage
VBS=Sweep
7.3
8.4
9.5
V
VBSUVH
VBS Supply Under-Voltage Lockout
Hysteresis Voltage
VBS=Sweep
0.4
V
ILK
Offset Supply Leakage Current
VB=VS=600V
50
μA
Input Locic Section (HIN, LIN, and SD)
VIH
Logic “1” Input Threshold Voltage
VDD=3V
2.4
V
VDD=15V
9.5
V
VIL
Logic “0” Input Threshold Voltage
VDD=3V
0.8
V
VDD=15V
4.5
V
IIN+
Logic Input High Bias Current
VIN=VDD
20
40
μA
IIN-
Logic Input Low Bias Current
VIN=0V
3
μA
RIN
Logic Input Pull-Down Resistance
375
750
K
Ω
Gate Driver Output Section
VOH
High-Level Output Voltage (VBIAS - VO)
No Load (IO=0A)
1.5
V
VOL
Low-Level Output Voltage
No Load (IO=0A)
200
mV
IO+
Output High, Short-Circuit Pulsed Current(4)
VO=0V, PW ≤10µs
2.5
3.0
A
IO-
Output Low, Short-Circuit Pulsed Current(4)
VO=15V, PW ≤10µs
2.5
3.0
A
VSS/COM VSS-COM/COM-VSS Voltage Educability
-5.0
5.0
V
- VS
Allowable Negative VS Pin Voltage for HIN
Signal Propagation to HO
-9.8
-7.0
V


Similar Part No. - FAN7392N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7392N FAIRCHILD-FAN7392N Datasheet
1Mb / 18P
   High-Current, High- and Low-Side, Gate-Drive IC
logo
ON Semiconductor
FAN7392N ONSEMI-FAN7392N Datasheet
2Mb / 20P
   High-Current, High- and Low-Side, Gate-Drive IC
July 2012 Rev. 1.0.4
More results

Similar Description - FAN7392N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7392 FAIRCHILD-FAN7392 Datasheet
1Mb / 18P
   High-Current, High- and Low-Side, Gate-Drive IC
logo
ON Semiconductor
FAN7392 ONSEMI-FAN7392 Datasheet
2Mb / 20P
   High-Current, High- and Low-Side, Gate-Drive IC
July 2012 Rev. 1.0.4
logo
Fairchild Semiconductor
FAN7190 FAIRCHILD-FAN7190 Datasheet
232Kb / 12P
   High-Current, High & Low-Side, Gate-Drive IC
logo
ON Semiconductor
FAN7391 ONSEMI-FAN7391 Datasheet
1Mb / 15P
   High-Current, High & Low-Side, Gate-Drive IC
July 2017 Rev. 2
logo
Fairchild Semiconductor
FAN7390 FAIRCHILD-FAN7390 Datasheet
1Mb / 15P
   High-Current, High & Low-Side, Gate-Drive IC
FAN7390A FAIRCHILD-FAN7390A Datasheet
1Mb / 12P
   High-Current, High & Low-Side, Gate-Drive IC
FAN7390 FAIRCHILD-FAN7390_12 Datasheet
700Kb / 14P
   High-Current, High & Low-Side, Gate-Drive IC
FAN7391 FAIRCHILD-FAN7391 Datasheet
524Kb / 13P
   High-Current, High & Low-Side, Gate-Drive IC
logo
ON Semiconductor
FAN73901 ONSEMI-FAN73901 Datasheet
1Mb / 14P
   High- and Low-Side, Gate-Drive IC
September 2013 Rev. 1.0.1
logo
Fairchild Semiconductor
FAN73901 FAIRCHILD-FAN73901 Datasheet
1Mb / 12P
   High- and Low-Side, Gate-Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com