Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XU1014-QH Datasheet(PDF) 3 Page - Mimix Broadband

Part # XU1014-QH
Description  8.0-18.0 GHz Up-Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XU1014-QH Datasheet(HTML) 3 Page - Mimix Broadband

  XU1014-QH Datasheet HTML 1Page - Mimix Broadband XU1014-QH Datasheet HTML 2Page - Mimix Broadband XU1014-QH Datasheet HTML 3Page - Mimix Broadband XU1014-QH Datasheet HTML 4Page - Mimix Broadband XU1014-QH Datasheet HTML 5Page - Mimix Broadband XU1014-QH Datasheet HTML 6Page - Mimix Broadband XU1014-QH Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
8.0-18.0 GHz Up-Converter
QFN, 4x4mm
Page 3 of 7
Up-Converter Measurements (cont.)
U1014-QH
XU1014-QH: Conversion Gain (dB) vs RF Frequency (GHz),
IF=1GHz, Id1=65mA, 25C
-14.00
-12.00
-10.00
-8.00
-6.00
-4.00
-2.00
0.00
8
10
12
14
16
18
20
RF Frequency (GHz)
at PLO=3dBm
at PLO=5dBm
at PLO=7dBm
XU1014-QH: Conversion Gain vs RF Frequency
IF=1,2,3GHz, Vd1=4V, Id1=65mA, Vg2=-2V,PLO=5dBm
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
8
10
12
14
16
18
20
RF Frequency (GHz)
IF=1GHz
IF=2GHz
IF=3GHz
XU1014-QH: Conversion Gain vs RF Frequency
IF=1,2,3GHz, Vd1=4V, Id1=65mA, Vg2=-2V,PLO=5dBm
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
8
10
12
14
16
18
20
RF Frequency (GHz)
IF=1GHz
IF=2GHz
IF=3GHz
XU1014-QH: IIP3 vs RF Frequency
IF=1,2,3GHz, Vd1=4V, Id1=65mA, Vg2=-2V,PLO=5dBm
-20
-10
0
10
20
30
40
8
10
12
14
16
18
20
RF Frequency (GHz)
IF=1GHz
IF=2GHz
IF=3GHz
XU1014-QH: IIP3 vs RF Frequency
IF=1,2,3GHz, Vd1=4V, Id1=65mA, Vg2=-2V,PLO=5dBm
-20
-10
0
10
20
30
40
8
10
12
14
16
18
20
RF Frequency (GHz)
IF=1GHz
IF=2GHz
IF=3GHz
XU1014-QH: Conversion Gain (dB) vs RF Frequency (GHz),
IF=2GHz, Id1=65mA, 25C
-14
-12
-10
-8
-6
-4
-2
0
8
10
12
14
16
18
20
RF Frequency (GHz)
at PLO=3dBm
at PLO=5dBm
at PLO=7dBm
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2009 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
December 2009 - Rev 22-Dec-09


Similar Part No. - XU1014-QH

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XU1014-QH MIMIX-XU1014-QH Datasheet
850Kb / 1P
   8.0-18.0 GHz Up-Converter QFN, 4x4mm
More results

Similar Description - XU1014-QH

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XU1014-QH MIMIX-XU1014-QH Datasheet
850Kb / 1P
   8.0-18.0 GHz Up-Converter QFN, 4x4mm
XU1014-BD MIMIX-XU1014-BD Datasheet
1Mb / 1P
   8.0-18.0 GHz GaAs MMIC Up-Converter
logo
Teledyne Technologies I...
ACP18015 TELEDYNE-ACP18015 Datasheet
147Kb / 2P
   8.0 TO 18.0 GHz COUGARPAK AMPLIFIER
ACP18012 TELEDYNE-ACP18012 Datasheet
147Kb / 2P
   8.0 TO 18.0 GHz COUGARPAK AMPLIFIER
logo
HBH Microwave GmbH
HA6004 HBH-HA6004 Datasheet
20Kb / 1P
   8.0 - 18.0 GHz Broadband Power Amplifier
logo
Transcom, Inc.
TA060-180-35-24 TRANSCOM-TA060-180-35-24 Datasheet
48Kb / 2P
   6.0 ??18.0 GHz 24dBmAmplifiers
logo
TEMIC Semiconductors
U2891B TEMIC-U2891B Datasheet
64Kb / 6P
   2.5 GHz Quadrature Up-Converter
logo
Texas Instruments
TRF1122 TI-TRF1122 Datasheet
59Kb / 2P
[Old version datasheet]   2.5-GHz Integrated Up-Converter
TRF1222 TI-TRF1222 Datasheet
455Kb / 12P
[Old version datasheet]   3.5-GHz Integrated Up-Converter
logo
Mimix Broadband
XU1012-QH MIMIX-XU1012-QH Datasheet
875Kb / 7P
   5.6-10.5 GHz Up-Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com