Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7361 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FAN7361
Description  High-Side Gate Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7361 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FAN7361 Datasheet HTML 1Page - Fairchild Semiconductor FAN7361 Datasheet HTML 2Page - Fairchild Semiconductor FAN7361 Datasheet HTML 3Page - Fairchild Semiconductor FAN7361 Datasheet HTML 4Page - Fairchild Semiconductor FAN7361 Datasheet HTML 5Page - Fairchild Semiconductor FAN7361 Datasheet HTML 6Page - Fairchild Semiconductor FAN7361 Datasheet HTML 7Page - Fairchild Semiconductor FAN7361 Datasheet HTML 8Page - Fairchild Semiconductor FAN7361 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7361, FAN7362 Rev. 1.0.8
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. TA=25°C, unless otherwise specified.
VS
High-Side Offset Voltage
VB-25
VB+0.3
V
VB
High-Side Floating Supply Voltage
-0.3
625
VHO
High-Side Floating Output Voltage
VS-0.3
VB+0.3
VCC
Logic Fixed Supply Voltage
-0.3
25
VIN
Logic Input Voltage
-0.3
VCC+0.3
dVS/dt
Allowable Offset Voltage Slew Rate
± 50
V/ns
PD(2)(3)(4)
Power Dissipation
0.625
W
θJA
Thermal Resistance, Junction-to-Ambient
200
°C/W
TJ
Junction Temperature
+150
°C
TS
Storage Temperature
+150
°C
TA
Ambient Temperature
-40
+125
°C
Notes:
2. Mounted on 76.2 x 114.3 x 1.6mm PCB (FR-4 glass epoxy material).
3. Refer to the following standards:
JESD51-2: Integral circuits thermal test method environmental conditions - Natural convection
JESD51-3: Low effective thermal conductivity test board for leaded surface mount packages
4. Do not exceed PD under any circumstances.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
VB
High-Side Floating Supply Voltage
VS+10
VS+20
V
VS
High-Side Floating Supply Offset Voltage
6-VCC
600
VHO
High-Side Output Voltage
VS
VB
VIN
Logic Input Voltage
GND
VCC
VCC
Logic Supply Voltage
10
20
Symbol
Characteristics
Min.
Max.
Unit
Symbol
Parameter
Min.
Max.
Unit


Similar Part No. - FAN7361

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7361 FAIRCHILD-FAN7361 Datasheet
629Kb / 9P
   High-Side Gate Driver
FAN7361 FAIRCHILD-FAN7361 Datasheet
444Kb / 9P
   High-Side Gate Driver
FAN7361 FAIRCHILD-FAN7361 Datasheet
1Mb / 9P
   High-Side Gate Driver
logo
ON Semiconductor
FAN7361 ONSEMI-FAN7361 Datasheet
854Kb / 11P
   High-Side Gate Driver
November 2009 Rev. 1.0.8
logo
Fairchild Semiconductor
FAN73611 FAIRCHILD-FAN73611 Datasheet
350Kb / 13P
   Single-Channel High-Side Gate Drive IC
More results

Similar Description - FAN7361

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7081 FAIRCHILD-FAN7081 Datasheet
295Kb / 16P
   High Side Gate Driver
FAN7361 FAIRCHILD-FAN7361_07 Datasheet
444Kb / 9P
   High-Side Gate Driver
logo
ON Semiconductor
FAN7361 ONSEMI-FAN7361 Datasheet
854Kb / 11P
   High-Side Gate Driver
November 2009 Rev. 1.0.8
FAN7083-GF085 ONSEMI-FAN7083-GF085 Datasheet
466Kb / 18P
   High Side Gate Driver
September-2017,Rev. 2
logo
Fairchild Semiconductor
FAN7081 FAIRCHILD-FAN7081_1 Datasheet
306Kb / 16P
   High Side Gate Driver
FAN7361 FAIRCHILD-FAN7361_09 Datasheet
1Mb / 9P
   High-Side Gate Driver
FAN7362 FAIRCHILD-FAN7362 Datasheet
629Kb / 9P
   High-Side Gate Driver
logo
ON Semiconductor
FAN7081-GF085 ONSEMI-FAN7081-GF085 Datasheet
447Kb / 15P
   High Side Gate Driver
September-2017, Rev.2
logo
Allegro MicroSystems
A3942 ALLEGRO-A3942 Datasheet
501Kb / 20P
   Quad High-Side Gate Driver
logo
Diodes Incorporated
DGD2012 DIODES-DGD2012 Datasheet
497Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com