Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P3100SDLRP Datasheet(PDF) 1 Page - Littelfuse

Part # P3100SDLRP
Description  The series provides a 200A 10/1000 關s rated surface mount solution
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P3100SDLRP Datasheet(HTML) 1 Page - Littelfuse

  P3100SDLRP Datasheet HTML 1Page - Littelfuse P3100SDLRP Datasheet HTML 2Page - Littelfuse P3100SDLRP Datasheet HTML 3Page - Littelfuse P3100SDLRP Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SIDACtor® ProtectionThyristors
184
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
High Surge Current Protection
The High Surge Current DO-214 Series are SIDACtor®
devices designed to protect equipment located in hostile
environments from overvoltage transients.
The series provides a 200A 10/1000 μs rated surface
mount solution that enables equipment to comply with
enhanced surge requirments now specified in regulatory
and customer requirements.
High Surge Current Series - DO-214
Electrical Characteristics
Description
Features and Benefits
Low voltage overshoot
Low on-state voltage
Does not degrade with
use
Fails short circuit when
surged in excess of
ratings
200A 10x1000 Surge
Rating
1000A 2x10 Surge
Rating
Agency Approvals
Agency
Agency File Number
E133083
Schematic Symbol
Pinout Designation
Part Number
Marking
V
DRM
@l
DRM=5μA
V
S
@100V/μs
I
H
I
S
I
T**
V
T
@I
T=2.2A
Capacitance
@1MHz, 2V bias
V min
V max
mA min mA max A max
V max
pf min pF max
P0080SDLRP
P-8D
6
25
50
800
2.2
4
50
150
P0640SDLRP
P06D
58
77
50
800
2.2
4
100
160
P0720SDLRP
P07D
65
88
50
800
2.2
4
100
150
P0900SDLRP
P09D
75
98
50
800
2.2
4
95
140
P1100SDLRP
P11D
90
130
50
800
2.2
4
75
115
P1300SDLRP
P13D
120
160
50
800
2.2
4
65
100
P1500SDLRP
P15D
140
180
50
800
2.2
4
60
90
P1800SDLRP
P18D
170
220
50
800
2.2
4
50
90
P2300SDLRP
P23D
190
260
50
800
2.2
4
50
80
P2600SDLRP
P26D
220
300
50
800
2.2
4
50
75
P3100SDLRP
P31D
275
350
50
800
2.2
4
45
70
P3500SDLRP
P35D
320
400
50
800
2.2
4
45
65
Applicable Global Standards
TIA-968-A
TIA-968-B
ITU K.20/21 Enhanced
Level
ITU K.20/21 Basic Level
GR 1089 Inter-building
GR 1089 Intra-building
IEC 61000-4-5
YD/T 1082
YD/T 993
YD/T 950
Not Applicable
Notes:
- Absolute maximum ratings measured at T
A= 25ºC (unless otherwise noted).
- Devices are uni-directional
** Will meet 4.4A power cross requirement without fire hazard.


Similar Part No. - P3100SDLRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P3100SDL LITTELFUSE-P3100SDL Datasheet
154Kb / 3P
   High Surge Current (D-rated) SIDACtor짰 Device
P3100SDL LITTELFUSE-P3100SDL Datasheet
843Kb / 52P
   gas plasma arresters-package dimensions/specifications
More results

Similar Description - P3100SDLRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0080SALRP LITTELFUSE-P0080SALRP Datasheet
140Kb / 5P
   The series provides a surface mount solution that enables equipment to comply
P1553UALXX LITTELFUSE-P1553UALXX Datasheet
157Kb / 5P
   The series provides a single port surface mount solution that enables voice
A2106UA6LXX LITTELFUSE-A2106UA6LXX Datasheet
156Kb / 5P
   The series provides a dual port surface mount solution that enables voice
P1200SALRP LITTELFUSE-P1200SALRP Datasheet
146Kb / 4P
   The series provides a specialized asymmetrical overvoltage protection solution
P1100GALRP LITTELFUSE-P1100GALRP Datasheet
110Kb / 3P
   The series provides a cost-effective through-hole solution that enables
P0302AAMCLXX LITTELFUSE-P0302AAMCLXX Datasheet
152Kb / 5P
   The series provides a robust single port solution that enables equipment
logo
ATMEL Corporation
AVR600 ATMEL-AVR600 Datasheet
240Kb / 19P
   The routing / socket card design provides a low cost solution
logo
National Semiconductor ...
LM21212-2 NSC-LM21212-2 Datasheet
1Mb / 10P
   Evaluation Board provides a solution to examine the high efficiency
LM21215 NSC-LM21215 Datasheet
1Mb / 10P
   Evaluation Board provides a solution to examine the high efficiency
LM21212-1 NSC-LM21212-1 Datasheet
1Mb / 10P
   evaluation board provides a solution to examine the high efficiency
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com