Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XU1004-BD Datasheet(PDF) 4 Page - Mimix Broadband

Part # XU1004-BD
Description  32.0-45.0 GHz GaAs MMIC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XU1004-BD Datasheet(HTML) 4 Page - Mimix Broadband

  XU1004-BD Datasheet HTML 1Page - Mimix Broadband XU1004-BD Datasheet HTML 2Page - Mimix Broadband XU1004-BD Datasheet HTML 3Page - Mimix Broadband XU1004-BD Datasheet HTML 4Page - Mimix Broadband XU1004-BD Datasheet HTML 5Page - Mimix Broadband XU1004-BD Datasheet HTML 6Page - Mimix Broadband XU1004-BD Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Page 4 of 7
MTTFTables (TBD)
Backplate
Temperature
55 deg Celsius
75 deg Celsius
95 deg Celsius
Channel
Temperature
deg Celsius
deg Celsius
deg Celsius
FITs
E+
E+
E+
MTTF Hours
E+
E+
E+
Rth
C/W
C/W
C/W
Bias Conditions: Vd1=Vd2=4.0V, Id1=160 mA, Id2=145 mA
These numbers were calculated based on accelerated life test information and thermal model analysis received from the fabricating foundry.
App Note [1] Biasing - As shown in the bonding diagram, this device is operated by separately biasing Vd1 and Vd2 with Vd(1,2)=4.0V,
Id1=160mA and Id2=145mA. Additionally, a mixer and doubler bias are also required with Vg3=Vg4=-0.5V. Adjusting Vg3 and Vg4 above or
below this value can adversely affect conversion gain, LO/RF isolation and intercept point performance. It is also recommended to use active
biasing to keep the currents constant as the RF power and temperature vary; this gives the most reproducible results. Depending on the
supply voltage available and the power dissipation constraints, the bias circuit may be a single transistor or a low power operational
amplifier, with a low value resistor in series with the drain supply used to sense the current. The gate of the pHEMT is controlled to maintain
correct drain current and thus drain voltage. The typical gate voltage needed to do this is -0.3V. Typically the gate is protected with Silicon
diodes to limit the applied voltage. Also, make sure to sequence the applied voltage to ensure negative gate bias is available before applying
the positive drain supply.
App Note [2] Bias Arrangement -
For Parallel Stage Bias (Recommended for general applications) -- The same as Individual Stage Bias but all the drain or gate pad DC bypass
capacitors (~100-200 pF) can be combined. Additional DC bypass capacitance (~0.01 uF) is also recommended to all DC or combination (if
gate or drains are tied together) of DC bias pads.
For Individual Stage Bias -- Each DC pad (Vd1,2 and Vg1,2,3,4) needs to have DC bypass capacitance (~100-200 pF) as close to the device as
possible. Additional DC bypass capacitance (~0.01 uF) is also recommended.
32.0-45.0 GHz GaAs MMIC
Transmitter
Typical Application
Mimix Broadband's 32.0-45.0 GHz XU1004 GaAs MMIC Transmitter can be used in saturated radio applications and linear modulation
schemes up to 128 QAM. The receiver can be used in upper and lower sideband applications from 32.0-45.0 GHz.
Mixer
Mimix Broadband MMIC-based 32.0-45.0 GHz Receiver Block Diagram
(Changing LO and IF frequencies as required allows design to operate as high as 45 GHz)
RF OUT
37.0-39.5 GHz
XU1004-BD
XP1005-BD
Coupler
IF In
2 GHz
LO(+2.0dBm)
17.5-18.75 GHz (USB Operation)
19.5-20.75 GHz (LSB Operation)
Buffer
X2
X
U1004-BD
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2008 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
October 2008 - Rev 16-Oct-08


Similar Part No. - XU1004-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XU1004-BD MIMIX-XU1004-BD Datasheet
194Kb / 7P
   32.0-45.0 GHz GaAs MMIC Transmitter
logo
M/A-COM Technology Solu...
XU1004-BD MA-COM-XU1004-BD Datasheet
841Kb / 9P
   Transmitter
logo
Mimix Broadband
XU1004-BD-000V MIMIX-XU1004-BD-000V Datasheet
194Kb / 7P
   32.0-45.0 GHz GaAs MMIC Transmitter
XU1004-BD-EV1 MIMIX-XU1004-BD-EV1 Datasheet
194Kb / 7P
   32.0-45.0 GHz GaAs MMIC Transmitter
logo
M/A-COM Technology Solu...
XU1004-BD MA-COM-XU1004-BD_15 Datasheet
841Kb / 9P
   Transmitter
More results

Similar Description - XU1004-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XU1004 MIMIX-XU1004_06 Datasheet
194Kb / 7P
   32.0-45.0 GHz GaAs MMIC
XU1004 MIMIX-XU1004 Datasheet
295Kb / 7P
   32.0-45.0 GHz GaAs MMIC Transmitter
XU1004-BD MIMIX-XU1004-BD Datasheet
194Kb / 7P
   32.0-45.0 GHz GaAs MMIC Transmitter
XP1026-BD MIMIX-XP1026-BD_10 Datasheet
1Mb / 10P
   27.0-32.0 GHz GaAs MMIC
B1005-BD MIMIX-B1005-BD_08 Datasheet
727Kb / 12P
   35.0-45.0 GHz GaAs MMIC
D1008-QH MIMIX-D1008-QH Datasheet
1Mb / 9P
   30.0 kHz-32.0 GHz GaAs MMIC
XP1026-BD MIMIX-XP1026-BD_07 Datasheet
263Kb / 5P
   27.0-32.0 GHz GaAs MMIC Power Amplifier
30SPA0553 MIMIX-30SPA0553 Datasheet
120Kb / 5P
   27.0-32.0 GHz GaAs MMIC Power Amplifier
XP1026-BD MIMIX-XP1026-BD Datasheet
284Kb / 5P
   27.0-32.0 GHz GaAs MMIC Power Amplifier
XM1000-BD MIMIX-XM1000-BD Datasheet
302Kb / 6P
   32.0-46.0 GHz GaAs MMIC Balanced Mixer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com