Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR1019-QH Datasheet(PDF) 4 Page - Mimix Broadband

Part # XR1019-QH
Description  27.5-33.4 GHz GaAs Receiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XR1019-QH Datasheet(HTML) 4 Page - Mimix Broadband

  XR1019-QH_11 Datasheet HTML 1Page - Mimix Broadband XR1019-QH_11 Datasheet HTML 2Page - Mimix Broadband XR1019-QH_11 Datasheet HTML 3Page - Mimix Broadband XR1019-QH_11 Datasheet HTML 4Page - Mimix Broadband XR1019-QH_11 Datasheet HTML 5Page - Mimix Broadband XR1019-QH_11 Datasheet HTML 6Page - Mimix Broadband XR1019-QH_11 Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
R1019-QH
Receiver Measurements (cont.)
Page 4 of 7
XR1019-QH: IF Return Loss vs. Freq (GHz)
Vd1,2,3=3V; Id1=7.5mA, Id2=30mA, Id3=90mA, Vg4=-3V
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
1
1.2 1.4 1.6 1.8
2
2.2 2.4 2.6 2.8
3
3.2 3.4 3.6 3.8
4
Frequency (GHz)
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2011 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
March 2011 - Rev 22-Mar-11
27.5-33.4 GHz GaAs Receiver
QFN, 4x4mm


Similar Part No. - XR1019-QH_11

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
XR1019-QH MA-COM-XR1019-QH_15 Datasheet
897Kb / 7P
   27.5-33.4 GHz GaAs ReceiverQFN
More results

Similar Description - XR1019-QH_11

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
XR1019-QH MA-COM-XR1019-QH_15 Datasheet
897Kb / 7P
   27.5-33.4 GHz GaAs ReceiverQFN
XR1019-QH MA-COM-XR1019-QH Datasheet
897Kb / 7P
   27.5-33.4 GHz GaAs ReceiverQFN
logo
Mimix Broadband
XR1007-QD MIMIX-XR1007-QD_10 Datasheet
865Kb / 7P
   10.0-18.0 GHz GaAs Receiver
logo
M/A-COM Technology Solu...
XR1015-QH MA-COM-XR1015-QH Datasheet
465Kb / 9P
   10.0-16.0 GHz GaAs Receiver
logo
Mimix Broadband
XR1008-QB MIMIX-XR1008-QB_10 Datasheet
1Mb / 8P
   35.0-45.0 GHz GaAs Receiver
XR1011-QH MIMIX-XR1011-QH_09 Datasheet
843Kb / 7P
   4.5-10.5 GHz GaAs Receiver
logo
M/A-COM Technology Solu...
XR1008-QB MA-COM-XR1008-QB Datasheet
972Kb / 7P
   37.0-40.0 GHz GaAs Receiver
logo
Mimix Broadband
XR1000 MIMIX-XR1000 Datasheet
490Kb / 6P
   17.0-27.0 GHz GaAs MMIC Receiver
XR1011-BD MIMIX-XR1011-BD Datasheet
163Kb / 1P
   4.5-10.5 GHz GaAs MMIC Receiver
XR1004 MIMIX-XR1004_06 Datasheet
231Kb / 7P
   30.0-46.0 GHz GaAs MMIC Receiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com