Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P1101DF-1 Datasheet(PDF) 3 Page - Littelfuse

Part # P1101DF-1
Description  The series provides single port protection using a fixed voltage switching device
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P1101DF-1 Datasheet(HTML) 3 Page - Littelfuse

  P1101DF-1 Datasheet HTML 1Page - Littelfuse P1101DF-1 Datasheet HTML 2Page - Littelfuse P1101DF-1 Datasheet HTML 3Page - Littelfuse P1101DF-1 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
103
SIDACtor® Protection Thyristors
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
SLIC Protection
-8
-40 -20
0
20 40 60 80 100 120 140 160
-6
-4
0
2
4
6
8
10
12
14
JunctionTemperature (TJ) – °C
25 °C
25°C
CaseTemperature (T
C) - ºC
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
-40
-20
0
20
40
60
80
100 120 140
160
Normalized V
S Change vs. Junction Temperature
Normalized DC Holding Current vs. Case Temperature
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
(t 25ºC to peak)
Ramp-down
Ramp-up
Preheat
Critical Zone
TL to TP
Figure 1
Soldering Parameters
Physical Specifications
Environmental Specifications
Lead Material
Copper Alloy
Terminal Finish
100% Matte-Tin Plated
Body Material
UL recognized epoxy meeting flammability
classification 94V-0
High Temp Voltage
Blocking
80% Rated V
DRM (VDC
1008 hrs. MIL-STD-750 (Method 1040) JEDEC,
JESD22-A-101
Temp Cycling
cycles. MIL-STD-750 (Method 1051) EIA/JEDEC,
JESD22-A104
Biased Temp &
Humidity
52 V
DC
JEDEC, JESD22-A-101
High Temp Storage
JEDEC, JESD22-A-101
Low Temp Storage
-65°C, 1008 hrs.
Thermal Shock
10 cycles. MIL-STD-750 (Method 1056) JEDEC,
JESD22-A-106
Autoclave (Pressure
Cooker Test)
JEDEC, JESD22-A-102
Resistance to Solder
Heat
Moisture Sensitivity
Level
Reflow Condition
Pb-Free assembly
(see Fig. 1)
Pre Heat
-Temperature Min (T
s(min))
-Temperature Max (T
s(max))
-Time (Min to Max) (t
s)
60-180 secs.
Average ramp up rate (LiquidusTemp (T
L)
to peak)
3°C/sec. Max.
T
S(max) to TL - Ramp-up Rate
3°C/sec. Max.
Reflow
-Temperature (T
L) (Liquidus)
-Temperature (t
L)
60-150 secs.
PeakTemp (T
P)
Time within 5°C of actual PeakTemp (t
p)
30 secs. Max.
Ramp-down Rate
6°C/sec. Max.
Time 25°C to PeakTemp (T
P)
8 min. Max.
Do not exceed


Similar Part No. - P1101DF-1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P1101DF-1E LITTELFUSE-P1101DF-1E Datasheet
206Kb / 4P
   The series provides single port protection using a fixed Series are SIDACtor짰 devices
P1101DF-1E LITTELFUSE-P1101DF-1E Datasheet
206Kb / 4P
   Fixed Voltage Enhanced Single Port Series
More results

Similar Description - P1101DF-1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0641Q22CLRP LITTELFUSE-P0641Q22CLRP Datasheet
133Kb / 4P
   The series provides single line protection using a fixed voltage switching device
P0641SALRP LITTELFUSE-P0641SALRP Datasheet
135Kb / 4P
   The series provides single line protection using a fixed voltage switching device
P0641CA2LRP LITTELFUSE-P0641CA2LRP Datasheet
142Kb / 4P
   The series provides single port protection using fixed voltage switching devices
P0641DF-1E LITTELFUSE-P0641DF-1E Datasheet
206Kb / 4P
   The series provides single port protection using a fixed Series are SIDACtor짰 devices
A1220UA4LXX LITTELFUSE-A1220UA4LXX Datasheet
145Kb / 4P
   The series provides a specialized asymmetrical dual port overvoltage protection
P0641UALXX LITTELFUSE-P0641UALXX Datasheet
150Kb / 5P
   The series provides a high surge current rated dual port protection
P0302AAMCLXX LITTELFUSE-P0302AAMCLXX Datasheet
152Kb / 5P
   The series provides a robust single port solution that enables equipment
P1200SALRP LITTELFUSE-P1200SALRP Datasheet
146Kb / 4P
   The series provides a specialized asymmetrical overvoltage protection solution
P1553UALXX LITTELFUSE-P1553UALXX Datasheet
157Kb / 5P
   The series provides a single port surface mount solution that enables voice
P1553AALXX LITTELFUSE-P1553AALXX Datasheet
144Kb / 5P
   The series provides a single port through-hole solution that enables voice
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com