Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P3203ACLXX Datasheet(PDF) 1 Page - Littelfuse

Part # P3203ACLXX
Description  The series provides a single port through-hole solution that enables voice
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P3203ACLXX Datasheet(HTML) 1 Page - Littelfuse

  P3203ACLXX Datasheet HTML 1Page - Littelfuse P3203ACLXX Datasheet HTML 2Page - Littelfuse P3203ACLXX Datasheet HTML 3Page - Littelfuse P3203ACLXX Datasheet HTML 4Page - Littelfuse P3203ACLXX Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SIDACtor® ProtectionThyristors
171
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Baseband Protection (Voice-DS1)
SIDACtor Balanced Series - Modified TO-220
Electrical Characteristics
The SIDACtor® Balanced Series are designed to protect
baseband equipment from damaging overvoltage
balanced overvoltage protection.
The series provides a single port through-hole solution that
enables voice through DS-1 equipment to comply with
various global requlatory standards.
1
2
3
(T)
(R)
(G)
Description
Features and Benefits
Low voltage overshoot
Low on-state voltage
Does not degrade with
use
Fails short circuit when
surged in excess of
ratings
Low Capacitance
Balanced overvoltage
protection
Single port protection
Custom lead forms
available
Agency Approvals
Agency
Agency File Number
E133083
Schematic Symbol
Pinout Designation
Applicable Global Standards
TIA-968-A
TIA-968-B
ITU K.20/21 Enhanced
Level*
ITU K.20/21 Basic Level
GR 1089 Inter-building*
GR 1089 Intra-building
IEC 61000-4-5
YD/T 1082
YD/T 993
YD/T 950
*A/B-rated parts require series resistance
Part Number
Marking
V
DRM
@l
DRM=5μA
V
S
@100V/μs
V
DRM
@l
DRM=5μA
V
S
@100V/μs
I
H
I
S
I
T
V
T@IT=
2.2 Amps
Capacitance
V min
V max
V min
V max
mA
min
mA
max
A
max
V max
Pins 1-2, 3-2
Pins 1-3
P1553AALxx
P1553AA
130
180
130
180
150
800
2.2
8
See
Capacitance
Values table
P1803AALxx
P1803AA
150
210
150
210
150
800
2.2
8
P2103AALxx
P2103AA
170
250
170
250
150
800
2.2
8
P2353AALxx
P2353AA
200
270
200
270
150
800
2.2
8
P2703AALxx
P2703AA
230
300
230
300
150
800
2.2
8
P3203AALxx
P3203AA
270
350
270
350
150
800
2.2
8
P3403AALxx
P3403AA
300
400
300
400
150
800
2.2
8
P5103AALxx
P5103AA
420
600
420
600
150
800
2.2
8
P1553ABLxx
P1553AB
130
180
130
180
150
800
2.2
8
P1803ABLxx
P1803AB
150
210
150
210
150
800
2.2
8
P2103ABLxx
P2103AB
170
250
170
250
150
800
2.2
8
PIN 1
PIN 2
PIN 3
Table continues on next page.


Similar Part No. - P3203ACLXX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P3203ACLXX LITTELFUSE-P3203ACLXX Datasheet
159Kb / 4P
   The SIDACtor짰 Primary Protection Balanced Series Modified TO-220 are thyristor devices designed
More results

Similar Description - P3203ACLXX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P1553UALXX LITTELFUSE-P1553UALXX Datasheet
157Kb / 5P
   The series provides a single port surface mount solution that enables voice
A2106UA6LXX LITTELFUSE-A2106UA6LXX Datasheet
156Kb / 5P
   The series provides a dual port surface mount solution that enables voice
P1100GALRP LITTELFUSE-P1100GALRP Datasheet
110Kb / 3P
   The series provides a cost-effective through-hole solution that enables
P0302AAMCLXX LITTELFUSE-P0302AAMCLXX Datasheet
152Kb / 5P
   The series provides a robust single port solution that enables equipment
P0080SALRP LITTELFUSE-P0080SALRP Datasheet
140Kb / 5P
   The series provides a surface mount solution that enables equipment to comply
logo
Molex Electronics Ltd.
987650-4381 MOLEX-987650-4381 Datasheet
830Kb / 3P
   The remarkably simple solution that provides easy interchangeability, upgradeability and replacement.
2012.05
logo
Littelfuse
P1200SALRP LITTELFUSE-P1200SALRP Datasheet
146Kb / 4P
   The series provides a specialized asymmetrical overvoltage protection solution
P0641DF-1 LITTELFUSE-P0641DF-1 Datasheet
176Kb / 4P
   The series provides single port protection using a fixed voltage switching device
logo
ATMEL Corporation
AVR600 ATMEL-AVR600 Datasheet
240Kb / 19P
   The routing / socket card design provides a low cost solution
logo
Littelfuse
P0641DF-1E LITTELFUSE-P0641DF-1E Datasheet
206Kb / 4P
   The series provides single port protection using a fixed Series are SIDACtor짰 devices
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com