Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P5103UBLXX Datasheet(PDF) 5 Page - Littelfuse

Part # P5103UBLXX
Description  The series provides a single port surface mount solution that enables voice
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P5103UBLXX Datasheet(HTML) 5 Page - Littelfuse

  P5103UBLXX Datasheet HTML 1Page - Littelfuse P5103UBLXX Datasheet HTML 2Page - Littelfuse P5103UBLXX Datasheet HTML 3Page - Littelfuse P5103UBLXX Datasheet HTML 4Page - Littelfuse P5103UBLXX Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SIDACtor® ProtectionThyristors
152
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Baseband Protection (Voice-DS1)
Interior of the Tube
.045
(1.14)
.165
(4.19)
.150
(3.81)
90˚
.525
(13.34)
A
.225
(5.72)
Message Location
.310
(7.87)
.108
(2.74)
.005
20.000 ± .030
(508.00 ± 0.76)
.020 ± .005
(0.51 ± 0.13)
WALL TYP.
.110
(2.79)
A
6
Dimensions are in inches
(and millimeters)
Tape and Reel Specification — MS-013
Direction of Feed
0.700
(17.8)
.512 (13.0) Arbor
Hole Dia.
12.99
(330)
.630
(16.0)
Dimensions are in inches
(and millimeters)
.472
(12.0)
.157
(4.0)
Tube Pack Specification — MS-013
Dimensions — MS-013
7º TYP
E
D
A
B
Mold Split
Line
A
7º TYP
7º TYP
Pad Outline
0.065
(1.65)
0.460
(11.68)
0.138
(3.50)
0.059
(1.50)
C
A
F
7º TYP
G
J
H
Dimension are in inches
(and millimeters).
Burr Side
MIN Length
of Flat
96º
Detail A
K
BSC*
Dimensions
Inches
Millimeters
Min
Max
Min
Max
A
0.360
0.364
9.14
9.25
B
0.352
0.356
8.94
9.04
C
0.400
0.412
10.16
10.46
D
0.043
0.045
1.09
1.13
E
0.047
0.055
1.19
1.40
F
0.293
0.297
7.44
7.54
G
0.289
0.293
7.34
7.44
H
0.089
0.093
2.26
2.36
J
0.041
0.049
1.04
1.24
K
0.020
0.51
BSC*
0.133
0.143
3.38
3.63
* BSC = Basic Spacing between Centers


Similar Part No. - P5103UBLXX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P5103UB LITTELFUSE-P5103UB Datasheet
157Kb / 5P
   SIDACtor짰 Protection Thyristors Baseband Protection (Voice-DS1)
More results

Similar Description - P5103UBLXX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
A2106UA6LXX LITTELFUSE-A2106UA6LXX Datasheet
156Kb / 5P
   The series provides a dual port surface mount solution that enables voice
P1553AALXX LITTELFUSE-P1553AALXX Datasheet
144Kb / 5P
   The series provides a single port through-hole solution that enables voice
P0302AAMCLXX LITTELFUSE-P0302AAMCLXX Datasheet
152Kb / 5P
   The series provides a robust single port solution that enables equipment
P0080SALRP LITTELFUSE-P0080SALRP Datasheet
140Kb / 5P
   The series provides a surface mount solution that enables equipment to comply
P1100GALRP LITTELFUSE-P1100GALRP Datasheet
110Kb / 3P
   The series provides a cost-effective through-hole solution that enables
P0080SDLRP LITTELFUSE-P0080SDLRP Datasheet
134Kb / 4P
   The series provides a 200A 10/1000 關s rated surface mount solution
logo
Molex Electronics Ltd.
987650-4381 MOLEX-987650-4381 Datasheet
830Kb / 3P
   The remarkably simple solution that provides easy interchangeability, upgradeability and replacement.
2012.05
logo
Littelfuse
P1200SALRP LITTELFUSE-P1200SALRP Datasheet
146Kb / 4P
   The series provides a specialized asymmetrical overvoltage protection solution
P0641DF-1 LITTELFUSE-P0641DF-1 Datasheet
176Kb / 4P
   The series provides single port protection using a fixed voltage switching device
logo
ATMEL Corporation
AVR600 ATMEL-AVR600 Datasheet
240Kb / 19P
   The routing / socket card design provides a low cost solution
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com