Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR1007-BD Datasheet(PDF) 5 Page - Mimix Broadband

Part # XR1007-BD
Description  11.0-17.0 GHz GaAs MMIC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XR1007-BD Datasheet(HTML) 5 Page - Mimix Broadband

  XR1007-BD_08 Datasheet HTML 1Page - Mimix Broadband XR1007-BD_08 Datasheet HTML 2Page - Mimix Broadband XR1007-BD_08 Datasheet HTML 3Page - Mimix Broadband XR1007-BD_08 Datasheet HTML 4Page - Mimix Broadband XR1007-BD_08 Datasheet HTML 5Page - Mimix Broadband XR1007-BD_08 Datasheet HTML 6Page - Mimix Broadband XR1007-BD_08 Datasheet HTML 7Page - Mimix Broadband XR1007-BD_08 Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
11.0-17.0 GHz GaAs MMIC
Receiver
Page 5 of 8
October 2008 - Rev 13-Oct-08
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2008 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
R1007-BD
App Note [1] Biasing - As shown in the bonding diagram, this device is operated by separately biasing Vd1=4.0V with Id1=80mA and
Vd3=4.0V with Id3=100mA. Additionally, a mixer bias is also required with Vg4=-0.5V. Adjusting Vg4 above or below this value can adversely
affect conversion gain, image rejection and intercept point performance. It is also recommended to use active biasing to keep the currents
constant as the RF power and temperature vary; this gives the most reproducible results. Depending on the supply voltage available and the
power dissipation constraints, the bias circuit may be a single transistor or a low power operational amplifier, with a low value resistor in
series with the drain supply used to sense the current. The gate of the pHEMT is controlled to maintain correct drain current and thus drain
voltage. The typical gate voltage needed to do this is -0.3V. Typically the gate is protected with Silicon diodes to limit the applied voltage.
Also, make sure to sequence the applied voltage to ensure negative gate bias is available before applying the positive drain supply.
App Note [2] Bias Arrangement -
For Parallel Stage Bias (Recommended for general applications) -- The same as Individual Stage Bias but all the drain or gate pad DC bypass
capacitors (~100-200 pF) can be combined. Additional DC bypass capacitance (~0.01 uF) is also recommended to all DC or combination (if
gate or drains are tied together) of DC bias pads.
For Individual Stage Bias -- Each DC pad (Vd1,3 and Vg1,2,3,4) needs to have DC bypass capacitance (~100-200 pF) as close to the device as
possible. Additional DC bypass capacitance (~0.01 uF) is also recommended.
Typical Application
Mimix Broadband's 11.0-17.0 GHz GaAs MMIC Receiver can be used in saturated radio applications and linear modulation schemes up to
128 QAM. The receiver can be used in upper and lower sideband applications from 11.0-17.0 GHz.
IR Mixer
LNA
Mimix Broadband MMIC-based 11.0-17.0 GHz Receiver Block Diagram
RF IN
11.0-17.0 GHz
XR1007-BD
BPF
Coupler
IF Out
2 GHz
LO(+3.0dBm)
9.0-15.0 GHz (USB Operation)
13.0-19.0 GHz (LSB Operation)
AGC Control
Buffer
MTTF
Bias Conditions: Vd1=4.0V, Id1=80mA, Vd3=4.0V, Id3=100 mA
XR1007, MTTF (yrs) vs. Backplate Temperature (°C)
1.0E+00
1.0E+01
1.0E+02
1.0E+03
1.0E+04
1.0E+05
1.0E+06
55
65
75
85
95
Temperature (°C)
MTTF is calculated from accelerated life-time data of single devices and assumes isothermal back-plate.


Similar Part No. - XR1007-BD_08

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XR1007-BD-000X MIMIX-XR1007-BD-000X Datasheet
443Kb / 8P
   11.0-17.0 GHz GaAs MMIC Receiver
More results

Similar Description - XR1007-BD_08

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XR1007 MIMIX-XR1007 Datasheet
190Kb / 8P
   11.0-17.0 GHz GaAs MMIC Receiver
XR1007_0610 MIMIX-XR1007_0610 Datasheet
443Kb / 8P
   11.0-17.0 GHz GaAs MMIC Receiver
logo
M/A-COM Technology Solu...
XP1019-BD MA-COM-XP1019-BD Datasheet
292Kb / 8P
   17.0-24.0 GHz GaAs MMIC
logo
Mimix Broadband
CMM1118-QT MIMIX-CMM1118-QT_10 Datasheet
1Mb / 6P
   11.0-20.0 GHz GaAs MMIC
XU1010-BD MIMIX-XU1010-BD_09 Datasheet
1Mb / 1P
   17.0-34.0 GHz GaAs MMIC
XB1007-QT MIMIX-XB1007-QT_10 Datasheet
684Kb / 6P
   4.0-11.0 GHz GaAs MMIC
XP1019-BD MIMIX-XP1019-BD_08 Datasheet
292Kb / 8P
   17.0-24.0 GHz GaAs MMIC
XP1070-BD MIMIX-XP1070-BD Datasheet
1Mb / 11P
   14.5-17.0 GHz GaAs MMIC
XL1001-BD MIMIX-XL1001-BD_10 Datasheet
1Mb / 9P
   17.0-35.0 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XP1013-BD MA-COM-XP1013-BD Datasheet
461Kb / 7P
   17.0-26.0 GHz GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com