Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P2356UALXX Datasheet(PDF) 5 Page - Littelfuse

Part # P2356UALXX
Description  The series provides a dual port surface mount solution that enables voice
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P2356UALXX Datasheet(HTML) 5 Page - Littelfuse

  P2356UALXX Datasheet HTML 1Page - Littelfuse P2356UALXX Datasheet HTML 2Page - Littelfuse P2356UALXX Datasheet HTML 3Page - Littelfuse P2356UALXX Datasheet HTML 4Page - Littelfuse P2356UALXX Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SIDACtor® ProtectionThyristors
157
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Baseband Protection (Voice-DS1)
Dimensions — MS-013
7º TYP
E
D
A
B
Mold Split
Line
A
7º TYP
7º TYP
Pad Outline
0.065
(1.65)
0.460
(11.68)
0.138
(3.50)
0.059
(1.50)
C
A
F
7º TYP
G
J
H
Dimension are in inches
(and millimeters).
Burr Side
MIN Length
of Flat
96º
Detail A
K
BSC*
Packing Options
Tape and Reel Specification — MS-013
Direction of Feed
0.700
(17.8)
.512 (13.0) Arbor
Hole Dia.
12.99
(330)
.630
(16.0)
Dimensions are in inches
(and millimeters)
.472
(12.0)
.157
(4.0)
Interior of the Tube
.045
(1.14)
.165
(4.19)
.150
(3.81)
90˚
.525
(13.34)
A
.225
(5.72)
Message Location
.310
(7.87)
.108
(2.74)
.005
20.000 ± .030
(508.00 ± 0.76)
.020 ± .005
(0.51 ± 0.13)
WALL TYP.
.110
(2.79)
A
6
Dimensions are in inches
(and millimeters)
Tube Pack Specification — MS-013
PackageType
Description
Quantity
Added Suffix
Industry Standard
U
Modified MS-013 6-pin
Tape and Reel Pack
1500
RP
EIA-481-D
Modified MS-013 6-pin
Tube Pack
500
(50 per tube)
TP
N/A
Dimensions
Inches
Millimeters
Min
Max
Min
Max
A
0.360
0.364
9.14
9.25
B
0.352
0.356
8.94
9.04
C
0.400
0.412
10.16
10.46
D
0.043
0.045
1.09
1.13
E
0.047
0.055
1.19
1.40
F
0.293
0.297
7.44
7.54
G
0.289
0.293
7.34
7.44
H
0.089
0.093
2.26
2.36
J
0.041
0.049
1.04
1.24
K
0.020
0.51
BSC*
0.133
0.143
3.38
3.63
* BSC = Basic Spacing between Centers


Similar Part No. - P2356UALXX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P2356UALxx LITTELFUSE-P2356UALxx Datasheet
156Kb / 5P
   SIDACtor Balanced Multiport Series - MS-013
P2356UALXX LITTELFUSE-P2356UALXX Datasheet
156Kb / 5P
   SIDACtor Balanced Multiport Series - MS-013
More results

Similar Description - P2356UALXX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P1553UALXX LITTELFUSE-P1553UALXX Datasheet
157Kb / 5P
   The series provides a single port surface mount solution that enables voice
P1553AALXX LITTELFUSE-P1553AALXX Datasheet
144Kb / 5P
   The series provides a single port through-hole solution that enables voice
P0080SALRP LITTELFUSE-P0080SALRP Datasheet
140Kb / 5P
   The series provides a surface mount solution that enables equipment to comply
P0302AAMCLXX LITTELFUSE-P0302AAMCLXX Datasheet
152Kb / 5P
   The series provides a robust single port solution that enables equipment
P1100GALRP LITTELFUSE-P1100GALRP Datasheet
110Kb / 3P
   The series provides a cost-effective through-hole solution that enables
P0080SDLRP LITTELFUSE-P0080SDLRP Datasheet
134Kb / 4P
   The series provides a 200A 10/1000 關s rated surface mount solution
logo
Molex Electronics Ltd.
987650-4381 MOLEX-987650-4381 Datasheet
830Kb / 3P
   The remarkably simple solution that provides easy interchangeability, upgradeability and replacement.
2012.05
logo
Littelfuse
P1200SALRP LITTELFUSE-P1200SALRP Datasheet
146Kb / 4P
   The series provides a specialized asymmetrical overvoltage protection solution
A1220UA4LXX LITTELFUSE-A1220UA4LXX Datasheet
145Kb / 4P
   The series provides a specialized asymmetrical dual port overvoltage protection
P0641UALXX LITTELFUSE-P0641UALXX Datasheet
150Kb / 5P
   The series provides a high surge current rated dual port protection
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com