Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC103 Datasheet(PDF) 9 Page - Littelfuse

Part # EC103
Description  Sensitive gate SCRs are easily triggered with microAmps of current
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

EC103 Datasheet(HTML) 9 Page - Littelfuse

Back Button EC103_10 Datasheet HTML 2Page - Littelfuse EC103_10 Datasheet HTML 3Page - Littelfuse EC103_10 Datasheet HTML 4Page - Littelfuse EC103_10 Datasheet HTML 5Page - Littelfuse EC103_10 Datasheet HTML 6Page - Littelfuse EC103_10 Datasheet HTML 7Page - Littelfuse EC103_10 Datasheet HTML 8Page - Littelfuse EC103_10 Datasheet HTML 9Page - Littelfuse EC103_10 Datasheet HTML 10Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
171
©2010 Littelfuse, Inc
Revised: March 31, 2010 03:44 PM
Teccor® brand Thyristors
Specifications are subject to change without notice.
EC103xx & SxSx Series
0.8 Amp Sensitive SCRs
TO-92 (3-lead) Ammo Pack (AP) Radial Leaded Specifications
Compak Embossed Carrier Reel Pack (RP) Specifications
Meets all EIA-468-B 1994 Standards
Meets all EIA-481-1 Standards
Flat down
25 Devices per fold
Cathode
Anode
Gate
Direction
of Feed
Dimensions
are in inches
(and millimeters).
0.708
(18.0)
1.62
(41.2)
0.5
(12.7)
0.1 (2.54)
0.2 (5.08)
0.236
(6.0)
0.02 (0.5)
1.85
(47.0)
13.3
(338.0)
1.27
(32.2)
0.098 (2.5) MAX
12.2
(310.0)
1.85
(47.0)
0.354
(9.0)
0.157
DIA
(4.0)
8.0
Anode
Cathode
Gate
0.47
(12.0)
0.36
(9.2)
0.315
(8.0)
0.157
(4.0)
0.49
(12.4)
0.512 (13.0) Arbor
Hole Dia.
12.99
(330.0)
Dimensions
are in inches
(and millimeters).
Direction of Feed
0.059
DIA
(1.5)
Cover tape


Similar Part No. - EC103_10

ManufacturerPart #DatasheetDescription
logo
Littelfuse
EC103B1 LITTELFUSE-EC103B1 Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
logo
List of Unclassifed Man...
EC103B1 ETC2-EC103B1 Datasheet
205Kb / 12P
   RoHS Compliant
EC103B1 ETC2-EC103B1 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Teccor Electronics
EC103B1 TECCOR-EC103B1 Datasheet
984Kb / 12P
   Electrically-isolated To-220AB package
EC103D1 TECCOR-EC103D1 Datasheet
984Kb / 12P
   Electrically-isolated To-220AB package
More results

Similar Description - EC103_10

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
1PT NELLSEMI-1PT_18 Datasheet
1Mb / 5P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX011 JIEJIE-JX011 Datasheet
314Kb / 4P
   Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
2PT NELLSEMI-2PT Datasheet
761Kb / 6P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX014 JIEJIE-JX014 Datasheet
321Kb / 4P
   Sensitive gate SCRs
JX020 JIEJIE-JX020 Datasheet
305Kb / 5P
   Sensitive gate SCRs
JX075 JIEJIE-JX075 Datasheet
427Kb / 6P
   Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
4PT NELLSEMI-4PT_18 Datasheet
758Kb / 7P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX080 JIEJIE-JX080 Datasheet
319Kb / 5P
   Sensitive gate SCRs
logo
STMicroelectronics
XL0840 STMICROELECTRONICS-XL0840 Datasheet
52Kb / 5P
   SENSITIVE GATE 0.8A SCRs
logo
Nell Semiconductor Co.,...
4PT NELLSEMI-4PT Datasheet
474Kb / 7P
   Sensitive gate SCRs, 4A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com