Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P2353UALXX Datasheet(PDF) 1 Page - Littelfuse

Part # P2353UALXX
Description  The series provides a single port surface mount solution that enables voice
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P2353UALXX Datasheet(HTML) 1 Page - Littelfuse

  P2353UALXX Datasheet HTML 1Page - Littelfuse P2353UALXX Datasheet HTML 2Page - Littelfuse P2353UALXX Datasheet HTML 3Page - Littelfuse P2353UALXX Datasheet HTML 4Page - Littelfuse P2353UALXX Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SIDACtor® ProtectionThyristors
148
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Baseband Protection (Voice-DS1)
SIDACtor® Balanced Series - MS-013
Electrical Characteristics
Part
Number
Part
Marking
V
DRM
@l
DRM=5μA
V
S
@100V/μs
V
DRM
@l
DRM=5μA
V
S
@100V/μs
V
T
I
S
I
T
I
H
Capacitance
V min
V max
V min
V max
V max
mA max
A max
mA min
Pins 1 & 6-3, 1 & 6-4
Pins 3-4
P1553UALxx
P1553UA
130
180
130
180
8
800
2.2
150
See
Capacitance
Values table
P1803UALxx
P1803UA
150
210
150
210
8
800
2.2
150
P2103UALxx
P2103UA
170
250
170
250
8
800
2.2
150
P2353UALxx
P2353UA
200
270
200
270
8
800
2.2
150
P2703UALxx
P2703UA
230
300
230
300
8
800
2.2
150
P3203UALxx
P3203UA
270
350
270
350
8
800
2.2
150
P3403UALxx
P3403UA
300
400
300
400
8
800
2.2
150
P5103UALxx
P5103UA
420
600
420
600
8
800
2.2
150
The SIDACtor® Balanced Series MS-013 are designed to
protect baseband equipment from overvoltage transients.
overvoltage protection.
The series provides a single port surface mount solution
that enables voice through DS-1 equipment to comply with
various global requlatory standards.
Description
1
4
6
3
2
5
Features and Benefits
Balanced overvoltage
protection
Low voltage overshoot
Low on-state voltage
Does not degrade with
use
Fails short circuit when
surged in excess of
ratings
Replaces three discrete
devices
Meets UL/IEC 60950-1
creepage and clearance
Agency Approvals
Agency
Agency File Number
E133083
Schematic Symbol
Pinout Designation
Notes:
- Absolute maximum ratings measured at T
A
- Devices are bi-directional.
- XX = Part Number Suffix: ‘TP’ (Tube Pack) or ‘RP’ (Reel Pack).
1
2
3
6
5
4
Applicable Global Standards
TIA-968-A
TIA-968-B
ITU K.20/21 Enhanced
Level
ITU K.20/21 Basic Level
GR 1089 Inter-building
GR 1089 Intra-building
IEC 61000-4-5
YD/T 1082
YD/T 993
YD/T 950
Table continues on next page.


Similar Part No. - P2353UALXX

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
P2353U TECCOR-P2353U Datasheet
1Mb / 212P
   solid state crowbar devices
logo
Littelfuse
P2353UB LITTELFUSE-P2353UB Datasheet
157Kb / 5P
   SIDACtor짰 Protection Thyristors Baseband Protection (Voice-DS1)
P2353UC LITTELFUSE-P2353UC Datasheet
157Kb / 5P
   SIDACtor짰 Protection Thyristors Baseband Protection (Voice-DS1)
P2353U_L LITTELFUSE-P2353U_L Datasheet
170Kb / 3P
   Balanced Three-chip SIDACtor
More results

Similar Description - P2353UALXX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
A2106UA6LXX LITTELFUSE-A2106UA6LXX Datasheet
156Kb / 5P
   The series provides a dual port surface mount solution that enables voice
P1553AALXX LITTELFUSE-P1553AALXX Datasheet
144Kb / 5P
   The series provides a single port through-hole solution that enables voice
P0302AAMCLXX LITTELFUSE-P0302AAMCLXX Datasheet
152Kb / 5P
   The series provides a robust single port solution that enables equipment
P0080SALRP LITTELFUSE-P0080SALRP Datasheet
140Kb / 5P
   The series provides a surface mount solution that enables equipment to comply
P1100GALRP LITTELFUSE-P1100GALRP Datasheet
110Kb / 3P
   The series provides a cost-effective through-hole solution that enables
P0080SDLRP LITTELFUSE-P0080SDLRP Datasheet
134Kb / 4P
   The series provides a 200A 10/1000 關s rated surface mount solution
logo
Molex Electronics Ltd.
987650-4381 MOLEX-987650-4381 Datasheet
830Kb / 3P
   The remarkably simple solution that provides easy interchangeability, upgradeability and replacement.
2012.05
logo
Littelfuse
P1200SALRP LITTELFUSE-P1200SALRP Datasheet
146Kb / 4P
   The series provides a specialized asymmetrical overvoltage protection solution
P0641DF-1 LITTELFUSE-P0641DF-1 Datasheet
176Kb / 4P
   The series provides single port protection using a fixed voltage switching device
logo
ATMEL Corporation
AVR600 ATMEL-AVR600 Datasheet
240Kb / 19P
   The routing / socket card design provides a low cost solution
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com