Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SW1141CX Datasheet(PDF) 10 Page - STANLEY ELECTRIC CO.,LTD.

Part # SW1141CX
Description  1608 (h=0.70mm) Type White LED RoHS compliant
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

SW1141CX Datasheet(HTML) 10 Page - STANLEY ELECTRIC CO.,LTD.

Back Button SW1141CX Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. SW1141CX Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. SW1141CX Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. SW1141CX Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. SW1141CX Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. SW1141CX Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. SW1141CX Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. SW1141CX Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. SW1141CX Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
2010.07.31
Page 10
Reliability Testing Result
Failure Criteria
Reliability Testing Result Applicable Standard
Testing Conditions
Duration
Failure
Room Temp.
Operating Life
EIAJ ED-
4701/100(101)
Ta = 25℃, IF = Maxium Rated Current
1,000 h
0/25
Resistance to
Soldering Heat
EIAJ ED-
4701/300(301)
Pre-heating : 150~180℃ 120s Max.
Operation Heating : 230℃ 40s Max.
Peak Temperature : 260℃
Twice
0/25
Temperature Cycling
EIAJ ED-
4701/100(105)
Minimum Rated Storage Temperature(30min)
~Normal Temperature(15min)
~Maximum Rated Storage Temperature(30min)
~Normal Temperature(15min)
5 cycles
0/25
Wet High Temp.
Storage Life
EIAJ ED-
4701/100(103)
Ta = 60±2℃, RH = 90±5%
1,000 h
0/25
High Temp.
Storage Life
EIAJ ED-
4701/200(201)
Ta = Maximum Rated Storage Temperature
1,000 h
0/25
Low Temp.
Storage Life
EIAJ ED-
4701/200(202)
Ta = Minimum Rated Storage Temperature
1,000 h
0/25
Vibration,
Variable Frequency
EIAJ ED-
4701/400(403)
98.1m/s
2 (10G), 100 ~ 2KHz sweep for 20min.,
XYZ each direction
2 h
0/10
Items
Symbols
Conditions
Failure criteria
L uminous Intens ity
Iv
IF Value of each product
Luminous Intens ity
Tes ting Min. Value < S pec. Min. Value x 0.5
F orward Voltage
VF
IF Value of each product
F orward Voltage
Tes ting Max. Value ≧ S pec. Max. Value x 1.2
R evers e Current
IR
VR = Maximum R ated
Revers e Voltage V
Tes ting Max. Value ≧ S pec. Max. Value x 2.5
Cos metic Appearance
-
-
Occurrence of notable decoloration,
deformation and cracking
SW1141CX
1608 (h=0.70mm) Type White LED


Similar Part No. - SW1141CX

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
SW1141CX-16-TR STANLEY-SW1141CX-16-TR Datasheet
594Kb / 22P
   1608 size, White color emitting LED
More results

Similar Description - SW1141CX

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
SW1142P STANLEY-SW1142P Datasheet
163Kb / 12P
   1608 (h=0.20mm) Type White LED
1141C STANLEY-1141C Datasheet
288Kb / 15P
   1608 (h=0.7 mm) Type White LED
KW1148C STANLEY-KW1148C Datasheet
293Kb / 13P
   1608 (h=0.35 mm) Type White LED
SW1148C STANLEY-SW1148C Datasheet
280Kb / 14P
   1608 (h=0.35 mm) Type White LED
FY1111C-TR STANLEY-FY1111C-TR Datasheet
374Kb / 20P
   1608 (h=0.7mm) Type, Milky White resin
SW1141CX-16-TR STANLEY-SW1141CX-16-TR Datasheet
594Kb / 22P
   1608 size, White color emitting LED
JUR1112LU STANLEY-JUR1112LU Datasheet
246Kb / 11P
   PLCC Side Viewing Type LED RoHS Compliant
SB1118C-0002 STANLEY-SB1118C-0002 Datasheet
250Kb / 14P
   Single Color 1608 (h=0.35 mm) Type
logo
Dialight Corporation
C-17405 DIALIGHT-C-17405 Datasheet
215Kb / 1P
   SMT LED RoHS COMPLIANT
logo
STANLEY ELECTRIC CO.,LT...
UB1114C-0005 STANLEY-UB1114C-0005 Datasheet
326Kb / 17P
   Single Color 1608 (h=0.4 mm) Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com