Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN3227TMPX Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FAN3227TMPX
Description  Dual 2A High-Speed, Low-Side Gate Drivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3227TMPX Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN3227TMPX Datasheet HTML 1Page - Fairchild Semiconductor FAN3227TMPX Datasheet HTML 2Page - Fairchild Semiconductor FAN3227TMPX Datasheet HTML 3Page - Fairchild Semiconductor FAN3227TMPX Datasheet HTML 4Page - Fairchild Semiconductor FAN3227TMPX Datasheet HTML 5Page - Fairchild Semiconductor FAN3227TMPX Datasheet HTML 6Page - Fairchild Semiconductor FAN3227TMPX Datasheet HTML 7Page - Fairchild Semiconductor FAN3227TMPX Datasheet HTML 8Page - Fairchild Semiconductor FAN3227TMPX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3226 / FAN3227 / FAN3228 / FAN3229 • Rev. 1.0.7
2
Ordering Information
Part Number
Logic
Input
Threshold
Package
Packing Method
Quantity
per Reel
FAN3226CMPX
Dual Inverting Channels +
Dual Enable
CMOS
3x3mm MLP-8
Tape & Reel
3,000
FAN3226CMX
SOIC-8
Tape & Reel
2,500
FAN3226TMPX
TTL
3x3mm MLP-8
Tape & Reel
3,000
FAN3226TMX
SOIC-8
Tape & Reel
2,500
FAN3227CMPX
Dual Non-Inverting Channels
+ Dual Enable
CMOS
3x3mm MLP-8
Tape & Reel
3,000
FAN3227CMX
SOIC-8
Tape & Reel
2,500
FAN3227TMPX
TTL
3x3mm MLP-8
Tape & Reel
3,000
FAN3227TMX
SOIC-8
Tape & Reel
2,500
FAN3228CMPX
Dual Channels of Two-Input /
One-Output Drivers, Pin
Configuration 1
CMOS
3x3mm MLP-8
Tape & Reel
3,000
FAN3228CMX
SOIC-8
Tape & Reel
2,500
FAN3228TMPX
TTL
3x3mm MLP-8
Tape & Reel
3,000
FAN3228TMX
SOIC-8
Tape & Reel
2,500
FAN3229CMPX
Dual Channels of Two-Input /
One-Output Drivers, Pin
Configuration 2
CMOS
3x3mm MLP-8
Tape & Reel
3,000
FAN3229CMX
SOIC-8
Tape & Reel
2,500
FAN3229TMPX
TTL
3x3mm MLP-8
Tape & Reel
3,000
FAN3229TMX
SOIC-8
Tape & Reel
2,500
Package Outlines
Figure 2. 3x3mm MLP-8 (Top View)
Figure 3. SOIC-8 (Top View)
Thermal Characteristics(1)
Package
JL
(2)
JT
(3)
JA
(4)
JB
(5)
JT
(6)
Units
8-Lead 3x3mm Molded Leadless Package (MLP)
1.6
68
43
3.5
0.8
°C/W
8-Pin Small Outline Integrated Circuit (SOIC)
40
31
89
43
3.0
°C/W
Notes:
1.
Estimates derived from thermal simulation; actual values depend on the application.
2.
Theta_JL (
JL): Thermal resistance between the semiconductor junction and the bottom surface of all the leads (including any
thermal pad) that are typically soldered to a PCB.
3.
Theta_JT (
JT): Thermal resistance between the semiconductor junction and the top surface of the package, assuming it is
held at a uniform temperature by a top-side heatsink.
4.
Theta_JA (ΘJA): Thermal resistance between junction and ambient, dependent on the PCB design, heat sinking, and airflow.
The value given is for natural convection with no heatsink using a 2S2P board, as specified in JEDEC standards JESD51-2,
JESD51-5, and JESD51-7, as appropriate.
5.
Psi_JB (
JB): Thermal characterization parameter providing correlation between semiconductor junction temperature and an
application circuit board reference point for the thermal environment defined in Note 4. For the MLP-8 package, the board
reference is defined as the PCB copper connected to the thermal pad and protruding from either end of the package. For the
SOIC-8 package, the board reference is defined as the PCB copper adjacent to pin 6.
6.
Psi_JT (
JT): Thermal characterization parameter providing correlation between the semiconductor junction temperature and
the center of the top of the package for the thermal environment defined in Note 4.


Similar Part No. - FAN3227TMPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3227TMPX FAIRCHILD-FAN3227TMPX Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3227TMPX FAIRCHILD-FAN3227TMPX Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3227TMPX FAIRCHILD-FAN3227TMPX Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3227TMPX FAIRCHILD-FAN3227TMPX Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3227TMPX FAIRCHILD-FAN3227TMPX Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
More results

Similar Description - FAN3227TMPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3226 FAIRCHILD-FAN3226 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3229 FAIRCHILD-FAN3229_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3216 FAIRCHILD-FAN3216 Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
FAN3227 FAIRCHILD-FAN3227_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3216 FAIRCHILD-FAN3216_12 Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
FAN3228 FAIRCHILD-FAN3228_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_12 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_11 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com