Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN3227C Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FAN3227C
Description  2A Low-Voltage PMOS-NMOS Bridge Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3227C Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN3227C Datasheet HTML 1Page - Fairchild Semiconductor FAN3227C Datasheet HTML 2Page - Fairchild Semiconductor FAN3227C Datasheet HTML 3Page - Fairchild Semiconductor FAN3227C Datasheet HTML 4Page - Fairchild Semiconductor FAN3227C Datasheet HTML 5Page - Fairchild Semiconductor FAN3227C Datasheet HTML 6Page - Fairchild Semiconductor FAN3227C Datasheet HTML 7Page - Fairchild Semiconductor FAN3227C Datasheet HTML 8Page - Fairchild Semiconductor FAN3227C Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3268 • Rev. 1.0.1
3
Pin Definitions
Pin#
Name
Description
1
ENA
Enable Input for Channel A
. Pull pin low to inhibit driver A. ENA has TTL thresholds.
8
ENB
Enable Input for Channel B
. Pull pin low to inhibit driver B. ENB has TTL thresholds.
3
GND
Ground
. Common ground reference for input and output circuits.
2
INA
Input to Channel A
.
4
INB
Input to Channel B
.
7
OUTA
Gate Drive Output A
: Held low unless required input(s) are present and VDD is above the UVLO
threshold.
5
OUTB
Gate Drive Output B
(inverted from the input): Held high unless required input is present and VDD
is above UVLO threshold.
6
VDD
Supply Voltage
. Provides power to the IC.
Output Logic
FAN3268 (Channel A)
FAN3268 (Channel B)
ENA
INA
OUTA
ENB
INB
OUTB
0
0
(7)
0
0
0
(7)
1
0
1
0
0
1
1
1
(7)
0
(7)
0
1
(7)
0
(7)
1
1
(7)
1
1
1
(7)
1
0
Note:
7.
Default input signal if no external connection is made.


Similar Part No. - FAN3227C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3227C FAIRCHILD-FAN3227C Datasheet
465Kb / 12P
   Application Review and Comparative Evaluation of Low-Side Gate Drivers
FAN3227C FAIRCHILD-FAN3227C Datasheet
1Mb / 22P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3227C FAIRCHILD-FAN3227C Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
FAN3227C FAIRCHILD-FAN3227C Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3227C FAIRCHILD-FAN3227C Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
More results

Similar Description - FAN3227C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN3268 ONSEMI-FAN3268 Datasheet
1Mb / 17P
   2A Low-Voltage PMOS-NMOS Bridge Driver
September-2017, Rev. 2
logo
Fairchild Semiconductor
FAN3268 FAIRCHILD-FAN3268 Datasheet
815Kb / 16P
   2A Low-Voltage PMOS-NMOS Bridge Driver
FAN3278 FAIRCHILD-FAN3278 Datasheet
471Kb / 15P
   30V PMOS-NMOS Bridge Driver
logo
ON Semiconductor
FAN3278 ONSEMI-FAN3278 Datasheet
769Kb / 17P
   30V PMOS-NMOS Bridge Driver
July 2012 Rev. 1.0.1
logo
Intersil Corporation
ISL80112IRAJZ INTERSIL-ISL80112IRAJZ Datasheet
756Kb / 17P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
logo
Renesas Technology Corp
ISL80111 RENESAS-ISL80111 Datasheet
972Kb / 16P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
logo
Intersil Corporation
ISL80111IRAJZ INTERSIL-ISL80111IRAJZ Datasheet
761Kb / 17P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
November 1, 2013
logo
Cherry Semiconductor Co...
CS3720 CHERRY-CS3720 Datasheet
159Kb / 4P
   2A H-Bridge Driver
logo
ON Semiconductor
CS3720 ONSEMI-CS3720 Datasheet
70Kb / 4P
   2A H-Bridge Driver
December, 2001 - Rev. 5
logo
Microsemi Corporation
SG1635 MICROSEMI-SG1635 Datasheet
49Kb / 5P
   2A, HALF-BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com