Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN4800ASMY Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FAN4800ASMY
Description  PFC/PWM Controller Combination
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4800ASMY Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN4800ASMY Datasheet HTML 1Page - Fairchild Semiconductor FAN4800ASMY Datasheet HTML 2Page - Fairchild Semiconductor FAN4800ASMY Datasheet HTML 3Page - Fairchild Semiconductor FAN4800ASMY Datasheet HTML 4Page - Fairchild Semiconductor FAN4800ASMY Datasheet HTML 5Page - Fairchild Semiconductor FAN4800ASMY Datasheet HTML 6Page - Fairchild Semiconductor FAN4800ASMY Datasheet HTML 7Page - Fairchild Semiconductor FAN4800ASMY Datasheet HTML 8Page - Fairchild Semiconductor FAN4800ASMY Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN4800AS/CS/01S/02S • Rev. 1.0.1
2
Ordering Information
Part Number
Operating Temperature Range
Package
Packing Method
FAN4800ASNY
-40°C to +105°C
16-Pin Dual Inline Package (DIP)
Tube
FAN4800ASMY
-40°C to +105°C
16-Pin Small Outline Package (SOP)
Tape & Reel
FAN4800CSNY
-40°C to +105°C
16-Pin Dual Inline Package (DIP)
Tube
FAN4800CSMY
-40°C to +105°C
16-Pin Small Outline Package (SOP)
Tape & Reel
FAN4801SNY
-40°C to +105°C
16-Pin Dual Inline Package (DIP)
Tube
FAN4801SMY
-40°C to +105°C
16-Pin Small Outline Package (SOP)
Tape & Reel
FAN4802SNY
-40°C to +105°C
16-Pin Dual Inline Package (DIP)
Tube
FAN4802SMY
-40°C to +105°C
16-Pin Small Outline Package (SOP)
Tape & Reel
Application Diagram
Figure 1.
Typical Application, Current Mode


Similar Part No. - FAN4800ASMY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4800A FAIRCHILD-FAN4800A Datasheet
659Kb / 24P
   PFC/PWM Controller Combination
FAN4800A FAIRCHILD-FAN4800A Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
FAN4800AMY FAIRCHILD-FAN4800AMY Datasheet
659Kb / 24P
   PFC/PWM Controller Combination
FAN4800AMY FAIRCHILD-FAN4800AMY Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
FAN4800ANY FAIRCHILD-FAN4800ANY Datasheet
659Kb / 24P
   PFC/PWM Controller Combination
More results

Similar Description - FAN4800ASMY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
AN-8027 FAIRCHILD-AN-8027 Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FAN4800A FAIRCHILD-FAN4800A_09 Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
FAN4800AUN FAIRCHILD-FAN4800AUN Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
FAN4800A FAIRCHILD-FAN4800A Datasheet
659Kb / 24P
   PFC/PWM Controller Combination
FAN3988IL6X-F113 FAIRCHILD-FAN3988IL6X-F113 Datasheet
992Kb / 21P
   PFC/ PWM Controller Combination
logo
Texas Instruments
UCC28500-12 TI1-UCC28500-12 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
UCC28521 TI1-UCC28521_16 Datasheet
790Kb / 34P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLER
UCC28500 TI-UCC28500 Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
UCC18500 TI-UCC18500 Datasheet
91Kb / 8P
[Old version datasheet]   BiCMOS PFC/PWM Combination Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com